Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8674DS120R4G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCV8674DS120R4G
Description  Very Low Iq Low Dropout Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8674DS120R4G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCV8674DS120R4G Datasheet HTML 3Page - ON Semiconductor NCV8674DS120R4G Datasheet HTML 4Page - ON Semiconductor NCV8674DS120R4G Datasheet HTML 5Page - ON Semiconductor NCV8674DS120R4G Datasheet HTML 6Page - ON Semiconductor NCV8674DS120R4G Datasheet HTML 7Page - ON Semiconductor NCV8674DS120R4G Datasheet HTML 8Page - ON Semiconductor NCV8674DS120R4G Datasheet HTML 9Page - ON Semiconductor NCV8674DS120R4G Datasheet HTML 10Page - ON Semiconductor NCV8674DS120R4G Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
NCV8674
http://onsemi.com
9
Circuit Description
The NCV8674 is a precision trimmed 5.0 V or 12 V fixed
output regulator. Careful management of light load
consumption combined with a low leakage process results
in a typical quiescent current of 30
mA. The device has
current capability of 350 mA, with 600 mV of dropout
voltage at full rated load current. The regulation is provided
by a PNP pass transistor controlled by an error amplifier
with a bandgap reference. The regulator is protected by
both current limit and short circuit protection. Thermal
shutdown occurs above 150
°C to protect the IC during
overloads and extreme ambient temperatures.
Regulator
The error amplifier compares the reference voltage to a
sample of the output voltage (Vout) and drives the base of
a PNP series pass transistor by a buffer. The reference is a
bandgap design to give it a temperature−stable output.
Saturation control of the PNP is a function of the load
current and input voltage. Over saturation of the output
power device is prevented, and quiescent current in the
ground pin is minimized. The NCV8674 is equipped with
foldback current protection. This protection is designed to
reduce the current limit during an overcurrent situation.
Regulator Stability Considerations
The input capacitor CIN in Figure 2 is necessary for
compensating input line reactance. Possible oscillations
caused by input inductance and input capacitance can be
damped by using a resistor of approximately 1
W in series
with CIN. The output or compensation capacitor, COUT
helps determine three main characteristics of a linear
regulator: startup delay, load transient response and loop
stability. The capacitor value and type should be based on
cost, availability, size and temperature constraints.
Tantalum, aluminum electrolytic, film, or ceramic
capacitors are all acceptable solutions, however, attention
must be paid to ESR constraints. The aluminum
electrolytic capacitor is the least expensive solution, but, if
the circuit operates at low temperatures (−25
°C to −40°C),
both the value and ESR of the capacitor will vary
considerably. The capacitor manufacturer’s data sheet
usually provides this information. The value for the output
capacitor COUT shown in Figure 2 should work for most
applications; however, it is not necessarily the optimized
solution. Stability is guaranteed at values COUT ≥ 22 mF and
ESR
≤ 7.0 W, within the operating temperature range.
Actual limits are shown in a graph in the Typical
Characteristics section.
Calculating Power Dissipation in a Single Output
Linear Regulator
The maximum power dissipation for a single output
regulator (Figure 2) is:
IOUT(max) ) VIN(max) @ Iq (eq. 1)
PD(max) + [VIN(max) * VOUT(min)] @
Where:
VIN(max) is the maximum input voltage,
VOUT(min) is the minimum output voltage,
IOUT(max) is the maximum output current for the
application, and Iq is the quiescent current the regulator
consumes at IOUT(max).
Once the value of PD(Max) is known, the maximum
permissible value of RqJA can be calculated:
RqJA +
150oC * TA
PD
(eq. 2)
The value of RqJA can then be compared with those in
thermal resistance versus copper area graph (Figure 26).
Those designs with cooling area corresponding to RqJA’s
less than the calculated value in Equation 2 will keep the
die temperature below 150
°C. The current flow and
voltages are shown in the Measurement Circuit Diagram.
0
25
50
75
0
100
200 300 400 500 600 700 800
900
COPPER AREA (mm2)
Figure 26.
D2PAK 1 oz
D2PAK 2 oz
0.1
1
10
100
0.000001
0.0001
0.01
1
100
0
100
200 300 400 500 600 700 800
900
PULSE TIME (sec)
Figure 27. NCV8674 @ PCB Cu Area 650 mm2
PCB Cu thk 1 oz
D2PAK
Single Pulse
10
0.1
1000


Similar Part No. - NCV8674DS120R4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8674DS120R4G ONSEMI-NCV8674DS120R4G Datasheet
157Kb / 11P
   Low Dropout Linear Regulator
October, 2011 ??Rev. 3
More results

Similar Description - NCV8674DS120R4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8664DT33RKG ONSEMI-NCV8664DT33RKG Datasheet
142Kb / 14P
   Very Low Iq Low Dropout Linear Regulator
September, 2010 ??Rev. 18
NCV8664C ONSEMI-NCV8664C Datasheet
86Kb / 11P
   Very Low Iq Low Dropout Linear Regulator
November, 2014 ??Rev. 0
NCV8664C ONSEMI-NCV8664C_17 Datasheet
99Kb / 13P
   Very Low Iq Low Dropout Linear Regulator
June, 2017 ??Rev. 2
NCV8664DT33RKG ONSEMI-NCV8664DT33RKG Datasheet
165Kb / 14P
   Very Low Iq Low Dropout Linear Regulator
September, 2010 ??Rev. 18
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
   Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
NCV4264-2C ONSEMI-NCV4264-2C Datasheet
75Kb / 10P
   Low IQ Low Dropout Linear Regulator
April, 2014 ??Rev. 0
NCV4264-2C ONSEMI-NCV4264-2C_15 Datasheet
78Kb / 10P
   Low IQ Low Dropout Linear Regulator
October, 2015 ??Rev. 1
NCV4264-2 ONSEMI-NCV4264-2 Datasheet
102Kb / 11P
   Low IQ Low Dropout Linear Regulator
March, 2008 - Rev. 4
logo
Analog Devices
LT3033 AD-LT3033 Datasheet
3Mb / 24P
   Very Low Dropout Linear Regulator
logo
Maxim Integrated Produc...
MAX1793 MAXIM-MAX1793_09 Datasheet
236Kb / 11P
   Low-Dropout, Low IQ, 1A Linear Regulator
Rev 2; 9/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com