Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP3064B Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP3064B
Description  1.5 A, Step-Up/Down/ Inverting Switching Regulator with ON/OFF Function
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3064B Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP3064B Datasheet HTML 5Page - ON Semiconductor NCP3064B Datasheet HTML 6Page - ON Semiconductor NCP3064B Datasheet HTML 7Page - ON Semiconductor NCP3064B Datasheet HTML 8Page - ON Semiconductor NCP3064B Datasheet HTML 9Page - ON Semiconductor NCP3064B Datasheet HTML 10Page - ON Semiconductor NCP3064B Datasheet HTML 11Page - ON Semiconductor NCP3064B Datasheet HTML 12Page - ON Semiconductor NCP3064B Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
NCP3064, NCP3064B, NCV3064
http://onsemi.com
9
APPLICATIONS
Figures 16, 20 and 24 show the simplicity and flexibility
of the NCP3064. Two main converter topologies are
demonstrated with actual test data shown below the circuit
diagrams.
Figure 15 gives the relevant design equations for the key
parameters. Additionally, a complete application design aid
for the NCP3064 can be found at www.onsemi.com.
It is possible to create applications with external
transistors. This solution helps to increase output current and
helps with efficiency, still keeping the cost of materials low.
Another advantage of using the external transistor is higher
operating frequency, which can go up to 250 kHz. Smaller
size of the output components such as inductor and capacitor
can be used then.
(See Notes 8, 9, 10)
Step−Down
Step−Up
Voltage−Inverting
ton
toff
Vout ) VF
Vin * VSWCE * Vout
Vout ) VF * Vin
Vin * VSWCE
|Vout| ) VF
Vin * VSWCE
ton
ton
toff
f
ton
toff ) 1
ton
toff
f
ton
toff ) 1
ton
toff
f
ton
toff ) 1
CT
CT + 381.6 @ 10
*6
fosc
* 343 @ 10*12
IL(avg)
Iout
Iout
ton
toff
) 1
Iout
ton
toff
) 1
Ipk (Switch)
IL(avg) )
DIL
2
IL(avg) )
DIL
2
IL(avg) )
DIL
2
RSC
0.20
Ipk (Switch)
0.20
Ipk (Switch)
0.20
Ipk (Switch)
L
Vin * VSWCE * Vout
DIL
ton
Vin * VSWCE
DIL
ton
Vin * VSWCE
DIL
ton
Vripple(pp)
DIL
1
8 f CO
2
) (ESR)2
[
ton Iout
CO
) DIL @ ESR
[
ton Iout
CO
) DIL @ ESR
Vout
VTH
R2
R1
) 1
VTH
R2
R1
) 1
VTH
R2
R1
) 1
8. VSWCE − Darlington Switch Collector to Emitter Voltage Drop, refer to Figures 7, 5, 8 and 9.
9. VF − Output rectifier forward voltage drop. Typical value for 1N5819 Schottky barrier rectifier is 0.4 V.
10.The calculated ton/toff must not exceed the minimum guaranteed oscillator charge to discharge ratio.
Figure 15. Design Equations
The Following Converter Characteristics Must Be Chosen:
Vin − Nominal operating input voltage.
Vout − Desired output voltage.
Iout − Desired output current.
DIL − Desired peak−to−peak inductor ripple current. For maximum output current it is suggested that DIL be chosen to be
less than 10% of the average inductor current IL(avg). This will help prevent Ipk (Switch) from reaching the current limit threshold
set by RSC. If the design goal is to use a minimum inductance value, let DIL = 2(IL(avg)). This will proportionally reduce
converter output current capability.
f − Maximum output switch frequency.
Vripple(pp) − Desired peak−to−peak output ripple voltage. For best performance the ripple voltage should be kept to a low
value since it will directly affect line and load regulation. Capacitor CO should be a low equivalent series resistance (ESR)
electrolytic designed for switching regulator applications.


Similar Part No. - NCP3064B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3064BDR2G ONSEMI-NCP3064BDR2G Datasheet
1Mb / 20P
   1.5 A, Step-Up/Down/ Inverting Switching Regulator with ON/OFF Function
November, 2008 ??Rev. 4
NCP3064BMNTXG ONSEMI-NCP3064BMNTXG Datasheet
1Mb / 20P
   1.5 A, Step-Up/Down/ Inverting Switching Regulator with ON/OFF Function
November, 2008 ??Rev. 4
NCP3064BPG ONSEMI-NCP3064BPG Datasheet
1Mb / 20P
   1.5 A, Step-Up/Down/ Inverting Switching Regulator with ON/OFF Function
November, 2008 ??Rev. 4
More results

Similar Description - NCP3064B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV3064 ONSEMI-NCV3064 Datasheet
1Mb / 20P
   1.5 A, Step-Up/Down/ Inverting Switching Regulator with ON/OFF Function
November, 2008 ??Rev. 4
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063A ONSEMI-MC34063A_16 Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
NCP3063MNTXG ONSEMI-NCP3063MNTXG Datasheet
364Kb / 19P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2009 ??Rev. 9
logo
STMicroelectronics
ST1S03A STMICROELECTRONICS-ST1S03A_08 Datasheet
276Kb / 14P
   1.5 A, 1.5 MHz adjustable, with inhibit function step-down switching regulator
logo
ON Semiconductor
NCP3066 ONSEMI-NCP3066 Datasheet
1Mb / 20P
   Up to 1.5 A Constant Current Switching Regulator for LEDs with ON/OFF Function
January, 2009 ??Rev. 3
logo
STMicroelectronics
L5983 STMICROELECTRONICS-L5983_08 Datasheet
966Kb / 37P
   1.5 A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com