Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1082DER2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP1082DER2G
Description  Integrated PoE-PD & DC-DC Converter Controller with 9V Auxiliary Supply Support
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1082DER2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP1082DER2G Datasheet HTML 3Page - ON Semiconductor NCP1082DER2G Datasheet HTML 4Page - ON Semiconductor NCP1082DER2G Datasheet HTML 5Page - ON Semiconductor NCP1082DER2G Datasheet HTML 6Page - ON Semiconductor NCP1082DER2G Datasheet HTML 7Page - ON Semiconductor NCP1082DER2G Datasheet HTML 8Page - ON Semiconductor NCP1082DER2G Datasheet HTML 9Page - ON Semiconductor NCP1082DER2G Datasheet HTML 10Page - ON Semiconductor NCP1082DER2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
NCP1082
http://onsemi.com
7
Recommended Operating Conditions
Operating conditions define the limits for functional operation and parametric characteristics of the device. Note that the
functionality of the device outside the operating conditions described in this section is not warranted. Operating outside the
recommended operating conditions for extended periods of time may affect device reliability.
All values concerning the DC−DC controller, VDDH and VDDL blocks are with respect to ARTN. All others are with respect
to VPORTN1,2 (unless otherwise noted).
Table 3. Operating Conditions
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
INPUT SUPPLY
VPORT
Input supply voltage
0
57
V
VPORT = VPORTP −
VPORTN1,2
SIGNATURE DETECTION
Vsignature
Input supply voltage signature detection range
1.4
9.5
V
Rsignature
Signature resistance (Note 4)
23.75
26.25
kW
Offset_current
I_VportP + I_Rtn
1.8
5
mA
VPORTP = RTN = 1.4 V
Sleep_current
I_VportP + I_Rtn
15
25
mA
VPORTP = RTN = 9.5 V
CLASSIFICATION
Vcl
Input supply voltage classification range
13
20.5
V
Iclass0
Class 0: Rclass 10 kW (Note 5)
0
4
mA
Iclass0 = I_VportP + I_Rdet
Iclass1
Class 1: Rclass 130 W (Note 5)
9
12
mA
Iclass1 = I_VportP + I_Rdet
Iclass2
Class 2: Rclass 69.8 W (Note 5)
17
20
mA
Iclass2 = I_VportP + I_Rdet
Iclass3
Class 3: Rclass 44.2 W (Note 5)
26
30
mA
Iclass3 = I_VportP + I_Rdet
Iclass4
Class 4: Rclass 30.9 W (Note 5)
36
44
mA
Iclass4 = I_VportP + I_Rdet
IDCclass
Internal current consumption during
classification (Note 6)
600
mA
For information only
UVLO
Vuvlo_on
Default turn on voltage (VportP rising)
38
40
V
UVLO pin tied to
VPORTN1,2
Vuvlo_off
Default turn off voltage (VportP falling)
29.5
32
V
UVLO pin tied to
VPORTN1,2
Vhyst_int
UVLO internal hysteresis
6
V
UVLO pin tied to
VPORTN1,2
Vuvlo_pr
UVLO external programming range
13
50
V
UVLO pin connected to the
resistor divider (R1 & R2)
AUX pin tied to VPORTN1,2
For information only
Vuvlo_pr_aux
UVLO external programming VPORT range
with low auxiliary supply support
8.5
18
V
UVLO & AUX pins configured
for auxiliary supply support
Vhyst_ext
UVLO external hysteresis
15
%
UVLO pin connected to the
resistor divider (R1 & R2)
Uvlo_Filter
UVLO on/off filter time
90
mS
For information only
AUXILIARY SUPPLY OPERATION – INPUT SUPPLY
Vaux_min1
VPORTP−ARTN voltage at startup
(required for VDDH > VDDH_Por_R)
8.7
V
VAUX rising − No external
load on VDDL & VDDH
Vaux_min2
VPORTP−ARTN voltage during PWM opera-
tion (required for VDDH > VDDH_Por_F)
8.5
V
Voltage with respect to
Ivddl_load1 & Ivddh_load1
for the load current conditions
4. Test done according to the IEEE 802.3af 2 Point Measurement. The minimum probe voltages measured at the PoE−PD are 1.4 V and 2.4 V,
and the maximum probe voltages are 8.5 V and 9.5 V.
5. Measured with an external Rdet of 25.5 kW between VPORTP and VPORTN1,2, and for 13 V < VPORT < 20.5 V (with VPORT = VPORTP
– VPORTN1,2).
6. This typical current excludes the current in the Rclass and Rdet external resistors.


Similar Part No. - NCP1082DER2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1082DER2G ONSEMI-NCP1082DER2G Datasheet
220Kb / 17P
   Integrated PoE-PD & DC-DC Converter Controller
May, 2013 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com