Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1080DER2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP1080DER2G
Description  Integrated PoE-PD & DC-DC Converter Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1080DER2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP1080DER2G Datasheet HTML 5Page - ON Semiconductor NCP1080DER2G Datasheet HTML 6Page - ON Semiconductor NCP1080DER2G Datasheet HTML 7Page - ON Semiconductor NCP1080DER2G Datasheet HTML 8Page - ON Semiconductor NCP1080DER2G Datasheet HTML 9Page - ON Semiconductor NCP1080DER2G Datasheet HTML 10Page - ON Semiconductor NCP1080DER2G Datasheet HTML 11Page - ON Semiconductor NCP1080DER2G Datasheet HTML 12Page - ON Semiconductor NCP1080DER2G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
NCP1080
http://onsemi.com
9
Table 3. Operating Conditions
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
ERROR AMPLIFIER
Vbg_fb
Reference voltage
1.15
1.2
1.25
V
Voltage with respect to ARTN
Av_ol
DC open loop gain
80
dB
For information only
GBW
Error amplifier GBW
1
MHz
For information only
SOFT−START
Vss
Soft−start voltage range
1.15
V
Vss_r
Soft−start low threshold (rising edge)
0.35
0.45
0.55
V
Iss
Soft−start source current
3
5
7
mA
CURRENT LIMIT COMPARATOR
CSth
CS threshold voltage
324
360
396
mV
Tblank
Blanking time
100
nS
For information only
OSCILLATOR
DutyC
Maximum duty cycle
80%
Fixed internally
Frange
Oscillator frequency range
100
500
kHz
F_acc
Oscillator frequency accuracy
±25
%
CURRENT CONSUMPTION
IvportP1
VPORTP internal current consumption
(Note 10)
2.5
3.5
mA
DC−DC controller off
IvportP2
VPORTP internal current consumption
(Note 11)
4.7
6.5
mA
DC−DC controller on
THERMAL SHUTDOWN
TSD
Thermal shutdown threshold
150
°C Tj
Tj = junction temperature
Thyst
Thermal hysteresis
15
°C Tj
Tj = junction temperature
THERMAL RATINGS
Ta
Ambient temperature
−40
85
°C
Tj
Junction temperature
125
150
°C
°C
Parametric values guaranteed
Max 1000 hours
10.Conditions
a. No current through the pass−switch
b. DC−DC controller inactive (SS shorted to RTN)
c. No external load on VDDH and VDDL
d. VPORTP = 57 V
11. Conditions
a. No current through the pass−switch
b. Oscillator frequency = 100 kHz
c. No external load on VDDH and VDDL
d. Aux winding not used
e. 2 nF on GATE, DC−DC controller enabled
f. VPORTP = 57 V


Similar Part No. - NCP1080DER2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1080DER2G ONSEMI-NCP1080DER2G Datasheet
227Kb / 15P
   Integrated PoE-PD & DC-DC Converter Controller
May, 2013 ??Rev. 7
More results

Similar Description - NCP1080DER2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1080 ONSEMI-NCP1080_13 Datasheet
227Kb / 15P
   Integrated PoE-PD & DC-DC Converter Controller
May, 2013 ??Rev. 7
NCP1082 ONSEMI-NCP1082_13 Datasheet
220Kb / 17P
   Integrated PoE-PD & DC-DC Converter Controller
May, 2013 ??Rev. 3
NCP1081 ONSEMI-NCP1081 Datasheet
239Kb / 17P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller
September, 2008 ??Rev. 4
NCP1083 ONSEMI-NCP1083_13 Datasheet
263Kb / 18P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller
May, 2013 ??Rev. 3
logo
Kinetic Technologies.
KTA1137A KINETIC-KTA1137A Datasheet
980Kb / 22P
   IEEE 802.3at PoE PD with Integrated DC-DC Controller
November 2019 - Revision 04a
logo
ON Semiconductor
NCP1082 ONSEMI-NCP1082 Datasheet
201Kb / 16P
   Integrated PoE-PD & DC-DC Converter Controller with 9V Auxiliary Supply Support
November, 2008 ??Rev. 0
NCP1081 ONSEMI-NCP1081_13 Datasheet
262Kb / 18P
   Integrated High Power PoE-PD Interface & DC-DC Converter Contr
May, 2013 ??Rev. 7
logo
List of Unclassifed Man...
AS1138 ETC2-AS1138 Datasheet
1Mb / 30P
   30W PoE PD and DC-DC Controller
logo
Murata Manufacturing Co...
MYBSP01206AZFT MURATA1-MYBSP01206AZFT Datasheet
12Mb / 13P
   Isolated DC-DC converter for PoE PD
2018
logo
ON Semiconductor
NCP1083 ONSEMI-NCP1083 Datasheet
246Kb / 17P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller with 9V Auxiliary Supply Support
November, 2008 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com