Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1080DEG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1080DEG
Description  Integrated PoE-PD & DC-DC Converter Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1080DEG Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1080DEG Datasheet HTML 1Page - ON Semiconductor NCP1080DEG Datasheet HTML 2Page - ON Semiconductor NCP1080DEG Datasheet HTML 3Page - ON Semiconductor NCP1080DEG Datasheet HTML 4Page - ON Semiconductor NCP1080DEG Datasheet HTML 5Page - ON Semiconductor NCP1080DEG Datasheet HTML 6Page - ON Semiconductor NCP1080DEG Datasheet HTML 7Page - ON Semiconductor NCP1080DEG Datasheet HTML 8Page - ON Semiconductor NCP1080DEG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2008
September, 2008 − Rev. 4
1
Publication Order Number:
NCP1080/D
NCP1080
Integrated PoE-PD & DC-DC
Converter Controller
Introduction
The NCP1080 is a member of ON Semiconductor’s Power over
Ethernet Powered Device (PoE−PD) product family and represents a
robust, flexible and highly integrated solution targeting demanding
Ethernet applications. It combines in a single unit an enhanced
PoE−PD interface fully supporting the IEEE802.3af specification and
a flexible and configurable DC−DC converter controller.
The NCP1080’s exceptional capabilities offer new opportunities for
the design of products powered directly over Ethernet lines,
eliminating the need for local power adaptors or power supplies and
drastically reducing the overall installation and maintenance cost.
ON Semiconductor’s unique manufacturing process and design
enhancements allow the NCP1080 to deliver up to 13 W of regulated
power to support PoE applications according to the IEEE802.3af
standard. This device leverages the significant cost advantages of
PoE−enabled systems to a broad spectrum of products in markets such
as VoIP phones, wireless LAN access point, security cameras, point of
sales terminals, RFID readers, industrial ethernet devices, etc.
The integrated current mode DC−DC controller facilitates isolated
and non−isolated fly−back, forward and buck converter topologies. It
has all the features necessary for a flexible, robust and highly efficient
design including programmable switching frequency, duty cycle up to
80 percent, slope compensation, and soft start−up.
The NCP1080 is fabricated in a robust high voltage process and
integrates a rugged vertical N−channel DMOS with a low loss current
sense technique suitable for the most demanding environments and
capable of withstanding harsh environments such as hot swap and
cable ESD events.
The NCP1080 complements ON Semiconductor’s ASSP portfolio
in communications and industrial devices and can be combined with
other high−voltage interfacing devices to offer complete solutions to
the communication, industrial and security markets.
Features
Powered Device Interface
Fully supports IEEE802.3af standard
Regulated power output up to 13 W
Programmable classification current
Adjustable under voltage lock out
Programmable inrush current limit
Programmable operational current limit up to 500 mA
Over−temperature protection
Industrial temperature range −40°C to 85°C with full
operation up to 150
°C junction temperature
0.6 ohm hot−swap pass−switch with low loss current
sense technique
Vertical N−channel DMOS pass−switch offers the
robustness of discrete MOSFETs with integrated
temperature control
DC−DC Converter Controller
Current mode control
Supports isolated and non−isolated DC−DC converter
applications
Internal voltage regulators
Wide duty cycle range with internal slope
compensation circuitry
Programmable oscillator frequency
Programmable soft−start time
http://onsemi.com
NCP1080 = Specific Device Code
XXXX = Date Code
Y
= Assembly Location
ZZ
= Traceability Code
TSSOP−20 EP
DE SUFFIX
CASE 948AB
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION


Similar Part No. - NCP1080DEG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1080DEG ONSEMI-NCP1080DEG Datasheet
227Kb / 15P
   Integrated PoE-PD & DC-DC Converter Controller
May, 2013 ??Rev. 7
More results

Similar Description - NCP1080DEG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1080 ONSEMI-NCP1080_13 Datasheet
227Kb / 15P
   Integrated PoE-PD & DC-DC Converter Controller
May, 2013 ??Rev. 7
NCP1082 ONSEMI-NCP1082_13 Datasheet
220Kb / 17P
   Integrated PoE-PD & DC-DC Converter Controller
May, 2013 ??Rev. 3
NCP1081 ONSEMI-NCP1081 Datasheet
239Kb / 17P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller
September, 2008 ??Rev. 4
NCP1083 ONSEMI-NCP1083_13 Datasheet
263Kb / 18P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller
May, 2013 ??Rev. 3
logo
Kinetic Technologies.
KTA1137A KINETIC-KTA1137A Datasheet
980Kb / 22P
   IEEE 802.3at PoE PD with Integrated DC-DC Controller
November 2019 - Revision 04a
logo
ON Semiconductor
NCP1082 ONSEMI-NCP1082 Datasheet
201Kb / 16P
   Integrated PoE-PD & DC-DC Converter Controller with 9V Auxiliary Supply Support
November, 2008 ??Rev. 0
NCP1081 ONSEMI-NCP1081_13 Datasheet
262Kb / 18P
   Integrated High Power PoE-PD Interface & DC-DC Converter Contr
May, 2013 ??Rev. 7
logo
List of Unclassifed Man...
AS1138 ETC2-AS1138 Datasheet
1Mb / 30P
   30W PoE PD and DC-DC Controller
logo
Murata Manufacturing Co...
MYBSP01206AZFT MURATA1-MYBSP01206AZFT Datasheet
12Mb / 13P
   Isolated DC-DC converter for PoE PD
2018
logo
ON Semiconductor
NCP1083 ONSEMI-NCP1083 Datasheet
246Kb / 17P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller with 9V Auxiliary Supply Support
November, 2008 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com