Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP370MUAITXG Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP370MUAITXG
Description  Positive and Negative Overvoltage Protection with Internal Low RON N-MOSFETs and Reverse Charge Control Pin
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP370MUAITXG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP370MUAITXG Datasheet HTML 3Page - ON Semiconductor NCP370MUAITXG Datasheet HTML 4Page - ON Semiconductor NCP370MUAITXG Datasheet HTML 5Page - ON Semiconductor NCP370MUAITXG Datasheet HTML 6Page - ON Semiconductor NCP370MUAITXG Datasheet HTML 7Page - ON Semiconductor NCP370MUAITXG Datasheet HTML 8Page - ON Semiconductor NCP370MUAITXG Datasheet HTML 9Page - ON Semiconductor NCP370MUAITXG Datasheet HTML 10Page - ON Semiconductor NCP370MUAITXG Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
NCP370
http://onsemi.com
8
Negative Voltage and Reverse Current.
The device protects the downstream side from negative
voltage occurring on the IN pin, down to −28 V. When a
negative voltage occurs, the output is disconnected from the
IN pins.
Reverse Mode
In Reverse Mode, an external accessory plugged into the
bottom connector can be powered by the internal battery of
the system.
To access to the reverse mode, DIR pin must be tied high
(> 1.2) and REV must be tied high to low (< 0.55 V).
In this case, the core of the NCP370 will be supplied by the
battery, with a 2.5 V minimum voltage and 5.5 V maximum
voltage.
In this reverse state, both OCP and thermal modes are
available.
Overcurrent Protection (OCP)
This device integrates the reverse over current protection
function, from battery to external accessory.
That means the current across the internal NMOS is
limited when the value, set by the external Rlimit resistor,
exceeds IOCP.
An internal resistor is placed in series with the Ilim pin
allowing a maximum OCP value when Ilim pin is directly
connected to GND.
By adding external resistors in series from Ilim to GND,
the OCP value is lowered. See below table:
Typical Current clamp table:
Table 3. OVERCURRENT THRESHOLD SELECTION
OCP
RLIMIT
(A)
(kW)
1.6
0
1.0
14
0.5
70
During an overcurrent event, the N−MOSFETs turn off
and FLAG output goes low, allowing the micro−controller
to process the fault event and then disable reverse charge
path.
At power up (accessory is plugged on input pins), the
current is limited up to Ilim for 1.2 ms (typical), to allow
capacitor charge and limit inrush current. If the Ilim
threshold is exceeded over 1.2 ms, the device enters
OCP burst mode until the overcurrent event disappears.
After 1 ms following the plug in of the accessory, the OCP
mode is engaged. See Figure 5.
tstartREV
Figure 5. Overcurrent Protection Sequence
Vin
REV
DIR
FLAG
Vout
Ilim
Drive Current in Accessory
ID
IREV
Accessory ID
Detection
tREG
tRRD
tonREV


Similar Part No. - NCP370MUAITXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP370MUAITXG ONSEMI-NCP370MUAITXG Datasheet
220Kb / 11P
   Positive and Negative Overvoltage Protection
July, 2011 ??Rev. 6
More results

Similar Description - NCP370MUAITXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP372 ONSEMI-NCP372 Datasheet
250Kb / 12P
   Positive and Negative Overvoltage Protection Controller with Internal Low Ron NMOS FETs and Status FLAG
April, 2009 ??Rev. 0
NCP370 ONSEMI-NCP370_11 Datasheet
220Kb / 11P
   Positive and Negative Overvoltage Protection
July, 2011 ??Rev. 6
NCP347 ONSEMI-NCP347 Datasheet
305Kb / 13P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET and Status FLAG
September, 2007 - Rev. 0
NCP348AEMTTBG ONSEMI-NCP348AEMTTBG Datasheet
488Kb / 13P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET and Status FLAG
May, 2010 ??Rev. 6
logo
Kinetic Technologies.
KTS1677A KINETIC-KTS1677A Datasheet
620Kb / 15P
   Low RON Load Switch with Overvoltage and Reverse Blocking Protection
September 2021 - Revision 04d
logo
ON Semiconductor
NCP349 ONSEMI-NCP349 Datasheet
465Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
March, 2009 ??Rev. 0
NCP349MNTBG ONSEMI-NCP349MNTBG Datasheet
314Kb / 13P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
September, 2012 ??Rev. 3
NCP349MNBKTBG ONSEMI-NCP349MNBKTBG Datasheet
306Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
September, 2012 ??Rev. 3
NCP391 ONSEMI-NCP391 Datasheet
305Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
August, 2011 ??Rev. 1
NCP391 ONSEMI-NCP391 Datasheet
305Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
August, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com