Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3N3020DTG Datasheet(PDF) 8 Page - ON Semiconductor

Part # NB3N3020DTG
Description  3.3 V, LV-PECL/LV-CMOS Clock Multiplier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N3020DTG Datasheet(HTML) 8 Page - ON Semiconductor

  NB3N3020DTG Datasheet HTML 1Page - ON Semiconductor NB3N3020DTG Datasheet HTML 2Page - ON Semiconductor NB3N3020DTG Datasheet HTML 3Page - ON Semiconductor NB3N3020DTG Datasheet HTML 4Page - ON Semiconductor NB3N3020DTG Datasheet HTML 5Page - ON Semiconductor NB3N3020DTG Datasheet HTML 6Page - ON Semiconductor NB3N3020DTG Datasheet HTML 7Page - ON Semiconductor NB3N3020DTG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
NB3N3020
http://onsemi.com
8
ORDERING INFORMATION
Device
Package
Shipping
NB3N3020DTG
TSSOP−16
(Pb−Free)
96 Units / Rail
NB3N3020DTR2G
TSSOP−16
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
NB3N3020/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NB3N3020DTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N3020DTG ONSEMI-NB3N3020DTG Datasheet
136Kb / 9P
   3.3 V, LVPECL/LVCMOS Clock Multiplier
January, 2014 ??Rev. 4
NB3N3020DTGEVB ONSEMI-NB3N3020DTGEVB Datasheet
136Kb / 9P
   3.3 V, LVPECL/LVCMOS Clock Multiplier
January, 2014 ??Rev. 4
More results

Similar Description - NB3N3020DTG

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
RFX300 FOX-RFX300 Datasheet
81Kb / 1P
   3.3V LV-PECL XO
logo
Kyocera Kinseki Corpota...
KC5032P-P2 KSS-KC5032P-P2 Datasheet
163Kb / 1P
   LV-PECL/ 2.5V/ 5.0횞3.2mm
KC5032P-P3 KSS-KC5032P-P3 Datasheet
164Kb / 1P
   LV-PECL/ 3.3V/ 5.0횞3.2mm
logo
Fox Electronics
RFV300 FOX-RFV300 Datasheet
264Kb / 1P
   3.3V LV-PECL VCXO
logo
Kyocera Kinseki Corpota...
KC7050G-P3 KSS-KC7050G-P3 Datasheet
144Kb / 1P
   LV-PECL/ 3.3V/ 7.0횞5.0mm
logo
Fox Electronics
F4600U FOX-F4600U Datasheet
575Kb / 2P
   LV-PECL 3.3V Oscillator
logo
Golledge Electronics Lt...
GXO-E72J GOLLEDGE-GXO-E72J Datasheet
607Kb / 5P
   2.5V Oscillator with LV-PECL Output 2.5V Oscillator with LV-PECL Output
GXO-E71 GOLLEDGE-GXO-E71_16 Datasheet
151Kb / 2P
   3.3V Complementary LV-PECL Oscillator
GXO-E72 GOLLEDGE-GXO-E72_16 Datasheet
197Kb / 2P
   2.5V & 3.3V LV-PECL Oscillator
GVXO54 GOLLEDGE-GVXO54 Datasheet
62Kb / 1P
   3.3V VCXO Complementary LV-PECL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com