Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NGA-286 Datasheet(PDF) 1 Page - SIRENZA MICRODEVICES

Part # NGA-286
Description  DC-6000 MHz, Cascadable GaAs HBT MMIC Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

NGA-286 Datasheet(HTML) 1 Page - SIRENZA MICRODEVICES

  NGA-286 Datasheet HTML 1Page - SIRENZA MICRODEVICES NGA-286 Datasheet HTML 2Page - SIRENZA MICRODEVICES NGA-286 Datasheet HTML 3Page - SIRENZA MICRODEVICES NGA-286 Datasheet HTML 4Page - SIRENZA MICRODEVICES NGA-286 Datasheet HTML 5Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EDS-101102 Rev OBS
1
Preliminary
Product Description
522 Almanor Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC
http://www.sirenza.com
The information provided herein is believed to be reliable at press time. Sirenza Microdevices assumes no responsibility for inaccuracies or omissions. Sirenza Microdevices assumes no responsibility for the use of
this information, and all such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are
implied or granted to any third party. Sirenza Microdevices does not authorize or warrant any Sirenza Microdevices product for use in life-support devices and/or systems. Copyright 2001 Sirenza Microdevices, Inc..
All worldwide rights reserved.
0
5
10
15
20
25
0
1
2
3
4
56
78
NGA-286
DC-6000 MHz, Cascadable GaAs
HBT MMIC Amplifier
Product Features
• High Gain: 14.8dB at 1950Mhz
• Cascadable 50 ohm: 1.3:1 VSWR
• Operates from Single Supply
• Low Thermal Resistance Package
• Unconditionally Stable
Applications
• PA Driver Amplifier
• Cellular, PCS, GSM, UMTS
• IF Amplifier
• Wireless Data, Satellite
dB
Small Signal Gain vs. Frequency
Sirenza Microdevices’ NGA-286 is a high performance Gallium
Arsenide Heterojunction Bipolar Transistor MMIC Amplifier. De-
signed with InGaP process technology for improved reliability, a
Darlington configuration is utilized for broadband performance up
to 6 Ghz. The heterojunction increases breakdown voltage and
minimizes leakage current between junctions. Cancellation of
emitter junction non-linearities results in higher suppression of
intermodulation products.
Frequency GHz
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
s
t
i
n
U
y
c
n
e
u
q
e
r
F
.
n
i
M
.
p
y
T
.
x
a
M
P
B
d
1
n
o
i
s
s
e
r
p
m
o
C
B
d
1
t
a
r
e
w
o
P
t
u
p
t
u
Om
B
d
z
H
M
0
5
8
z
H
M
0
5
9
1
z
H
M
0
0
4
2
2
.
5
1
2
.
5
1
5
.
5
1
P
I
O
3
t
n
i
o
P
t
p
e
c
r
e
t
n
I
r
e
d
r
O
d
ri
h
T
t
u
p
t
u
Om
B
d
z
H
M
0
5
8
z
H
M
0
5
9
1
z
H
M
0
0
4
2
0
.
2
3
4
.
1
3
9
.
0
3
Gn
i
a
G
l
a
n
g
i
S
ll
a
m
SB
d
z
H
M
0
5
8
z
H
M
0
5
9
1
z
H
M
0
0
4
2
6
.
5
1
8
.
4
1
4
.
4
1
h
t
d
i
w
d
n
a
B
)
B
d
0
1
>
(
s
s
o
L
n
r
u
t
e
R
y
b
d
e
n
i
m
r
e
t
e
Dz
H
M0
0
8
3
R
W
S
V
t
u
p
n
I-
z
H
M
0
0
0
5
-
C
D1
:
3
.
1
R
W
S
V
t
u
p
t
u
O-
z
H
M
0
0
0
5
-
C
D1
:
3
.
1
F
Ne
r
u
g
i
F
e
s
i
o
NB
dz
H
M
0
0
0
24
.
3
V
D
e
g
a
tl
o
V
g
n
it
a
r
e
p
O
e
c
i
v
e
DV
0
.
4
I
D
t
n
e
r
r
u
C
g
n
it
a
r
e
p
O
e
c
i
v
e
DA
m5
40
55
5
R
H
T
l
-j
,
)
d
a
e
l
o
t
n
o
it
c
n
u
j
(
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
TW
/
C
°0
2
1
Test Conditions:
V
S = 8 V
I
D = 50 mA Typ.
OIP
3 Tone Spacing = 1 MHz, Pout per tone = 0 dBm
R
BIAS = 75 Ohms
T
L = 25ºC
Z
S = ZL = 50 Ohms
See Application Note AN-059 for Alternates
OBSOLETE


Similar Part No. - NGA-286

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NGA-286 ETC-NGA-286 Datasheet
351Kb / 5P
   DC-6000 MHZ CASCADABLE GAAS HBT MMIC AMPLIFIER
More results

Similar Description - NGA-286

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NGA-686 ETC-NGA-686 Datasheet
351Kb / 5P
   DC-6000 MHZ CASCADABLE GAAS HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
NGA-686 SIRENZA-NGA-686 Datasheet
351Kb / 5P
   DC-6000 MHZ CASCADABLE GAAS HBT MMIC AMPLIFIER
NGA-186 SIRENZA-NGA-186 Datasheet
386Kb / 5P
   DC-6000 MHZ, CASCADABLE GAAS HBT MMIC AMPLIFIER
logo
List of Unclassifed Man...
NGA-286 ETC-NGA-286 Datasheet
351Kb / 5P
   DC-6000 MHZ CASCADABLE GAAS HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
NGA-689 SIRENZA-NGA-689 Datasheet
482Kb / 6P
   DC-5000 MHz, Cascadable GaAs HBT MMIC Amplifier
logo
List of Unclassifed Man...
NGA-689 ETC-NGA-689 Datasheet
412Kb / 8P
   DC-5000 MHz, Cascadable GaAs HBT MMIC Amplifier
logo
Stanford Microdevices
NGA-386 STANFORD-NGA-386 Datasheet
283Kb / 7P
   DC-5000 MHz, Cascadable GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
NGA-386 SIRENZA-NGA-386 Datasheet
353Kb / 5P
   DC-5000 MHz, Cascadable GaAs HBT MMIC Amplifier
SBF-4089 SIRENZA-SBF-4089 Datasheet
230Kb / 5P
   DC-500 MHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
List of Unclassifed Man...
SBF-4089 ETC1-SBF-4089 Datasheet
229Kb / 5P
   DC-500 MHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com