Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML5805 Datasheet(PDF) 12 Page - RF Micro Devices

Part # ML5805
Description  5.8GHz Variable Data Rate FSK Transceiver with Integrated PA
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

ML5805 Datasheet(HTML) 12 Page - RF Micro Devices

Back Button ML5805 Datasheet HTML 8Page - RF Micro Devices ML5805 Datasheet HTML 9Page - RF Micro Devices ML5805 Datasheet HTML 10Page - RF Micro Devices ML5805 Datasheet HTML 11Page - RF Micro Devices ML5805 Datasheet HTML 12Page - RF Micro Devices ML5805 Datasheet HTML 13Page - RF Micro Devices ML5805 Datasheet HTML 14Page - RF Micro Devices ML5805 Datasheet HTML 15Page - RF Micro Devices ML5805 Datasheet HTML 16Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
ML5805
RF MICRO DEVICES®, RFMD®, OPTIMUM TECHNOLOGY MATCHING®, ENABLING WIRELESS CONNECTIVITY™, POWERSTAR®, POLARIS™ TOTAL RADIO™ ULTIMATEBLUE™ AND FASTWAVE™ ARE TRADEMARKS OF RFMD, LLC. BLUETOOTH IS A TRADEMARK OWNED BY
BLUETOOTH SIG, INC., U.S.A. AND LICENSED FOR USE BY RFMD. ALL OTHER TRADE NAMES, TRADEMARKS AND REGISTERED TRADEMARKS ARE THE PROPERTY OF THEIR RESPECTIVE OWNERS. ©2006, RF MICRO DEVICES, INC.
PRELIMINARY DATA SHEET
APRIL 2008
EDS-106041 REV P01
7628 THORNDIKE ROAD, GREENSBORO, NC 27409-9421 · FOR SALES OR TECHNICAL
REV A1 DS071026 SUPPORT, CONTACT RFMD AT (+1) 336-678-5570 OR SALES-SUPPORT@RFMD.COM
12
FUNCTIONAL DESCRIPTION
Figure 1: ML5805 Block Diagram
The ML5805 is a single chip wireless digital transceiver. The ML5805 integrates all the frequency generation, receiver
and transmit functions requiring only a TR switch to form a complete 5.725 – 5.850GHz ISM band radio. The ML5805
is designed to transmit and receive 576kbps to 2.048Mbps signals using channels spaced from 1.728MHz to 4.096MHz
over the 5.725 – 5.850GHz ISM band.
RECEIVER
The ML5805 contains a dual conversion, low-IF receiver with all channel selectivity on-chip. The signal enters through a
differential LNA to the 1
st mixer which down-converts the 5.8GHz input to a high 1st IF of 1.9GHz, followed by an image
reject 2nd mixer that brings this IF signal down to a low IF frequency. On chip IF filtering, gain and demodulation are
performed at; a 864KHz IF frequency for the 576kbps and 1.152Mbps data rate, a 1.024MHz IF frequency for the
1.536Mbps data rate or a 2.048MHz IF frequency for the 1.755Mbps and 2.048Mbps data rates.
No external filters or production tuning are required. A post detection filter and data slicer are also provided to complete
the receiver. The DATASEL pin allows selection between two different time constants in the data slicer. Rx clock
recovery is optionally performed for the 1.152Mbps, 1.536Mbps, 1.755Mpbs, 2.048Mbps data rate to aid those
applications using a simple microcontroller based MODEM. A receive signal strength indication (RSSI) signal is also


Similar Part No. - ML5805

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML5800 MICRO-LINEAR-ML5800 Datasheet
1Mb / 24P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML5800 MICRO-LINEAR-ML5800 Datasheet
277Kb / 25P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML5800DM MICRO-LINEAR-ML5800DM Datasheet
1Mb / 24P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML5800DM MICRO-LINEAR-ML5800DM Datasheet
277Kb / 25P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML5800DM-T MICRO-LINEAR-ML5800DM-T Datasheet
1Mb / 24P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
More results

Similar Description - ML5805

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML5800 MICRO-LINEAR-ML5800_06 Datasheet
277Kb / 25P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML5800 MICRO-LINEAR-ML5800 Datasheet
1Mb / 24P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
logo
Texas Instruments
TCAN4550-Q1 TI1-TCAN4550-Q1_19 Datasheet
1Mb / 142P
[Old version datasheet]   Automotive Control Area Network Flexible Data Rate (CAN FD) Controller with Integrated Transceiver
logo
Microchip Technology
MCP25612FD MICROCHIP-MCP25612FD Datasheet
542Kb / 26P
   Dual CAN Flexible Data-Rate Transceiver
01/27/15
logo
Maxim Integrated Produc...
MAX7031MATJ50 MAXIM-MAX7031MATJ50 Datasheet
234Kb / 20P
   FSK Transceiver with Fractional-N PLL
Rev 3; 11/10
logo
Texas Instruments
TCAN4551-Q1 TI1-TCAN4551-Q1 Datasheet
1Mb / 138P
[Old version datasheet]   TCAN4551-Q1 Automotive Control Area Network Flexible Data Rate (CAN FD) Controller with Integrated Transceiver
logo
Semtech Corporation
SX1233 SEMTECH-SX1233 Datasheet
1Mb / 81P
   High Bit Rate Transceiver Low Power Integrated UHF Transceiver
logo
AMIC Technology
A7101 AMICC-A7101 Datasheet
297Kb / 22P
   2.4GHz FSK Transceiver
logo
Semtech Corporation
SX1231H SEMTECH-SX1231H Datasheet
970Kb / 82P
   Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
SX1231J SEMTECH-SX1231J Datasheet
970Kb / 82P
   Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com