Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA69 Datasheet(PDF) 5 Page - Cirrus Logic

Part # PA69
Description  POWER OPERATIONAL AMPLIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA69 Datasheet(HTML) 5 Page - Cirrus Logic

  PA69_07 Datasheet HTML 1Page - Cirrus Logic PA69_07 Datasheet HTML 2Page - Cirrus Logic PA69_07 Datasheet HTML 3Page - Cirrus Logic PA69_07 Datasheet HTML 4Page - Cirrus Logic PA69_07 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690–8600 • FAX (520) 888–3329 • ORDERS (520) 690–8601 • EMAIL prodlit@apexmicrotech.com
5
POWER SUPPLY BYPASSING
Bypass capacitors to power supply terminals +Vs and –Vs
must be connected physically close to the pins to prevent local
parasitic oscillation in the output stage of the PA69. Use high
quality ceramic capacitors (X7R) 0.1μF or greater.
SUPPLY CURRENT
The PA69 features a class A/B driver stage to drive the output
MOSFETs and an innovative input stage to achieve very high
slew rates. The supply current drawn by the PA69, even with
no load, varies with the slew rate of the output signal.
STABILITY
The PA69 is externally compensated and performance can
be tailored to the application. Use the graphs of small signal
response and power response as a guide. Due to the innovative
design of the PA69, two compensation networks are required.
The values of these components should be the same to pro-
vide symmetric slew rate characteristics. The compensation
capacitor Cc must be rated at 500V working voltage. NPO
capacitors are recommended. The compensation networks
CcRc must be mounted closely to the amplifier pins 8 & 11
and 3 & 10 to avoid spurious oscillation.
The PA69 may require an external 33 pF capacitor (mini-
mum breakdown of 350V) between Cc– and –Vs to prevent
oscillations in the falling edge of the output. This capacitor
is provided with the evaluation kit. Please refer to EK60U
datasheet for details.
ELECTROSTATIC DISCHARGE
Like many high performance MOSFET amplifiers, the PA69
very sensitive to damage due to electrostatic discharge (ESD).
Failure to follow proper ESD handling procedures could have
results ranging from reduced operating performance to cata-
strophic damage. Minimum proper handling includes the use
of grounded wrist or shoe straps, grounded work surfaces.
Ionizers directed at the work in progress can neutralize the
charge build up in the work environment and are strongly
recommended.
GENERAL
Please read Application Note 1 “General Operating Consid-
erations” which covers stability, power supplies, heat sinking,
mounting, current limit, SOA interpretation, and specification
interpretation. Visit www.apexmicrotech.com for design tools
that help automate tasks such as calculations for stability,
internal power dissipation, current limit, heat sink selection,
Apex’s complete Application Notes library, Technical Seminar
Workbook and Evaluation Kits.
SPECIAL CONSIDERATIONS
It is very important to realize that in order to achieve
high frequency performance the heat sink tab has to be
tied to a stable, low impedance reference, i.e. power sup-
ply or GND. An AC connection through a 0.1µF capacitor
is also sufficient. Internal to the PA69, the heatsink tab
is electrically isolated to more than 350V . This may help
allay some electrical isolation concerns in tying the heat
sink to Vs or GND.
CURRENT LIMIT
For proper operation, the current limit resistor, R
LIM, must
be connected as shown in the external connections diagram.
For maximum reliability and protection, the resistor should be
set as high as possible. The maximum practical value using
the following formula is 12 ohms. For even lower current limit
values, please see the CURRENT LIMIT vs. RESISTOR graph
on the TYPICAL PERFORMANCE GRAPHS page.
R
LIM = 0.7 / ILIM
OPERATING
CONSIDERATIONS
This data sheet has been carefully checked and is believed to be reliable, however, no responsibility is assumed for possible inaccuracies or omissions. All specifications are subject to change without notice.
PA69U REV A1 JULY 2007 © 2007 Apex Microtechnology Corp.
PA69


Similar Part No. - PA69_07

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA69 APEX-PA69 Datasheet
415Kb / 4P
   POWER OPERATIONAL AMPLIFIER
PA69 CIRRUS-PA69 Datasheet
447Kb / 9P
   Power Operational Amplifier
More results

Similar Description - PA69_07

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
   Power Operational Amplifier
logo
Cirrus Logic
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
   Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
   Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
   Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
   Power Operational Amplifier
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
   Power Operational Amplifier
MP108 CIRRUS-MP108 Datasheet
212Kb / 5P
   Power Operational Amplifier
MP111 CIRRUS-MP111 Datasheet
219Kb / 5P
   Power Operational Amplifier
MP240 CIRRUS-MP240_09 Datasheet
478Kb / 7P
   Power Operational Amplifier
PA86 APEX-PA86_07 Datasheet
312Kb / 5P
   POWER OPERATIONAL AMPLIFIER
PA04 CIRRUS-PA04 Datasheet
205Kb / 5P
   Power Operational Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com