Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML2724 Datasheet(PDF) 8 Page - Micro Linear Corporation

Part # ML2724
Description  2.4GHz Low-IF 1.5Mbps FSK Transceiver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2724 Datasheet(HTML) 8 Page - Micro Linear Corporation

Back Button ML2724_05 Datasheet HTML 4Page - Micro Linear Corporation ML2724_05 Datasheet HTML 5Page - Micro Linear Corporation ML2724_05 Datasheet HTML 6Page - Micro Linear Corporation ML2724_05 Datasheet HTML 7Page - Micro Linear Corporation ML2724_05 Datasheet HTML 8Page - Micro Linear Corporation ML2724_05 Datasheet HTML 9Page - Micro Linear Corporation ML2724_05 Datasheet HTML 10Page - Micro Linear Corporation ML2724_05 Datasheet HTML 11Page - Micro Linear Corporation ML2724_05 Datasheet HTML 12Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
ML2724
DS2724-F-03
FINAL DATASHEET
DECEMBER 2005
8
PIN
SIGNAL
NAME
I/O
FUNCTION
DIAGRAM
24
VCCA
PWR
DC power supply Input to Voltage
Regulators and unregulated loads: 2.7 to
3.8V. VCCA is the main (or master)
analog VCC pin. There must be
capacitors to ground from this pin to
decouple (bypass) supply noise.
N/A
25
GNDDMD
GND
DC ground to IF, Demodulator, and Data
Slicer circuits.
N/A
27
RVQMIF
PWR
DC power supply decoupling point for
Quadrature Mixer and IF filter circuits. A
220nF capacitor must be tied between
this pin and ground to decouple (bypass)
noise and to stabilize the regulator.
N/A
29
RVDMD
PWR
DC power supply decoupling point for IF,
Demodulator, and Data Slicer circuits. A
220nF capacitor must be tied between
this pin and ground to decouple (bypass)
noise and to stabilize the regulator.
N/A
31
VDD
PWR
DC power supply input to the interface
logic and control registers. This supply is
not connected internally to any other
supply pin, but its voltage must be less
than or equal to the VCCA supply and
greater than 2.7V. A capacitor must be
tied between this pin and ground to
decouple (bypass) noise.
N/A
TRANSMIT/RECEIVE
17
RXI
I (Analog)
Receive RF Input. Nominal impedance at
2445MHz is 2.6-j2.6 with a simple
matching network required for optimum
noise figure. This input connects to the
base of an NPN transistor and should be
AC coupled.
GNDRF
(PIN 24)
(PIN 8)
VSS
RXI
VCCA
0.7V
VCCA
VSS
4k
17
18
8
24


Similar Part No. - ML2724_05

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2724DH MICRO-LINEAR-ML2724DH Datasheet
864Kb / 26P
   2.4GHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
More results

Similar Description - ML2724_05

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2724 MICRO-LINEAR-ML2724 Datasheet
864Kb / 26P
   2.4GHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
ML5800 MICRO-LINEAR-ML5800 Datasheet
1Mb / 24P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML5800 MICRO-LINEAR-ML5800_06 Datasheet
277Kb / 25P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML2722 MICRO-LINEAR-ML2722_05 Datasheet
254Kb / 28P
   900MHz Low-IF 1.5Mbps FSK Transceiver
ML2722 MICRO-LINEAR-ML2722 Datasheet
463Kb / 28P
   900MHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
logo
SIRENZA MICRODEVICES
ML2726 SIRENZA-ML2726 Datasheet
265Kb / 25P
   2.4GHz Low-IF 2.0Mbps FSK Transceiver
logo
AMIC Technology
A7101 AMICC-A7101 Datasheet
297Kb / 22P
   2.4GHz FSK Transceiver
logo
List of Unclassifed Man...
SPRF2738A ETC1-SPRF2738A Datasheet
428Kb / 12P
   Low Power FM/FSK IF IC
logo
Analog Devices
ADF7242 AD-ADF7242 Datasheet
1Mb / 108P
   Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
REV. 0
logo
Micro Linear Corporatio...
ML2712 MICRO-LINEAR-ML2712 Datasheet
293Kb / 22P
   2.4GHz RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com