Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML2722 Datasheet(PDF) 22 Page - Micro Linear Corporation

Part # ML2722
Description  900MHz Low-IF 1.5Mbps FSK Transceiver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2722 Datasheet(HTML) 22 Page - Micro Linear Corporation

Back Button ML2722_05 Datasheet HTML 18Page - Micro Linear Corporation ML2722_05 Datasheet HTML 19Page - Micro Linear Corporation ML2722_05 Datasheet HTML 20Page - Micro Linear Corporation ML2722_05 Datasheet HTML 21Page - Micro Linear Corporation ML2722_05 Datasheet HTML 22Page - Micro Linear Corporation ML2722_05 Datasheet HTML 23Page - Micro Linear Corporation ML2722_05 Datasheet HTML 24Page - Micro Linear Corporation ML2722_05 Datasheet HTML 25Page - Micro Linear Corporation ML2722_05 Datasheet HTML 26Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
ML2722
DS2722-F-06
FINAL DATASHEET
DECEMBER 2005 22
DATA BIT
NAME
DESCRIPTION
USE
B15 (MSB) / DB13
Reserved
B14 / DB12
Reserved
B13 / DB11
Reserved
B12 / DB10
Reserved
B11 / DB9
Reserved
B10 / DB8
Reserved
B9 / DB7
Reserved
B8 / DB6
Reserved
Reserved
Set all bits to 0 (zero)
B7 / DB5
DTM2
B6 / DB4
DTM1
B5 / DB3
DTM0
Digital Test Control Bits
See Table 15
B4 / DB2
ATM2
B3 / DB1
ATM 1
B2 / DB0
ATM 0
Analog Test Control Bits
See Table 14
B1 / ADB1
ADR1
MSB Address Bit
ADR1 = 1
B0 (LSB) / ADB0
ADR0
LSB Address Bit
ADR0 = 0
Table 6. Register 2 – Test Mode Register
CONTROL REGISTER DESCRIPTIONS
Power-On State
All register values are set to 0 (zero) on Power Up. Power up is defined as occurring when VDD (pin 31) ≥ 2.0V
(typical). The register default values are valid after power up. The PLL divide ratio and PLL configuration registers must
be programmed before XCEN is asserted for the first time.
Address and Data Bits (ADR)
Each of the three registers are identically configured. Each is divided into a fourteen (14) bit data field and a two (2) bit
address field. The 16 bits are input serially (see Figure 5) with the 14 data bits, most significant bit (DB13) first followed
by the two address bits, most significant bit (ADR1) first. The last 16 bits clocked into the ML2722 will be loaded into the
specified register. Loading less than 16 bits into any register will cause unpredictable device functionality.
RES Bit Locations (Reserved)
Bits identified as reserved must always have a logic 0 (zero) value for correct device operation. Power-on reset clears
all reserved bits to zero. Each reserved bit must be programmed to logic zero whenever any of the three registers are
reprogrammed.


Similar Part No. - ML2722_05

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2722 MICRO-LINEAR-ML2722 Datasheet
463Kb / 28P
   900MHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
More results

Similar Description - ML2722_05

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2722 MICRO-LINEAR-ML2722 Datasheet
463Kb / 28P
   900MHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
ML5800 MICRO-LINEAR-ML5800 Datasheet
1Mb / 24P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML2724 MICRO-LINEAR-ML2724_05 Datasheet
293Kb / 26P
   2.4GHz Low-IF 1.5Mbps FSK Transceiver
ML5800 MICRO-LINEAR-ML5800_06 Datasheet
277Kb / 25P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML2724 MICRO-LINEAR-ML2724 Datasheet
864Kb / 26P
   2.4GHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
logo
SIRENZA MICRODEVICES
ML2726 SIRENZA-ML2726 Datasheet
265Kb / 25P
   2.4GHz Low-IF 2.0Mbps FSK Transceiver
logo
List of Unclassifed Man...
SPRF2738A ETC1-SPRF2738A Datasheet
428Kb / 12P
   Low Power FM/FSK IF IC
logo
Linx Technologies
HUM-900-DT LINX-HUM-900-DT Datasheet
2Mb / 37P
   900MHz HumDTTM Series Transceiver
2015
logo
Analog Devices
ADF7242 AD-ADF7242 Datasheet
1Mb / 108P
   Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
REV. 0
logo
List of Unclassifed Man...
TRW-900C ETC2-TRW-900C Datasheet
520Kb / 24P
   Wireless Low Cost 900MHz RF Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com