Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXE-1089Z Datasheet(PDF) 9 Page - RF Micro Devices

Part # CXE-1089Z
Description  50MHz to 1200MHz 75廓 pHEMT MMIC LNA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

CXE-1089Z Datasheet(HTML) 9 Page - RF Micro Devices

Back Button CXE-1089Z Datasheet HTML 2Page - RF Micro Devices CXE-1089Z Datasheet HTML 3Page - RF Micro Devices CXE-1089Z Datasheet HTML 4Page - RF Micro Devices CXE-1089Z Datasheet HTML 5Page - RF Micro Devices CXE-1089Z Datasheet HTML 6Page - RF Micro Devices CXE-1089Z Datasheet HTML 7Page - RF Micro Devices CXE-1089Z Datasheet HTML 8Page - RF Micro Devices CXE-1089Z Datasheet HTML 9Page - RF Micro Devices CXE-1089Z Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9 of 10
CXE-1089Z
Preliminary
EDS-105785 Rev D
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Application Schematic
Application Circuit Element Values
Evaluation Board Layout and Bill of Materials
Mounting Instructions
1. Solder the copper pad on the backside of the device package to the ground plane.
2. Use a large ground pad area with many plated through-holes as shown.
3. We recommend 1 or 2 ounce copper. Measurements for this data sheet were made on a 31mil thick GTEK board with 1
ounce copper on both sides.
Reference Designator
Frequency (MHz) 50 to 1200
F-connectors
C1, C3, C4
1000pF 0603 size
C2
100pF 0603 size
L1
1.2uH 1008LS size
*RBIAS
See table below
*Optional shunt resistor can be used to lower device current.
Performance degradation may occur.
RBIAS
Device Current (VD=5.0V)
1.3k
Ω
80mA
2.4k
Ω
90mA
4.7k
Ω
100mA
open
110mA
V+
C2
C1
L1
CXE-1089Z
C3
RF IN
*RBIAS
C4
RF OUT
75ohm 31mil SOT-89
125873
1.2uH
2uH
MicroDevices
Sirenza
Rbias
bi


Similar Part No. - CXE-1089Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
CXE-1089Z RFMD-CXE-1089Z Datasheet
795Kb / 12P
   50MHz to 1200MHz 75廓 pHEMT MMIC LNA
CXE-1089ZSB RFMD-CXE-1089ZSB Datasheet
795Kb / 12P
   50MHz to 1200MHz 75廓 pHEMT MMIC LNA
CXE-1089ZSQ RFMD-CXE-1089ZSQ Datasheet
795Kb / 12P
   50MHz to 1200MHz 75廓 pHEMT MMIC LNA
CXE-1089ZSR RFMD-CXE-1089ZSR Datasheet
795Kb / 12P
   50MHz to 1200MHz 75廓 pHEMT MMIC LNA
CXE-1089Z RFMD-CXE-1089Z_10 Datasheet
795Kb / 12P
   50MHz to 1200MHz 75廓 pHEMT MMIC LNA
More results

Similar Description - CXE-1089Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
CXE-1089Z RFMD-CXE-1089Z_10 Datasheet
795Kb / 12P
   50MHz to 1200MHz 75廓 pHEMT MMIC LNA
logo
Analog Devices
HMC599ST89 AD-HMC599ST89 Datasheet
518Kb / 8P
   GaAs pHEMT MMIC LNA, 75 Ohm
logo
RF Micro Devices
RFCA3828 RFMD-RFCA3828 Datasheet
1Mb / 12P
   75廓 High Linearity pHEMT MMIC Amplifier
logo
Hittite Microwave Corpo...
HMC599ST89 HITTITE-HMC599ST89 Datasheet
732Kb / 8P
   GaAs pHEMT MMIC LNA, 75 Ohm 50 - 1000 MHz
logo
RF Micro Devices
SPF5122Z RFMD-SPF5122Z Datasheet
814Kb / 12P
   50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
SPF5043ZSQ RFMD-SPF5043ZSQ Datasheet
1Mb / 13P
   50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
SPF-5043Z RFMD-SPF-5043Z Datasheet
590Kb / 12P
   50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
SPF-5122Z RFMD-SPF-5122Z Datasheet
405Kb / 12P
   50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
logo
Qorvo, Inc
RFCA3828 QORVO-RFCA3828 Datasheet
1Mb / 12P
   75 High Linearity pHEMT MMIC Amplifier
logo
TriQuint Semiconductor
TAT7430B TRIQUINT-TAT7430B Datasheet
388Kb / 7P
   CATV 75 廓 pHEMT High Gain RF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com