Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA32-16MU Datasheet(PDF) 16 Page - ATMEL Corporation

Part # ATMEGA32-16MU
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
Download  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA32-16MU Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button ATMEGA32-16MU Datasheet HTML 12Page - ATMEL Corporation ATMEGA32-16MU Datasheet HTML 13Page - ATMEL Corporation ATMEGA32-16MU Datasheet HTML 14Page - ATMEL Corporation ATMEGA32-16MU Datasheet HTML 15Page - ATMEL Corporation ATMEGA32-16MU Datasheet HTML 16Page - ATMEL Corporation ATMEGA32-16MU Datasheet HTML 17Page - ATMEL Corporation ATMEGA32-16MU Datasheet HTML 18Page - ATMEL Corporation ATMEGA32-16MU Datasheet HTML 19Page - ATMEL Corporation ATMEGA32-16MU Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 346 page
background image
16
2503N–AVR–06/08
ATmega32(L)
AVR ATmega32
Memories
This section describes the different memories in the ATmega32. The AVR architecture has two
main memory spaces, the Data Memory and the Program Memory space. In addition, the
ATmega32 features an EEPROM Memory for data storage. All three memory spaces are linear
and regular.
In-System
Reprogrammable
Flash Program
Memory
The ATmega32 contains 32K bytes On-chip In-System Reprogrammable Flash memory for pro-
gram storage. Since all AVR instructions are 16 or 32 bits wide, the Flash is organized as 16K x
16. For software security, the Flash Program memory space is divided into two sections, Boot
Program section and Application Program section.
The Flash memory has an endurance of at least 10,000 write/erase cycles. The ATmega32 Pro-
gram Counter (PC) is 14 bits wide, thus addressing the 16K program memory locations. The
operation of Boot Program section and associated Boot Lock bits for software protection are
described in detail in “Boot Loader Support – Read-While-Write Self-Programming” on page
244. “Memory Programming” on page 256 contains a detailed description on Flash Program-
ming in SPI, JTAG, or Parallell Programming mode.
Constant tables can be allocated within the entire program memory address space (see the LPM
– Load Program Memory Instruction Description).
Timing diagrams for instruction fetch and execution are presented in “Instruction Execution Tim-
ing” on page 13.
Figure 8. Program Memory Map
$0000
$3FFF
Application Flash Section
Boot Flash Section


Similar Part No. - ATMEGA32-16MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA32-16MU ATMEL-ATMEGA32-16MU Datasheet
3Mb / 347P
   8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA32-16MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA325P ATMEL-ATMEGA325P_08 Datasheet
332Kb / 22P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P_06 Datasheet
3Mb / 336P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_08 Datasheet
471Kb / 25P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA324PA ATMEL-ATMEGA324PA Datasheet
546Kb / 24P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A Datasheet
427Kb / 18P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P Datasheet
346Kb / 25P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_1 Datasheet
5Mb / 385P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A_09 Datasheet
518Kb / 18P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA328P ATMEL-ATMEGA328P_09 Datasheet
5Mb / 345P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A_1 Datasheet
6Mb / 352P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com