Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF22LV10CZ Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATF22LV10CZ
Description  Highperformance EE PLD
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF22LV10CZ Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATF22LV10CZ Datasheet HTML 7Page - ATMEL Corporation ATF22LV10CZ Datasheet HTML 8Page - ATMEL Corporation ATF22LV10CZ Datasheet HTML 9Page - ATMEL Corporation ATF22LV10CZ Datasheet HTML 10Page - ATMEL Corporation ATF22LV10CZ Datasheet HTML 11Page - ATMEL Corporation ATF22LV10CZ Datasheet HTML 12Page - ATMEL Corporation ATF22LV10CZ Datasheet HTML 13Page - ATMEL Corporation ATF22LV10CZ Datasheet HTML 14Page - ATMEL Corporation ATF22LV10CZ Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
0779L–PLD–12/05
ATF22LV10C(Q)Z
ATF22LV10CZ/CQZ INPUT CLAMP CURRENT VS.
INPUT VOLTAGE (V
CC = 3.3V, TA = 25°C)
-120.0
-100.0
-80.0
-60.0
-40.0
-20.0
0.0
20.0
0.0
-0.2
-0.4
-0.6
-0.8
-1.0
INPUT VOLTAGE (V)
ATF22LV10CZ/CQZ INPUT CURRENT VS.
INPUT VOLTAGE (V
CC = 3.3V, TA = 25°C)
-5.0
0.0
5.0
10.0
15.0
0.0
0.5
1.01.5
2.02.5
3.03.5
4.0
INPUT VOLTAGE (V)
NORMALIZED T
PD VS. VCC
0.8
0.9
1.0
1.1
1.2
3.0
3.2
3.3
3.5
3.6
SUPPLY VOLTAGE (V)
NORMALIZED T
PD VS. TEMP
0.8
0.9
1.0
1.1
1.2
-40.0
0.0
25.0
75.0
TEMPERATURE (C)
NORMALIZED T
CO VS. VCC
0.8
0.9
1.0
1.1
1.2
3.0
3.2
3.3
3.5
3.6
SUPPLY VOLTAGE (V)
NORMALIZED T
CO VS. TEMP
0.8
0.9
1.0
1.1
1.2
-40.0
0.0
25.0
75.0
TEMPERATURE (C)
NORMALIZED T
SU VS. VCC
0.8
0.9
1.0
1.1
1.2
3.0
3.2
3.3
3.5
3.6
SUPPLY VOLTAGE (V)
NORMALIZED T
SU VS. TEMP
0.8
0.9
1.0
1.1
1.2
-40.0
0.0
25.0
75.0
TEMPERATURE (C)


Similar Part No. - ATF22LV10CZ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22LV10CZ ATMEL-ATF22LV10CZ Datasheet
222Kb / 9P
   High Performance E2 PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
ATF22LV10CZ-25JC ATMEL-ATF22LV10CZ-25JC Datasheet
222Kb / 9P
   High Performance E2 PLD
ATF22LV10CZ-25JC ATMEL-ATF22LV10CZ-25JC Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
ATF22LV10CZ-25JI ATMEL-ATF22LV10CZ-25JI Datasheet
222Kb / 9P
   High Performance E2 PLD
More results

Similar Description - ATF22LV10CZ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
   Highperformance EE PLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
281Kb / 9P
   Highperformance EE PLD
ATF22V10C ATMEL-ATF22V10C_08 Datasheet
408Kb / 22P
   Highperformance EE PLD
ATF1508AS ATMEL-ATF1508AS_05 Datasheet
717Kb / 31P
   Highperformance EE PLD
ATF16V8C ATMEL-ATF16V8C_99 Datasheet
503Kb / 18P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_07 Datasheet
280Kb / 20P
   Highperformance EE PLD
ATF1508ASV ATMEL-ATF1508ASV_05 Datasheet
599Kb / 28P
   Highperformance EE PLD
ATF16V8B ATMEL-ATF16V8B_05 Datasheet
640Kb / 26P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com