Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF22LV10CQZ-30JC Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATF22LV10CQZ-30JC
Description  Highperformance EE PLD
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF22LV10CQZ-30JC Datasheet(HTML) 3 Page - ATMEL Corporation

  ATF22LV10CQZ-30JC Datasheet HTML 1Page - ATMEL Corporation ATF22LV10CQZ-30JC Datasheet HTML 2Page - ATMEL Corporation ATF22LV10CQZ-30JC Datasheet HTML 3Page - ATMEL Corporation ATF22LV10CQZ-30JC Datasheet HTML 4Page - ATMEL Corporation ATF22LV10CQZ-30JC Datasheet HTML 5Page - ATMEL Corporation ATF22LV10CQZ-30JC Datasheet HTML 6Page - ATMEL Corporation ATF22LV10CQZ-30JC Datasheet HTML 7Page - ATMEL Corporation ATF22LV10CQZ-30JC Datasheet HTML 8Page - ATMEL Corporation ATF22LV10CQZ-30JC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
0779L–PLD–12/05
ATF22LV10C(Q)Z
3.
Absolute Maximum Ratings*
Temperature under Bias .................................. -40°C to +85°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Note:
1. Minimum voltage is -0.6V DC, which may under-
shoot to -2.0V for pulses of less than 20 ns.
Maximum output pin voltage is V
CC + 0.75V DC,
which may overshoot to 7.0V for pulses of less
than 20 ns.
Storage Temperature ..................................... -65°C to +150°C
Voltage on Any Pin with
Respect to Ground .........................................-2.0V to +7.0V(1)
Voltage on Input Pins
with Respect to Ground
during Programming .....................................-2.0V to +14.0V(1)
Programming Voltage with
Respect to Ground .......................................-2.0V to +14.0V(1)
4.
DC and AC Operating Conditions
Commercial
Industrial
Operating Temperature (Ambient)
0
°C - 70°C-40°C - 85°C
VCC Power Supply
3.0V - 5.5V
3.0V - 5.5V


Similar Part No. - ATF22LV10CQZ-30JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22LV10CQZ-30JC ATMEL-ATF22LV10CQZ-30JC Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
More results

Similar Description - ATF22LV10CQZ-30JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
   Highperformance EE PLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
281Kb / 9P
   Highperformance EE PLD
ATF22V10C ATMEL-ATF22V10C_08 Datasheet
408Kb / 22P
   Highperformance EE PLD
ATF1508AS ATMEL-ATF1508AS_05 Datasheet
717Kb / 31P
   Highperformance EE PLD
ATF16V8C ATMEL-ATF16V8C_99 Datasheet
503Kb / 18P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_07 Datasheet
280Kb / 20P
   Highperformance EE PLD
ATF1508ASV ATMEL-ATF1508ASV_05 Datasheet
599Kb / 28P
   Highperformance EE PLD
ATF16V8B ATMEL-ATF16V8B_05 Datasheet
640Kb / 26P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com