Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-0720102M3A Datasheet(PDF) 7 Page - ATMEL Corporation

Part # 5962-0720102M3A
Description  High-speed Complex Programmable Logic Device
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

5962-0720102M3A Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button 5962-0720102M3A Datasheet HTML 3Page - ATMEL Corporation 5962-0720102M3A Datasheet HTML 4Page - ATMEL Corporation 5962-0720102M3A Datasheet HTML 5Page - ATMEL Corporation 5962-0720102M3A Datasheet HTML 6Page - ATMEL Corporation 5962-0720102M3A Datasheet HTML 7Page - ATMEL Corporation 5962-0720102M3A Datasheet HTML 8Page - ATMEL Corporation 5962-0720102M3A Datasheet HTML 9Page - ATMEL Corporation 5962-0720102M3A Datasheet HTML 10Page - ATMEL Corporation 5962-0720102M3A Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7
0776L–PLD–11/08
ATF750C(L)
15. AC Waveforms, Product Term Clock(1)
Note:
1. Timing measurement reference is 1.5V. Input AC driving levels are 0.0V and 3.0V, unless otherwise specified.
Note:
1. See ordering information for valid part numbers.
16. AC Characteristics, Product Term Clock(1)
Symbol
Parameter
-7
-10
C/CL-15
Units
Min
Max
Min
Max
Min
Max
tPD
Input or Feedback to Non-registered Output
7.5
10
15
ns
t
EA
Input to Output Enable
7.5
10
15
ns
t
ER
Input to Output Disable
7.5
10
15
ns
tCO
Clock to Output
3
7.5
4
10
5
12
ns
t
CF
Clock to Feedback
1
5
4
7.5
5
9
ns
tS
Input Setup Time
3
48/12
ns
tSF
Feedback Setup Time
3
47
ns
t
H
Hold Time
1
2
5
ns
tP
Clock Period
7
11
14
ns
tW
Clock Width
3.5
5.5
7
ns
fMAX
External Feedback 1/(t
S + tCO)
95
71
50/41
MHz
Internal Feedback 1/(tSF + tCF)
125
86
62
MHz
No Feedback 1/(tP)
142
90
71
MHz
t
AW
Asynchronous Reset Width
5
10
15
ns
tAR
Asynchronous Reset Recovery Time
3
10
15
ns
tAP
Asynchronous Reset to Registered Output Reset
8
12
15
ns
t
SP
Setup Time, Synchronous Preset
4
7
8
ns


Similar Part No. - 5962-0720102M3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-0720401VXC TI1-5962-0720401VXC Datasheet
584Kb / 23P
[Old version datasheet]   CLASS V, 14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
5962-0720401VXC TI1-5962-0720401VXC Datasheet
797Kb / 31P
[Old version datasheet]   Radiation-Tolerant, 14-Bit, 400-MSPS Digital-to-Analog Converter
5962-0720402VXC TI1-5962-0720402VXC Datasheet
797Kb / 31P
[Old version datasheet]   Radiation-Tolerant, 14-Bit, 400-MSPS Digital-to-Analog Converter
5962-0720601VXC TI1-5962-0720601VXC Datasheet
400Kb / 22P
[Old version datasheet]   CLASS V, 14-BIT, 105-MSPS ANALOG-TO-DIGITAL CONVERTER
5962-0720601VXC TI1-5962-0720601VXC Datasheet
445Kb / 24P
[Old version datasheet]   CLASS V, 14-BIT, 105-MSPS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - 5962-0720102M3A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF750LVC ATMEL-ATF750LVC Datasheet
333Kb / 14P
   High-speed Complex Programmable Logic Device
ATF750C ATMEL-ATF750C Datasheet
411Kb / 16P
   High-speed Complex Programmable Logic Device
ATF750LVC ATMEL-ATF750LVC_08 Datasheet
441Kb / 19P
   High-speed Complex Programmable Logic Device
ATF1504ASL ATMEL-ATF1504ASL Datasheet
393Kb / 33P
   High performance Complex Programmable Logic Device
ATF1504AS ATMEL-ATF1504AS_14 Datasheet
1Mb / 31P
   High-performance Complex Programmable Logic Device
ATF1504AS ATMEL-ATF1504AS_05 Datasheet
706Kb / 35P
   Highperformance Complex Programmable Logic Device
ATF1504ASV ATMEL-ATF1504ASV_05 Datasheet
577Kb / 31P
   Low-voltage, Complex Programmable Logic Device
ATF1504ASV ATMEL-ATF1504ASV Datasheet
314Kb / 29P
   Low-voltage, Complex Programmable Logic Device
AT22V10B ATMEL-AT22V10B Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
ATV750B ATMEL-ATV750B Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com