Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27C020-55PI Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT27C020-55PI
Description  2-megabit (256K x 8) OTP EPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C020-55PI Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT27C020-55PI Datasheet HTML 5Page - ATMEL Corporation AT27C020-55PI Datasheet HTML 6Page - ATMEL Corporation AT27C020-55PI Datasheet HTML 7Page - ATMEL Corporation AT27C020-55PI Datasheet HTML 8Page - ATMEL Corporation AT27C020-55PI Datasheet HTML 9Page - ATMEL Corporation AT27C020-55PI Datasheet HTML 10Page - ATMEL Corporation AT27C020-55PI Datasheet HTML 11Page - ATMEL Corporation AT27C020-55PI Datasheet HTML 12Page - ATMEL Corporation AT27C020-55PI Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
0570G–EPROM–12/07
AT27C020
18. Rapid Programming Algorithm
A 100 µs PGM pulse width is used to program. The address is set to the first location. V
CC is
raised to 6.5V and V
PP is raised to 13.0V. Each address is first programmed with one 100 µs
PGM pulse without verification. Then a verification/reprogramming loop is executed for each
address. In the event a byte fails to pass verification, up to 10 successive 100 µs pulses are
applied with a verification after each pulse. If the byte fails to verify after 10 pulses have been
applied, the part is considered failed. After the byte verifies properly, the next address is
selected until all have been checked. V
PP is then lowered to 5.0V and VCC to 5.0V. All bytes
are read again and compared with the original data to determine if the device passes or fails.


Similar Part No. - AT27C020-55PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C020-55PI ATMEL-AT27C020-55PI Datasheet
170Kb / 9P
   2-Megabit 256K x 8 OTP EPROM
More results

Similar Description - AT27C020-55PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C020 ATMEL-AT27C020 Datasheet
170Kb / 9P
   2-Megabit 256K x 8 OTP EPROM
AT27LV020A ATMEL-AT27LV020A Datasheet
220Kb / 9P
   2 Megabit 256K x 8 Low Voltage OTP EPROM
AT27LV020A ATMEL-AT27LV020A_07 Datasheet
377Kb / 15P
   2-Megabit (256K x 8) Low Voltage OTP EPROM
AT27C4096 ATMEL-AT27C4096 Datasheet
254Kb / 9P
   4-Megabit 256K x 16 OTP EPROM
AT27C4096 ATMEL-AT27C4096_07 Datasheet
360Kb / 14P
   4-Megabit (256K x 16) OTP EPROM
AT27C400 ATMEL-AT27C400 Datasheet
184Kb / 10P
   4-Megabit 256K x 16 or 512K x 8 OTP EPROM
AT27BV020 ATMEL-AT27BV020_07 Datasheet
385Kb / 15P
   2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
AT27BV020 ATMEL-AT27BV020 Datasheet
215Kb / 10P
   2-Megabit 256K x 8 Unregulated Battery-Voltage High Speed OTP EPROM
logo
AMIC Technology
A27020 AMICC-A27020_15 Datasheet
138Kb / 14P
   256K X 8 OTP CMOS EPROM
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com