Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT28C040-20FI Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT28C040-20FI
Description  4-Megabit (512K x 8) Paged Parallel EEPROMs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C040-20FI Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT28C040-20FI Datasheet HTML 2Page - ATMEL Corporation AT28C040-20FI Datasheet HTML 3Page - ATMEL Corporation AT28C040-20FI Datasheet HTML 4Page - ATMEL Corporation AT28C040-20FI Datasheet HTML 5Page - ATMEL Corporation AT28C040-20FI Datasheet HTML 6Page - ATMEL Corporation AT28C040-20FI Datasheet HTML 7Page - ATMEL Corporation AT28C040-20FI Datasheet HTML 8Page - ATMEL Corporation AT28C040-20FI Datasheet HTML 9Page - ATMEL Corporation AT28C040-20FI Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
0542E–PEEPR–1/08
AT28C040
Notes:
1. X can be V
IL or VIH.
2. Refer to AC Programming Waveforms.
6.
DC and AC Operating Range
AT28C040-20 Operation
Read
Program
Operating Temperature (Case)
Industrial
-40°C - 85°C
-40°C - 85°C
Extended
-55°C - 125°C
-40°C - 85°C
VCC Power Supply
5V
± 10%
5V
± 10%
7.
Operating Modes
Mode
CE
OE
WE
I/O
Read
V
IL
V
IL
V
IH
D
OUT
Write(2)
VIL
VIH
VIL
DIN
Write Inhibit
X
X
VIH
Write Inhibit
X
V
IL
X
Output Disable
X
VIH
X
High Z
8.
DC Characteristics
Symbol
Parameter
Condition
Min
Max
Units
I
LI
Input Load Current
V
IN = 0V to VCC + 1V
10
µA
ILO
Output Leakage Current
VI/O = 0V to VCC
10
µA
I
CC
V
CC Active Current
f = 5 MHz; I
OUT = 0 mA
50
mA
V
IL
Input Low Voltage
0.8
V
VIH
Input High Voltage
2.0
V
V
OL
Output Low Voltage
I
OL = 2.1 mA
0.45
V
V
OH1
Output High Voltage
I
OH = -400 µA
2.4
V
VOH2
Output High Voltage CMOS
IOH = -100 µA; VCC = 4.5V
4.2
V


Similar Part No. - AT28C040-20FI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C040-20FI ATMEL-AT28C040-20FI Datasheet
332Kb / 12P
   4-Megabit 512K x 8 Paged E2PROM
AT28C040-20FI ATMEL-AT28C040-20FI Datasheet
385Kb / 15P
   4-Megabit (512K x 8) Paged Parallel EEPROMs
AT28C040-20FISL703 ATMEL-AT28C040-20FISL703 Datasheet
332Kb / 12P
   4-Megabit 512K x 8 Paged E2PROM
AT28C040-20FISL703 ATMEL-AT28C040-20FISL703 Datasheet
385Kb / 15P
   4-Megabit (512K x 8) Paged Parallel EEPROMs
More results

Similar Description - AT28C040-20FI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C040 ATMEL-AT28C040_09 Datasheet
385Kb / 15P
   4-Megabit (512K x 8) Paged Parallel EEPROMs
AT28C010 ATMEL-AT28C010_09 Datasheet
604Kb / 16P
   1-Megabit (128K x 8) Paged Parallel EEPROMs
AT28C010-12DK ATMEL-AT28C010-12DK_09 Datasheet
300Kb / 19P
   Space 1-megabit (128K x 8) Paged Parallel EEPROMs
AT28C010-12DK ATMEL-AT28C010-12DK_05 Datasheet
241Kb / 18P
   Space 1-megabit (128K x 8) Paged Parallel EEPROMs
AT28C040 ATMEL-AT28C040 Datasheet
332Kb / 12P
   4-Megabit 512K x 8 Paged E2PROM
AT28C010-12DK ATMEL-AT28C010-12DK Datasheet
236Kb / 17P
   Space 1-megabit (128K x 8) Paged Parallel EEPROMs
AT28LV010 ATMEL-AT28LV010_06 Datasheet
355Kb / 15P
   1-Megabit (128K x 8) Low Voltage Paged Parallel EEPROMs
AT28C010 ATMEL-AT28C010_06 Datasheet
410Kb / 17P
   1-megabit (128K x 8) Paged Parallel EEPROM
97314 ATMEL-97314 Datasheet
306Kb / 14P
   4-Megabit (512K x 8) otp eprom
logo
Maxwell Technologies
32C408B MAXWELL-32C408B Datasheet
187Kb / 11P
   4 Megabit (512K x 8-Bit) SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com