Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF16V8CZ-15XU Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATF16V8CZ-15XU
Description  Highperformance EE PLD
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF16V8CZ-15XU Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATF16V8CZ-15XU Datasheet HTML 6Page - ATMEL Corporation ATF16V8CZ-15XU Datasheet HTML 7Page - ATMEL Corporation ATF16V8CZ-15XU Datasheet HTML 8Page - ATMEL Corporation ATF16V8CZ-15XU Datasheet HTML 9Page - ATMEL Corporation ATF16V8CZ-15XU Datasheet HTML 10Page - ATMEL Corporation ATF16V8CZ-15XU Datasheet HTML 11Page - ATMEL Corporation ATF16V8CZ-15XU Datasheet HTML 12Page - ATMEL Corporation ATF16V8CZ-15XU Datasheet HTML 13Page - ATMEL Corporation ATF16V8CZ-15XU Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10
0453H–PLD–7/05
ATF16V8CZ
8.
Macrocell Configuration
Software compilers support the three different OMC modes as different device types. These
device types are listed in the table below. Most compilers have the ability to automatically select
the device type, generally based on the register usage and output enable (OE) usage. Register
usage on the device forces the software to choose the registered mode. All combinatorial out-
puts with OE controlled by the product term will force the software to choose the complex mode.
The software will choose the simple mode only when all outputs are dedicated combinatorial
without OE control. The different device types listed in the table can be used to override the
automatic device selection by the software. For further details, refer to the compiler software
manuals.
When using compiler software to configure the device, the user must pay special attention to the
following restrictions in each mode.
In registered mode pin 1 and pin 11 are permanently configured as clock and output enable,
respectively. These pins cannot be configured as dedicated inputs in the registered mode.
In complex mode pin 1 and pin 11 become dedicated inputs and use the feedback paths of pin
19 and pin 12 respectively. Because of this feedback path usage, pin 19 and pin 12 do not have
the feedback option in this mode.
In simple mode all feedback paths of the output pins are routed via the adjacent pins. In doing
so, the two inner most pins (pins 15 and 16) will not have the feedback option as these pins are
always configured as dedicated combinatorial output.
8.1
ATF16V8CZ Registered Mode
PAL Device Emulation/PAL Replacement. The registered mode is used if one or more regis-
ters are required. Each macrocell can be configured as either a registered or combinatorial
output or I/O, or as an input. For a registered output or I/O, the output is enabled by the OE pin,
and the register is clocked by the CLK pin. Eight product terms are allocated to the sum term.
For a combinatorial output or I/O, the output enable is controlled by a product term, and seven
product terms are allocated to the sum term. When the macrocell is configured as an input, the
output enable is permanently disabled.
Any register usage will make the compiler select this mode. The following registered devices can
be emulated using this mode:
16R8
16RP8
16R6
16RP6
16R4
16RP4


Similar Part No. - ATF16V8CZ-15XU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF16V8CZ-15XC ATMEL-ATF16V8CZ-15XC Datasheet
381Kb / 10P
   High Performance E2 PLD
ATF16V8CZ-15XI ATMEL-ATF16V8CZ-15XI Datasheet
381Kb / 10P
   High Performance E2 PLD
More results

Similar Description - ATF16V8CZ-15XU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
   Highperformance EE PLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
   Highperformance EE PLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
281Kb / 9P
   Highperformance EE PLD
ATF22V10C ATMEL-ATF22V10C_08 Datasheet
408Kb / 22P
   Highperformance EE PLD
ATF1508AS ATMEL-ATF1508AS_05 Datasheet
717Kb / 31P
   Highperformance EE PLD
ATF16V8C ATMEL-ATF16V8C_99 Datasheet
503Kb / 18P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_07 Datasheet
280Kb / 20P
   Highperformance EE PLD
ATF1508ASV ATMEL-ATF1508ASV_05 Datasheet
599Kb / 28P
   Highperformance EE PLD
ATF16V8B ATMEL-ATF16V8B_05 Datasheet
640Kb / 26P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com