Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF20V8B-15PC Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATF20V8B-15PC
Description  Highperformance EE PLD
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF20V8B-15PC Datasheet(HTML) 4 Page - ATMEL Corporation

  ATF20V8B-15PC Datasheet HTML 1Page - ATMEL Corporation ATF20V8B-15PC Datasheet HTML 2Page - ATMEL Corporation ATF20V8B-15PC Datasheet HTML 3Page - ATMEL Corporation ATF20V8B-15PC Datasheet HTML 4Page - ATMEL Corporation ATF20V8B-15PC Datasheet HTML 5Page - ATMEL Corporation ATF20V8B-15PC Datasheet HTML 6Page - ATMEL Corporation ATF20V8B-15PC Datasheet HTML 7Page - ATMEL Corporation ATF20V8B-15PC Datasheet HTML 8Page - ATMEL Corporation ATF20V8B-15PC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
ATF20V8B(Q)(L)
4
AC Waveforms(1)
Note:
1.
Timing measurement reference is 1.5V. Input AC driving levels are 0.0V and 3.0V, unless otherwise specified.
Note:
1.
See ordering information for valid part numbers and speed grades.
2.
Shaded -25 parts are obsolete with a last-time buy date of August 19, 1999.
3.
Shaded -7 and -15 parts are obsolete with a last-time buy date of September 30, 2006.
AC Characteristics
(1)
Symbol
Parameter
-7
-10
-15
-25
Units
Min
Max
Min
Max
Min
Max
Min
Max
t
PD
Input or Feedback to
Non-Registered Output
8 outputs switching
3
7.5
3
10
3
15
3
25
ns
1 output switching
7
ns
t
CF
Clock to Feedback
36
8
10
ns
tCO
Clock to Output
2
527
2
10
2
12
ns
tS
Input or Feedback
Setup Time
5
7.5
12
15
ns
tH
Hold Time
0
0
0
0
ns
tP
Clock Period
8
12
16
24
ns
t
W
Clock Width
4
6
8
12
ns
f
MAX
External Feedback 1/(tS + tCO)
100
68
45
37
MHz
Internal Feedback 1/(t
S + tCF)
125
74
50
40
MHz
No Feedback 1/(t
P)
125
83
62
41
MHz
tEA
Input to Output Enable — Product Term
3
93
10
3
15
3
20
ns
t
ER
Input to Output Disable —Product Term
2
92
10
2
15
2
20
ns
t
PZX
OE pin to Output Enable
2
62
10
2
15
2
20
ns
tPXZ
OE pin to Output Disable
1.5
61.5
10
1.5
15
1.5
20
ns


Similar Part No. - ATF20V8B-15PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF20V8B-15PC ATMEL-ATF20V8B-15PC Datasheet
758Kb / 17P
   High- Performance EE PLD
More results

Similar Description - ATF20V8B-15PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
   Highperformance EE PLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
281Kb / 9P
   Highperformance EE PLD
ATF22V10C ATMEL-ATF22V10C_08 Datasheet
408Kb / 22P
   Highperformance EE PLD
ATF1508AS ATMEL-ATF1508AS_05 Datasheet
717Kb / 31P
   Highperformance EE PLD
ATF16V8C ATMEL-ATF16V8C_99 Datasheet
503Kb / 18P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_07 Datasheet
280Kb / 20P
   Highperformance EE PLD
ATF1508ASV ATMEL-ATF1508ASV_05 Datasheet
599Kb / 28P
   Highperformance EE PLD
ATF16V8B ATMEL-ATF16V8B_05 Datasheet
640Kb / 26P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com