Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF16V8C-7JI Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATF16V8C-7JI
Description  Highperformance EE PLD
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF16V8C-7JI Datasheet(HTML) 3 Page - ATMEL Corporation

  ATF16V8C-7JI Datasheet HTML 1Page - ATMEL Corporation ATF16V8C-7JI Datasheet HTML 2Page - ATMEL Corporation ATF16V8C-7JI Datasheet HTML 3Page - ATMEL Corporation ATF16V8C-7JI Datasheet HTML 4Page - ATMEL Corporation ATF16V8C-7JI Datasheet HTML 5Page - ATMEL Corporation ATF16V8C-7JI Datasheet HTML 6Page - ATMEL Corporation ATF16V8C-7JI Datasheet HTML 7Page - ATMEL Corporation ATF16V8C-7JI Datasheet HTML 8Page - ATMEL Corporation ATF16V8C-7JI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ATF16V8C
3
Note:
1. All I
CC parameters measured with outputs open.
AC Waveforms
Note:
1. Timing measurement reference is 1.5V. Input AC driving levels are 0.0V and 3.0V, unless otherwise specified.
DC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
IL
Input or I/O Low Leakage Current
0
≤ V
IN ≤ VIL (Max)
-10.0
µA
I
IH
Input or I/O High Leakage Current
3.5
≤ V
IN ≤ VCC
10.0
µA
I
CC1
(1)
Power Supply Current, Standby
15 MHz, VCC = Max,
V
IN = 0, VCC, Outputs Open
Com.
115
mA
Ind.
130
mA
I
PD
Power Supply Current,
Power-down Mode
V
CC = Max, VIN = 0, VCC
Com.
10
100
µA
Ind.
10
105
µA
I
OS
Output Short Circuit Current
V
OUT = 0.5V;
V
CC = 5V; TA = 25°C
-150
mA
VIL
Input Low Voltage
Min < VCC < Max
-0.5
0.8
V
V
IH
Input High Voltage
2.0
V
CC + 1
V
V
OL
Output Low Voltage
V
CC = Min; All Outputs
IOL = 24 mA
Com., Ind.
0.5
V
V
OH
Output High Voltage
V
CC = Min
I
OL = -4.0 mA
2.4
V
I
OL
Output Low Current
V
CC = Min
Com.
24.0
mA
Ind.
12.0
mA
I
OH
Output High Current
V
CC = Min
Com., Ind.
-4.0
mA


Similar Part No. - ATF16V8C-7JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF16V8C-7JI ATMEL-ATF16V8C-7JI Datasheet
545Kb / 16P
   High Performance E2 PLD
ATF16V8C-7JI ATMEL-ATF16V8C-7JI Datasheet
1Mb / 23P
   Industry-standard architecture Emulates Many 20-pin PALs Low-cost, easy to use software tools
More results

Similar Description - ATF16V8C-7JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
   Highperformance EE PLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
   Highperformance EE PLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
281Kb / 9P
   Highperformance EE PLD
ATF22V10C ATMEL-ATF22V10C_08 Datasheet
408Kb / 22P
   Highperformance EE PLD
ATF1508AS ATMEL-ATF1508AS_05 Datasheet
717Kb / 31P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_07 Datasheet
280Kb / 20P
   Highperformance EE PLD
ATF1508ASV ATMEL-ATF1508ASV_05 Datasheet
599Kb / 28P
   Highperformance EE PLD
ATF16V8B ATMEL-ATF16V8B_05 Datasheet
640Kb / 26P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com