Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF22V10BQL-20JI Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATF22V10BQL-20JI
Description  Highperformance EE PLD
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF22V10BQL-20JI Datasheet(HTML) 5 Page - ATMEL Corporation

  ATF22V10BQL-20JI Datasheet HTML 1Page - ATMEL Corporation ATF22V10BQL-20JI Datasheet HTML 2Page - ATMEL Corporation ATF22V10BQL-20JI Datasheet HTML 3Page - ATMEL Corporation ATF22V10BQL-20JI Datasheet HTML 4Page - ATMEL Corporation ATF22V10BQL-20JI Datasheet HTML 5Page - ATMEL Corporation ATF22V10BQL-20JI Datasheet HTML 6Page - ATMEL Corporation ATF22V10BQL-20JI Datasheet HTML 7Page - ATMEL Corporation ATF22V10BQL-20JI Datasheet HTML 8Page - ATMEL Corporation ATF22V10BQL-20JI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ATF22V10B
5
Input Test Waveforms and
Measurement Levels
tR, tF < 3 ns
Output Test Loads
* All except -7 which is R2 = 300
Note:
1. Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested.
Power-up Reset
The registers in the ATF22V10Bs are designed to reset
during power-up. At a point delayed slightly from VCC cross-
ing VRST, all registers will be reset to the low state. The
output state will depend on the polarity of the output buffer.
This feature is critical for state machine initialization. How-
ever, due to the asynchronous nature of reset and the
uncertainty of how V
CC actually rises in the system, the
following conditions are required:
1. The V
CC rise must be monotonic,
2. After reset occurs, all input and feedback setup times
must be met before driving the clock pin high, and
3. The clock must remain stable during t
PR.
Preload of Registered Outputs
The ATF22V10B’s registers are provided with circuitry to
allow loading of each register with either a high or a low.
This feature will simplify testing since any state can be
forced into the registers to control test sequencing. A
JEDEC file with preload is generated when a source file
with vectors is compiled. Once downloaded, the JEDEC file
preload sequence will be done automatically by most of the
approved programmers after the programming.
Security Fuse Usage
A single fuse is provided to prevent unauthorized copying
of the ATF22V10B fuse patterns. Once programmed, fuse
verify and preload are inhibited. However, the 64-bit User
Signature remains accessible.
The security fuse should be programmed last, as its effect
is immediate.
Commercial
Military
Pin Capacitance
f = 1 MHz, T = 25°C(1)
Typ
Max
Units
Conditions
CIN
58
pF
VIN = 0V
C
OUT
68
pF
V
OUT = 0V
Parameter
Description
Typ
Max
Units
tPR
Power-up
Reset Time
600
1,000
ns
V
RST
Power-up
Reset
Voltage
3.8
4.5
V


Similar Part No. - ATF22V10BQL-20JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10BQL-20JI ATMEL-ATF22V10BQL-20JI Datasheet
886Kb / 14P
   High- Performance EE PLD
More results

Similar Description - ATF22V10BQL-20JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
   Highperformance EE PLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
281Kb / 9P
   Highperformance EE PLD
ATF22V10C ATMEL-ATF22V10C_08 Datasheet
408Kb / 22P
   Highperformance EE PLD
ATF1508AS ATMEL-ATF1508AS_05 Datasheet
717Kb / 31P
   Highperformance EE PLD
ATF16V8C ATMEL-ATF16V8C_99 Datasheet
503Kb / 18P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_07 Datasheet
280Kb / 20P
   Highperformance EE PLD
ATF1508ASV ATMEL-ATF1508ASV_05 Datasheet
599Kb / 28P
   Highperformance EE PLD
ATF16V8B ATMEL-ATF16V8B_05 Datasheet
640Kb / 26P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com