Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


AT89C2051-24PU Datasheet(PDF) 12 Page - ATMEL Corporation

Part No. AT89C2051-24PU
Description  8-bit Microcontroller with 2K Bytes Flash
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

 12 page
background image
12
0368H–MICRO–6/08
AT89C2051
Notes:
1. Under steady state (non-transient) conditions, I
OL must be externally limited as follows:
Maximum IOL per port pin: 20 mA
Maximum total IOL for all output pins: 80 mA
If I
OL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater
than the listed test conditions.
2. Minimum VCC for Power-down is 2V.
16. Absolute Maximum Ratings*
Operating Temperature ................................. -55°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Storage Temperature ..................................... -65°C to +150°C
Voltage on Any Pin
with Respect to Ground .....................................-1.0V to +7.0V
Maximum Operating Voltage ............................................ 6.6V
DC Output Current...................................................... 25.0 mA
17. DC Characteristics
T
A = -40°C to 85°C, VCC = 2.7V to 6.0V (unless otherwise noted)
Symbol
Parameter
Condition
Min
Max
Units
VIL
Input Low-voltage
-0.5
0.2 VCC - 0.1
V
VIH
Input High-voltage
(Except XTAL1, RST)
0.2 VCC + 0.9
VCC + 0.5
V
V
IH1
Input High-voltage
(XTAL1, RST)
0.7 V
CC
V
CC + 0.5
V
VOL
Output Low-voltage(1)
(Ports 1, 3)
I
OL = 20 mA, VCC = 5V
IOL = 10 mA, VCC = 2.7V
0.5
V
VOH
Output High-voltage
(Ports 1, 3)
IOH = -80 μA, VCC = 5V ± 10%
2.4
V
IOH = -30 μA0.75 VCC
V
I
OH = -12 μA
0.9 V
CC
V
I
IL
Logical 0 Input Current
(Ports 1, 3)
V
IN = 0.45V
-50
µA
I
TL
Logical 1 to 0 Transition Current
(Ports 1, 3)
V
IN = 2V, VCC = 5V ± 10%
-750
µA
ILI
Input Leakage Current
(Port P1.0, P1.1)
0 < VIN < VCC
±10
µA
VOS
Comparator Input Offset Voltage
VCC = 5V
20
mV
VCM
Comparator Input Common
Mode Voltage
0VCC
V
RRST
Reset Pull-down Resistor
50
300
k
Ω
C
IO
Pin Capacitance
Test Freq. = 1 MHz, T
A = 25°C
10
pF
ICC
Power Supply Current
Active Mode, 12 MHz, V
CC = 6V/3V
15/5.5
mA
Idle Mode, 12 MHz, VCC = 6V/3V
P1.0 & P1.1 = 0V or V
CC
5/1
mA
Power-down Mode(2)
VCC = 6V, P1.0 & P1.1 = 0V or VCC
100
µA
V
CC = 3V, P1.0 & P1.1 = 0V or VCC
20
µA




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ATMEGA3290P8-bit Microcontroller with 32K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATTINY25_068-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
AT90S2313_028-bit Microcontroller with 2K Bytes of In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA325P_068-bit Microcontroller with 32K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATTINY22L_18-bit Microcontroller with 2K Bytes of In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
AT89LV55_018-bit Microcontroller with 20K Bytes Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA16HVB8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA16_068-bit Microcontroller with 16K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATTINY261_068-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl