Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27C010 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT27C010
Description  1-Megabit (128K x 8) OTP EPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C010 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT27C010_07 Datasheet HTML 1Page - ATMEL Corporation AT27C010_07 Datasheet HTML 2Page - ATMEL Corporation AT27C010_07 Datasheet HTML 3Page - ATMEL Corporation AT27C010_07 Datasheet HTML 4Page - ATMEL Corporation AT27C010_07 Datasheet HTML 5Page - ATMEL Corporation AT27C010_07 Datasheet HTML 6Page - ATMEL Corporation AT27C010_07 Datasheet HTML 7Page - ATMEL Corporation AT27C010_07 Datasheet HTML 8Page - ATMEL Corporation AT27C010_07 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
0321M–EPROM–12/07
AT27C010
10. AC Waveforms for Read Operation(1)
Notes:
1. Timing measurement reference level is 1.5V for -45 devices. Input AC drive levels are VIL = 0.0V and VIH = 3.0V. Timing
measurement reference levels for all other speed grades are V
OL = 0.8V and VOH = 2.0V. Input AC drive levels are VIL =
0.45V and V
IH = 2.4V.
2. OE may be delayed up to tCE - tOE after the falling edge of CE without impact on tCE.
3. OE may be delayed up to t
ACC - tOE after the address is valid without impact on tACC.
4. This parameter is only sampled and is not 100% tested.
5. Output float is defined as the point when data is no longer driven.
9.
AC Characteristics for Read Operation
Symbol
Parameter
Condition
AT27C010
Units
-45
-70
Min
Max
Min
Max
t
ACC
(3)
Address to Output Delay
CE = OE = V
IL
45
70
ns
t
CE
(2)
CE to Output Delay
OE = V
IL
45
70
ns
t
OE
(2)(3)
OE to Output Delay
CE = V
IL
20
30
ns
t
DF
(4)(5)
OE or CE High to Output Float, whichever occurred first
20
25
ns
t
OH
Output Hold from Address, CE or OE, whichever occurred first
7
7
ns


Similar Part No. - AT27C010_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C010-12 ATMEL-AT27C010-12 Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
AT27C010-12JC ATMEL-AT27C010-12JC Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
AT27C010-12JI ATMEL-AT27C010-12JI Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
AT27C010-12PC ATMEL-AT27C010-12PC Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
AT27C010-12PI ATMEL-AT27C010-12PI Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
More results

Similar Description - AT27C010_07

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
27C010T MAXWELL-27C010T Datasheet
207Kb / 14P
   1 Megabit (128K x 8-Bit) - OTP EPROM
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010 Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
AT27LV010A ATMEL-AT27LV010A_07 Datasheet
375Kb / 15P
   1-Megabit (128K x 8) Low Voltage OTP EPROM
AT27LV010A ATMEL-AT27LV010A Datasheet
207Kb / 9P
   1 Megabit 128K x 8 Low Voltage OTP CMOS EPROM
AT27BV010 ATMEL-AT27BV010_07 Datasheet
378Kb / 15P
   1-Megabit (128K x 8) Unregulated Battery-Voltage OTP EPROM
AT27BV010 ATMEL-AT27BV010 Datasheet
209Kb / 9P
   1 Megabit 128K x 8 Unregulated Battery-Voltage OTP CMOS EPROM
AT27C2048 ATMEL-AT27C2048 Datasheet
163Kb / 9P
   2-Megabit 128K x 16 OTP EPROM
AT27C2048 ATMEL-AT27C2048_07 Datasheet
356Kb / 14P
   2-Megabit (128K x 16) OTP EPROM AT27C2048
AT27C080 ATMEL-AT27C080_07 Datasheet
352Kb / 14P
   8-Megabit (1M x 8) OTP EPROM
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com