Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF22V10B-7SC Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATF22V10B-7SC
Description  Highperformance EE PLD
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF22V10B-7SC Datasheet(HTML) 3 Page - ATMEL Corporation

  ATF22V10B-7SC Datasheet HTML 1Page - ATMEL Corporation ATF22V10B-7SC Datasheet HTML 2Page - ATMEL Corporation ATF22V10B-7SC Datasheet HTML 3Page - ATMEL Corporation ATF22V10B-7SC Datasheet HTML 4Page - ATMEL Corporation ATF22V10B-7SC Datasheet HTML 5Page - ATMEL Corporation ATF22V10B-7SC Datasheet HTML 6Page - ATMEL Corporation ATF22V10B-7SC Datasheet HTML 7Page - ATMEL Corporation ATF22V10B-7SC Datasheet HTML 8Page - ATMEL Corporation ATF22V10B-7SC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ATF22V10B
3
Notes:
1. Not more than one output at a time should be shorted. Duration of short circuit test should not exceed 30 sec.
2. The shaded devices are obsolete.
DC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
IIL
Input or I/O
Low Leakage Current
0
≤ V
IN
VIL (Max)
-35
-100
µA
IIH
Input or I/O
High Leakage Current
3.5
≤ V
IN ≤ VCC
10
µA
I
CC
Power Supply Current,
Standby
V
CC = Max,
V
IN = Max,
Outputs Open
B-7
Com.
85
120
mA
Ind., Mil.
85
140
mA
I
CC
Power Supply Current,
Standby
V
CC = Max,
V
IN = Max,
Outputs Open
B-10
Com./Ind.
85/85
120/140
mA
Mil.
85
140
mA
B-15
Com./Ind.
65/65
90/115
mA
Mil.
65
115
mA
B-25
Com.
65
90
mA
Ind., Mil.
65
115
mA
BQ-15
Com.
35
55
mA
BQL-20, -25
Com.
5
10
mA
Ind., Mil.
5
15
mA
ICC2
Clocked Power
Supply Current
VCC = Max,
Outputs Open,
f = 15 MHz
B-7
Com.
90
120
mA
Mil., Ind.
90
145
mA
B-10
Com./Ind.
90/90
120/145
mA
Mil.
90
145
mA
B-15
Com./Ind.
65/65
90/120
mA
Mil.
65
120
mA
B-25
Com.
65
90
mA
Ind., Mil.
65
120
mA
BQ-15
Com.
40
60
mA
BQL-20, -25
Com.
20
50
mA
Ind., Mil.
20
70
mA
IOS
(1)
Output Short
Circuit Current
VOUT = 0.5V
-130
mA
V
IL
Input Low Voltage
-0.5
0.8
V
V
IH
Input High Voltage
2.0
V
CC + 0.75
V
V
OL
Output Low Voltage
VIN = VIH or VIL,
V
CC = Min
IOL = 16 mA
Com., Ind.
0.5
V
IOL = 12 mA
Mil.
0.5
V
VOH
Output High Voltage
VIN = VIH or VIL,
VCC = Min
IOH = -4.0 mA
2.4
V


Similar Part No. - ATF22V10B-7SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10B-7SC ATMEL-ATF22V10B-7SC Datasheet
886Kb / 14P
   High- Performance EE PLD
More results

Similar Description - ATF22V10B-7SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
   Highperformance EE PLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
281Kb / 9P
   Highperformance EE PLD
ATF22V10C ATMEL-ATF22V10C_08 Datasheet
408Kb / 22P
   Highperformance EE PLD
ATF1508AS ATMEL-ATF1508AS_05 Datasheet
717Kb / 31P
   Highperformance EE PLD
ATF16V8C ATMEL-ATF16V8C_99 Datasheet
503Kb / 18P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_07 Datasheet
280Kb / 20P
   Highperformance EE PLD
ATF1508ASV ATMEL-ATF1508ASV_05 Datasheet
599Kb / 28P
   Highperformance EE PLD
ATF16V8B ATMEL-ATF16V8B_05 Datasheet
640Kb / 26P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com