Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT28C256F-15TI Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT28C256F-15TI
Description  256K (32K x 8) Paged Parallel EEPROM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C256F-15TI Datasheet(HTML) 5 Page - ATMEL Corporation

  AT28C256F-15TI Datasheet HTML 1Page - ATMEL Corporation AT28C256F-15TI Datasheet HTML 2Page - ATMEL Corporation AT28C256F-15TI Datasheet HTML 3Page - ATMEL Corporation AT28C256F-15TI Datasheet HTML 4Page - ATMEL Corporation AT28C256F-15TI Datasheet HTML 5Page - ATMEL Corporation AT28C256F-15TI Datasheet HTML 6Page - ATMEL Corporation AT28C256F-15TI Datasheet HTML 7Page - ATMEL Corporation AT28C256F-15TI Datasheet HTML 8Page - ATMEL Corporation AT28C256F-15TI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5
0006K–PEEPR–01/08
AT28C256
Notes:
1. X can be V
IL or VIH.
2. Refer to AC programming waveforms.
3. VH = 12.0V ± 0.5V.
5.
DC and AC Operating Range
AT28C256-15
AT28C256-20
AT28C256-25
AT28C256-35
Operating Temperature
(Case)
Ind.
-40°C - 85°C
Mil.
-55°C - 125°C
-55°C - 125°C
-55°C - 125°C
-55°C - 125°C
V
CC Power Supply
5V
± 10%
5V
± 10%
5V
± 10%
5V
± 10%
6.
Operating Modes
Mode
CE
OE
WE
I/O
Read
V
IL
V
IL
V
IH
D
OUT
Write(2)
VIL
VIH
VIL
DIN
Standby/Write Inhibit
V
IH
X(1)
X
High Z
Write Inhibit
X
X
V
IH
Write Inhibit
X
VIL
X
Output Disable
X
V
IH
X
High Z
Chip Erase
V
IL
V
H
(3)
V
IL
High Z
7.
Absolute Maximum Ratings*
Temperature under Bias ................................ -55°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
device reliability
Storage Temperature ..................................... -65°C to +150°C
All Input Voltages
(including NC Pins)
with Respect to Ground ...................................-0.6V to +6.25V
All Output Voltages
with Respect to Ground .............................-0.6V to VCC + 0.6V
Voltage on OE and A9
with Respect to Ground ...................................-0.6V to +13.5V
8.
DC Characteristics
Symbol
Parameter
Condition
Min
Max
Units
ILI
Input Load Current
VIN = 0V to VCC + 1V
10
µA
ILO
Output Leakage Current
VI/O = 0V to VCC
10
µA
ISB1
VCC Standby Current CMOS
CE = VCC - 0.3V to VCC + 1V
Ind.
200
µA
Mil.
300
µA
ISB2
VCC Standby Current TTL
CE = 2.0V to VCC + 1V
3
mA
ICC
VCC Active Current
f = 5 MHz; IOUT = 0 mA
50
mA
VIL
Input Low Voltage
0.8
V
VIH
Input High Voltage
2.0
V
VOL
Output Low Voltage
IOL = 2.1 mA
0.45
V
VOH
Output High Voltage
IOH = -400 µA
2.4
V


Similar Part No. - AT28C256F-15TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C256F-15TI ATMEL-AT28C256F-15TI Datasheet
762Kb / 14P
   256K 32K x 8 Paged CMOS E2PROM
More results

Similar Description - AT28C256F-15TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C256-15PU ATMEL-AT28C256-15PU Datasheet
665Kb / 25P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256E-15PU ATMEL-AT28C256E-15PU Datasheet
665Kb / 25P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256 ATMEL-AT28C256 Datasheet
762Kb / 14P
   256K 32K x 8 Paged CMOS E2PROM
logo
Maxwell Technologies
28C256T MAXWELL-28C256T Datasheet
283Kb / 14P
   256K EEPROM (32K x 8-Bit) EEPROM
logo
ATMEL Corporation
AT28C010 ATMEL-AT28C010_06 Datasheet
410Kb / 17P
   1-megabit (128K x 8) Paged Parallel EEPROM
AT28BV256 ATMEL-AT28BV256 Datasheet
251Kb / 16P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT28BV256 ATMEL-AT28BV256 Datasheet
307Kb / 18P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT28BV256 ATMEL-AT28BV256_09 Datasheet
301Kb / 17P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
logo
Microchip Technology
AT28C010 MICROCHIP-AT28C010 Datasheet
524Kb / 31P
   Military Grade 1-Mbit (131,072 x 8) Paged Parallel EEPROM
2020
logo
Renesas Technology Corp
X28HC256 RENESAS-X28HC256 Datasheet
873Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com