Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27C256R-45JI Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT27C256R-45JI
Description  256K (32K x 8) OTP EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C256R-45JI Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT27C256R-45JI Datasheet HTML 7Page - ATMEL Corporation AT27C256R-45JI Datasheet HTML 8Page - ATMEL Corporation AT27C256R-45JI Datasheet HTML 9Page - ATMEL Corporation AT27C256R-45JI Datasheet HTML 10Page - ATMEL Corporation AT27C256R-45JI Datasheet HTML 11Page - ATMEL Corporation AT27C256R-45JI Datasheet HTML 12Page - ATMEL Corporation AT27C256R-45JI Datasheet HTML 13Page - ATMEL Corporation AT27C256R-45JI Datasheet HTML 14Page - ATMEL Corporation AT27C256R-45JI Datasheet HTML 15Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
0014M–EPROM–12/07
AT27C256R
20.3
28R – SOIC
A
2.39
2.79
A1
0.050
0.356
D
18.00
18.50
Note 1
E
11.70
12.50
E1
8.59
8.79
Note 1
B
0.356
0.508
C
0.203
0.305
L
0.94
1.27
e
1.27 TYP
PIN 1
0º ~ 8º
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
28R, 28-lead, 0.330" Body Width,
Plastic Gull Wing Small Outline (SOIC)
C
28R
5/18/2004
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A
E
C
A1
E1
e
D
L
B
Note: 1. Dimensions D and E1 do not include mold Flash
or protrusion. Mold Flash or protrusion shall not exceed
0.25 mm (0.010").


Similar Part No. - AT27C256R-45JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C256R-45JI ATMEL-AT27C256R-45JI Datasheet
251Kb / 9P
   256K 32K x 8 OTP CMOS EPROM
More results

Similar Description - AT27C256R-45JI

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
27C256T MAXWELL-27C256T Datasheet
126Kb / 14P
   256K (32K x 8-Bit) OTP EPROM
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R Datasheet
251Kb / 9P
   256K 32K x 8 OTP CMOS EPROM
AT27LV256A ATMEL-AT27LV256A_07 Datasheet
406Kb / 15P
   256K (32K x 8) Low-voltage OTP EPROM
AT27LV256A ATMEL-AT27LV256A Datasheet
221Kb / 9P
   256K 32K x 8 Low Voltage OTP CMOS EPROM
logo
STMicroelectronics
M87C257 STMICROELECTRONICS-M87C257 Datasheet
143Kb / 13P
   ADDRESS LATCHED 256K 32K x 8 UV EPROM and OTP EPROM
logo
Hitachi Semiconductor
HN27C256A HITACHI-HN27C256A Datasheet
416Kb / 10P
   256K(32K x 8-bit) UV and OTP EPROM
logo
AMIC Technology
A27020 AMICC-A27020_15 Datasheet
138Kb / 14P
   256K X 8 OTP CMOS EPROM
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
logo
AMIC Technology
A27020 AMICC-A27020 Datasheet
170Kb / 14P
   256K X 8 OTP CMOS EPROM
A27020A AMICC-A27020A Datasheet
175Kb / 14P
   256K X 8 OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com