Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT32UC3B0128-Z2UT Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT32UC3B0128-Z2UT
Description  AVR32 32-Bit Microcontroller
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3B0128-Z2UT Datasheet(HTML) 1 Page - ATMEL Corporation

  AT32UC3B0128-Z2UT Datasheet HTML 1Page - ATMEL Corporation AT32UC3B0128-Z2UT Datasheet HTML 2Page - ATMEL Corporation AT32UC3B0128-Z2UT Datasheet HTML 3Page - ATMEL Corporation AT32UC3B0128-Z2UT Datasheet HTML 4Page - ATMEL Corporation AT32UC3B0128-Z2UT Datasheet HTML 5Page - ATMEL Corporation AT32UC3B0128-Z2UT Datasheet HTML 6Page - ATMEL Corporation AT32UC3B0128-Z2UT Datasheet HTML 7Page - ATMEL Corporation AT32UC3B0128-Z2UT Datasheet HTML 8Page - ATMEL Corporation AT32UC3B0128-Z2UT Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 65 page
background image
Features
High Performance, Low Power AVR®32 UC 32-Bit Microcontroller
– Compact Single-cycle RISC Instruction Set Including DSP Instruction Set
– Read-Modify-Write Instructions and Atomic Bit Manipulation
– Performing 1.38 DMIPS / MHz
Up to 75 DMIPS Running at 60 MHz from Flash
Up to 45 DMIPS Running at 33 MHz from Fash
– Memory Protection Unit
Multi-hierarchy Bus System
– High-Performance Data Transfers on Separate Buses for IIncreased Performance
– 7 Peripheral DMA Channels Improves Speed for Peripheral Communication
Internal High-Speed Flash
– 256K Bytes, 128K Bytes, 64K Bytes Versions
– Single Cycle Access up to 30 MHz
– Prefetch Buffer Optimizing Instruction Execution at Maximum Speed
– 4ms Page Programming Time and 8ms Full-Chip Erase Time
– 100,000 Write Cycles, 15-year Data Retention Capability
– Flash Security Locks and User Defined Configuration Area
Internal High-Speed SRAM, Single-Cycle Access at Full Speed
– 32K Bytes (256KB and 128KB Flash), 16K Bytes (64KB Flash)
Interrupt Controller
– Autovectored Low Latency Interrupt Service with Programmable Priority
System Functions
– Power and Clock Manager Including Internal RC Clock and One 32KHz Oscillator
– Two Multipurpose Oscillators and Two Phase-Lock-Loop (PLL) allowing
Independant CPU Frequency from USB Frequency
– Watchdog Timer, Real-Time Clock Timer
Universal Serial Bus (USB)
– Device 2.0 Full/Low Speed and On-The-Go (OTG)
– Flexible End-Point Configuration and Management with Dedicated DMA Channels
– On-chip Transceivers Including Pull-Ups
– USB Wake Up from Sleep Functionality
One Three-Channel 16-bit Timer/Counter (TC)
– Three External Clock Inputs, PWM, Capture and Various Counting Capabilities
One 7-Channel 16-bit Pulse Width Modulation Controller (PWM)
Three Universal Synchronous/Asynchronous Receiver/Transmitters (USART)
– Independant Baudrate Generator, Support for SPI, IrDA and ISO7816 interfaces
– Support for Hardware Handshaking, RS485 Interfaces and Modem Line
One Master/Slave Serial Peripheral Interfaces (SPI) with Chip Select Signals
One Synchronous Serial Protocol Controller
– Supports I2S and Generic Frame-Based Protocols
One Master/Slave Two-Wire Interface (TWI), 400kbit/s I2C-compatible
One 8-channel 10-bit Analog-To-Digital Converter
On-Chip Debug System (JTAG interface)
– Nexus Class 2+, Runtime Control, Non-Intrusive Data and Program Trace
64-pin TQFP/QFN (44 GPIO pins), 48-pin TQFP/QFN (28 GPIO pins)
5V Input Tolerant I/Os, including 4 high-drive pins.
Single 3.3V Power Supply or Dual 1.8V-3.3V Power Supply
32059GS–AVR32–04/08
AVR®32
32-Bit
Microcontroller
AT32UC3B0256
AT32UC3B0128
AT32UC3B064
AT32UC3B1256
AT32UC3B1128
AT32UC3B164
Preliminary
Summary


Similar Part No. - AT32UC3B0128-Z2UT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3B0128-Z2UT ATMEL-AT32UC3B0128-Z2UT Datasheet
985Kb / 62P
   32-Bit Microcontroller
AT32UC3B0128-Z2UT ATMEL-AT32UC3B0128-Z2UT Datasheet
1Mb / 91P
   32-bit AVR Microcontroller
AT32UC3B0128-Z2UT ATMEL-AT32UC3B0128-Z2UT Datasheet
10Mb / 676P
   32-bit AVR짰 Microcontroller
More results

Similar Description - AT32UC3B0128-Z2UT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32AP7000 ATMEL-AT32AP7000_09 Datasheet
707Kb / 63P
   AVR32 32-bit Microcontroller
AT32AP7002 ATMEL-AT32AP7002_1 Datasheet
13Mb / 896P
   AVR32 32-bit Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512_08 Datasheet
1Mb / 86P
   AVR32 32-Bit Microcontroller
AT32AP7001 ATMEL-AT32AP7001_09 Datasheet
814Kb / 49P
   AVR32 32-bit Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_09 Datasheet
1Mb / 75P
   AVR32 32-Bit Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064 Datasheet
1Mb / 71P
   AVR32 32-bit Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_1 Datasheet
14Mb / 961P
   AVR32 32-Bit Microcontroller
AT32AP7001 ATMEL-AT32AP7001_08 Datasheet
754Kb / 49P
   AVR32 32-bit Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512 Datasheet
655Kb / 52P
   AVR32 32-Bit Microcontroller
AT32AP7000 ATMEL-AT32AP7000_1 Datasheet
9Mb / 973P
   AVR32 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com