Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT32UC3B0256 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT32UC3B0256
Description  AVR32 32-Bit Microcontroller
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3B0256 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT32UC3B0256 Datasheet HTML 5Page - ATMEL Corporation AT32UC3B0256 Datasheet HTML 6Page - ATMEL Corporation AT32UC3B0256 Datasheet HTML 7Page - ATMEL Corporation AT32UC3B0256 Datasheet HTML 8Page - ATMEL Corporation AT32UC3B0256 Datasheet HTML 9Page - ATMEL Corporation AT32UC3B0256 Datasheet HTML 10Page - ATMEL Corporation AT32UC3B0256 Datasheet HTML 11Page - ATMEL Corporation AT32UC3B0256 Datasheet HTML 12Page - ATMEL Corporation AT32UC3B0256 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 65 page
background image
9
32059GS–AVR32–04/08
AT32UC3B
MSEO0 - MSEO1
Trace Frame Control
Output
EVTI_N
Event In
Output
Low
EVTO_N
Event Out
Output
Low
Power Manager - PM
GCLK0 - GCLK2
Generic Clock Pins
Output
RESET_N
Reset Pin
Input
Low
External Interrupt Module - EIM
EXTINT0 - EXTINT7
External Interrupt Pins
Input
KPS0 - KPS7
Keypad Scan Pins
Output
NMI_N
Non-Maskable Interrupt Pin
Input
Low
General Purpose I/O pin- GPIOA, GPIOB
PA0 - PA31
Parallel I/O Controller GPIOA
I/O
PB0 - PB11
Parallel I/O Controller GPIOB
I/O
Serial Peripheral Interface - SPI0
MISO
Master In Slave Out
I/O
MOSI
Master Out Slave In
I/O
NPCS0 - NPCS3
SPI Peripheral Chip Select
I/O
Low
SCK
Clock
Output
Synchronous Serial Controller - SSC
RX_CLOCK
SSC Receive Clock
I/O
RX_DATA
SSC Receive Data
Input
RX_FRAME_SYNC
SSC Receive Frame Sync
I/O
TX_CLOCK
SSC Transmit Clock
I/O
TX_DATA
SSC Transmit Data
Output
TX_FRAME_SYNC
SSC Transmit Frame Sync
I/O
Timer/Counter - TIMER
A0
Channel 0 Line A
I/O
A1
Channel 1 Line A
I/O
Table 5-1.
Signal Description List
Signal Name
Function
Type
Active
Level
Comments


Similar Part No. - AT32UC3B0256

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3B0256 ATMEL-AT32UC3B0256 Datasheet
985Kb / 62P
   32-Bit Microcontroller
AT32UC3B0256 ATMEL-AT32UC3B0256 Datasheet
1Mb / 91P
   32-bit AVR Microcontroller
AT32UC3B0256 ATMEL-AT32UC3B0256 Datasheet
10Mb / 676P
   32-bit AVR짰 Microcontroller
AT32UC3B0256 ATMEL-AT32UC3B0256 Datasheet
1Mb / 105P
   32-bit AVR짰 Microcontroller
AT32UC3B0256-A2UR ATMEL-AT32UC3B0256-A2UR Datasheet
1Mb / 91P
   32-bit AVR Microcontroller
More results

Similar Description - AT32UC3B0256

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32AP7000 ATMEL-AT32AP7000_09 Datasheet
707Kb / 63P
   AVR32 32-bit Microcontroller
AT32AP7002 ATMEL-AT32AP7002_1 Datasheet
13Mb / 896P
   AVR32 32-bit Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512_08 Datasheet
1Mb / 86P
   AVR32 32-Bit Microcontroller
AT32AP7001 ATMEL-AT32AP7001_09 Datasheet
814Kb / 49P
   AVR32 32-bit Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_09 Datasheet
1Mb / 75P
   AVR32 32-Bit Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064 Datasheet
1Mb / 71P
   AVR32 32-bit Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_1 Datasheet
14Mb / 961P
   AVR32 32-Bit Microcontroller
AT32AP7001 ATMEL-AT32AP7001_08 Datasheet
754Kb / 49P
   AVR32 32-bit Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512 Datasheet
655Kb / 52P
   AVR32 32-Bit Microcontroller
AT32AP7000 ATMEL-AT32AP7000_1 Datasheet
9Mb / 973P
   AVR32 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com