Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA325P Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATMEGA325P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA325P Datasheet(HTML) 3 Page - ATMEL Corporation

  ATMEGA325P_08 Datasheet HTML 1Page - ATMEL Corporation ATMEGA325P_08 Datasheet HTML 2Page - ATMEL Corporation ATMEGA325P_08 Datasheet HTML 3Page - ATMEL Corporation ATMEGA325P_08 Datasheet HTML 4Page - ATMEL Corporation ATMEGA325P_08 Datasheet HTML 5Page - ATMEL Corporation ATMEGA325P_08 Datasheet HTML 6Page - ATMEL Corporation ATMEGA325P_08 Datasheet HTML 7Page - ATMEL Corporation ATMEGA325P_08 Datasheet HTML 8Page - ATMEL Corporation ATMEGA325P_08 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
8024AS–AVR–04/08
ATmega8HVA/16HVA
1.2
TSOP
Figure 1-3.
TSOP - pinout ATmega8HVA/16HVA
1.3
Pin Descriptions
1.3.1
VFET
Input to the internal voltage regulator.
1.3.2
VCC
Digital supply voltage. Normally connected to VREG.
1.3.3
VREG
Output from the internal voltage regulator.
1.3.4
CF1P/CF1N/CF2P/CF2N
CF1P/CF1N/CF2P/CF2N are the connection pins for connecting external fly capacitors to the
step-up regulator.
1.3.5
VREF
Internal Voltage Reference for external decoupling.
1.3.6
VREFGND
Ground for decoupling of Internal Voltage Reference. Do not connect to GND or SGND on PCB.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
PV2
PV1
NV
GND
VFET
CF1P
CF1N
CF2P
CF2N
VREG
VREFGND
PI
NI
PA0 (ADC0/SGND/T0)
PA1 (ADC1/SGND/T1)
PA2 (RESET/dW)
PB0 (SS/CKOUT)
PB1 (SCK)
PB2 (MOSI/INT1)
VREF
PB3 (MISO/INT2)
GND
VCC
PC0 (RXD/TXD/INT0)
BATT
GND
OC
OD


Similar Part No. - ATMEGA325P_08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA325P ATMEL-ATMEGA325P_06 Datasheet
3Mb / 336P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P_07 Datasheet
449Kb / 24P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P_09 Datasheet
503Kb / 25P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA325P_08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA325P ATMEL-ATMEGA325P_06 Datasheet
3Mb / 336P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_08 Datasheet
471Kb / 25P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA324PA ATMEL-ATMEGA324PA Datasheet
546Kb / 24P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A Datasheet
427Kb / 18P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P Datasheet
346Kb / 25P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32 ATMEL-ATMEGA32_08 Datasheet
5Mb / 346P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_1 Datasheet
5Mb / 385P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A_09 Datasheet
518Kb / 18P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA328P ATMEL-ATMEGA328P_09 Datasheet
5Mb / 345P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A_1 Datasheet
6Mb / 352P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com