Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5460A Datasheet(PDF) 46 Page - Cirrus Logic

Part # CS5460A
Description  Single Phase, Bi-directional Power/Energy IC
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5460A Datasheet(HTML) 46 Page - Cirrus Logic

Back Button CS5460A_07 Datasheet HTML 42Page - Cirrus Logic CS5460A_07 Datasheet HTML 43Page - Cirrus Logic CS5460A_07 Datasheet HTML 44Page - Cirrus Logic CS5460A_07 Datasheet HTML 45Page - Cirrus Logic CS5460A_07 Datasheet HTML 46Page - Cirrus Logic CS5460A_07 Datasheet HTML 47Page - Cirrus Logic CS5460A_07 Datasheet HTML 48Page - Cirrus Logic CS5460A_07 Datasheet HTML 49Page - Cirrus Logic CS5460A_07 Datasheet HTML 50Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 54 page
background image
CS5460A
46
DS487F4
5.2 Current Channel DC Offset Register and Voltage Channel DC Offset Register
Address:
1 (Current Channel DC Offset Register)
3 (Voltage Channel DC Offset Register)
Default** = 0.000
The DC offset registers are initialized to zero on reset, allowing the device to function and perform measure-
ments. The register is loaded after one computation cycle with the current or voltage offset when the proper input
is applied and the DC Calibration Command is received. DRDY will be asserted at the end of the calibration.
The register may be read and stored so the register may be restored with the desired system offset compensa-
tion. The value is in the range ± full scale. The numeric format of this register is two’s complement notation.
5.3 Current Channel Gain Register and Voltage Channel Gain Register
Address:
2 (Current Channel Gain Register)
4 (Voltage Channel Gain Register)
Default** = 1.000
The gain registers are initialized to 1.0 on reset, allowing the device to function and perform measurements. The
gain registers hold the result of either the AC or DC gain calibrations, whichever was most recently performed.
If DC calibration is performed, the register is loaded after one computation cycle with the system gain when the
proper DC input is applied and the Calibration Command is received. If AC calibration is performed, then after
~(6N + 30) A/D conversion cycles (where N is the value of the Cycle-Count Register) the register(s) is loaded
with the system gain when the proper AC input is applied and the Calibration Command is received. DRDY will
be asserted at the end of the calibration. The register may be read and stored so the register may be restored
with the desired system offset compensation. The value is in the range 0.0
≤ Gain < 4.0.
5.4 Cycle Count Register
Address: 5
Default** = 4000
The Cycle Count Register value (denoted as ‘N’) specifies the number of A/D conversion cycles per computation
cycle. For each computation cycle, the updated results in the RMS and Energy Registers are computed using
the most recent set of N continuous instantaneous voltage/current samples. When the device is commanded to
operate in ’continuous computation cycles’ data acquisition mode, the computation cycle frequency is
(MCLK / K) / (1024
∗ N) where MCLK is master clock input frequency (into XIN / XOUT pins), K is the clock di-
vider value (as specified in the Configuration Register), and N is Cycle Count Register value.
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
21
20
2-1
2-2
2-3
2-4
2-5
2-6
.....
2-16
2-17
2-18
2-19
2-20
2-21
2-22
MSB
LSB
223
222
221
220
219
218
217
216
.....
26
25
24
23
22
21
20


Similar Part No. - CS5460A_07

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5460A-BS CIRRUS-CS5460A-BS Datasheet
876Kb / 54P
   Single Phase Bi-Directional Power/Energy IC
logo
List of Unclassifed Man...
CS5460A-BS ETC2-CS5460A-BS Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Cirrus Logic
CS5460A-BSZ CIRRUS-CS5460A-BSZ Datasheet
876Kb / 54P
   Single Phase Bi-Directional Power/Energy IC
More results

Similar Description - CS5460A_07

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5463 CIRRUS-CS5463_11 Datasheet
388Kb / 46P
   Single Phase, Bi-directional Power/Energy IC
CS5460A CIRRUS-CS5460A Datasheet
876Kb / 54P
   Single Phase Bi-Directional Power/Energy IC
CS5460 CIRRUS-CS5460 Datasheet
583Kb / 34P
   Single Phase Bi-Directional Power/Energy IC
CS5461A CIRRUS-CS5461A_08 Datasheet
705Kb / 44P
   Single Phase, Bi-directional Power/Energy IC
CS5461 CIRRUS-CS5461 Datasheet
336Kb / 46P
   Single Phase Bi-Directional Power/Energy IC
CS5463 CIRRUS-CS5463_08 Datasheet
770Kb / 46P
   Single Phase, Bi-directional Power/Energy IC
CS5461A CIRRUS-CS5461A Datasheet
757Kb / 41P
   Single Phase, Bi-directional Power/Energy IC
CS5463 CIRRUS-CS5463 Datasheet
875Kb / 44P
   Single Phase, Bi-directional Power/Energy IC
CS5461_0408 CIRRUS-CS5461_0408 Datasheet
665Kb / 45P
   Single Phase Bi-Directional Power/Energy IC
logo
Sames
SA2002H SAMES-SA2002H Datasheet
147Kb / 12P
   Single Phase Bi-directional Power / Energy Metering IC with Instantaneous Pulse Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com