Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5343-CZZR Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS5343-CZZR
Description  98 dB, 96 kHz, Multi-Bit Audio A/D Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5343-CZZR Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS5343-CZZR Datasheet HTML 3Page - Cirrus Logic CS5343-CZZR Datasheet HTML 4Page - Cirrus Logic CS5343-CZZR Datasheet HTML 5Page - Cirrus Logic CS5343-CZZR Datasheet HTML 6Page - Cirrus Logic CS5343-CZZR Datasheet HTML 7Page - Cirrus Logic CS5343-CZZR Datasheet HTML 8Page - Cirrus Logic CS5343-CZZR Datasheet HTML 9Page - Cirrus Logic CS5343-CZZR Datasheet HTML 10Page - Cirrus Logic CS5343-CZZR Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
DS687F3
7
CS5343/4
Draft
4/2/08
ANALOG CHARACTERISTICS - AUTOMOTIVE GRADE (-DZZ)
Test conditions (unless otherwise specified): TA = -40° C to 85° C; Input test signal is a 997 Hz sine wave through
recommended inputs as seen in Figure 6 on page 15; source impedance less than or equal to 2.5 k
Ω; valid with
FILT+ and VQ components as shown in Figure 3 on page 12; measurement bandwidth is 10 Hz to 20 kHz;
Fs = 48 kHz or 96 kHz.
Notes:
5.
Referred to the typical full-scale input voltage
Dynamic Performance for Automotive Grade
VA = 3.1 to 3.5 V
VA = 4.75 to 5.25 V
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Dynamic Range
A-weighted
unweighted
86
83
94
91
-
-
90
87
98
95
-
-
dB
dB
Total Harmonic Distortion + Noise
(Note 5)
-1 dB
-20 dB
-60 dB
THD+N
-
-
-
-88
-71
-31
-76
-
-
-
-
-
-91
-75
-35
-84
-
-
dB
dB
dB
Dynamic Performance for Automotive Grade
VA = 3.1 V to 3.5 V and VA = 4.75 V to 5.25 V
Min
Typ
Max
Unit
Interchannel Isolation
-
90
-
dB
DC Accuracy
Interchannel Gain Mismatch
-
-
0.1
dB
Gain Error
-3
-
+3
%
Gain Drift
-
±100
-
ppm/°C
Analog Input Characteristics
Full-scale Input Voltage
VA = 3.1 V to 3.5 V
0.523*VA
0.567*VA
0.612*VA
Vpp
Full-scale Input Voltage
VA = 4.75 V to 5.25 V
0.543*VA
0.560*VA
0.573*VA
Vpp
Input Impedance
-
7.5
-
M


Similar Part No. - CS5343-CZZR

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5343-CZZR CIRRUS-CS5343-CZZR Datasheet
370Kb / 21P
   98 dB, 96 kHz, Multi-Bit Audio A/D Converter
CS5343-CZZR CIRRUS-CS5343-CZZR Datasheet
351Kb / 21P
   98 dB, 96 kHz, Multi-Bit Audio A/D Converter
More results

Similar Description - CS5343-CZZR

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5343 CIRRUS-CS5343 Datasheet
370Kb / 21P
   98 dB, 96 kHz, Multi-Bit Audio A/D Converter
CS5343 CIRRUS-CS5343_07 Datasheet
351Kb / 21P
   98 dB, 96 kHz, Multi-Bit Audio A/D Converter
CS5396 CIRRUS-CS5396 Datasheet
1Mb / 40P
   120 dB, 96 kHZ Audio A/D Converter
CS5361 CIRRUS-CS5361_05 Datasheet
464Kb / 23P
   114 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5341 CIRRUS-CS5341 Datasheet
437Kb / 24P
   105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5351 CIRRUS-CS5351 Datasheet
499Kb / 24P
   108 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5361 CIRRUS-CS5361 Datasheet
957Kb / 24P
   111 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5341 CIRRUS-CS5341_08 Datasheet
406Kb / 22P
   105 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5381 CIRRUS-CS5381 Datasheet
292Kb / 24P
   120 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5342 CIRRUS-CS5342 Datasheet
400Kb / 22P
   105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com