Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PZU9.1B2A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PZU9.1B2A
Description  Single Zener diodes
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PZU9.1B2A Datasheet(HTML) 4 Page - NXP Semiconductors

  PZU9.1B2A Datasheet HTML 1Page - NXP Semiconductors PZU9.1B2A Datasheet HTML 2Page - NXP Semiconductors PZU9.1B2A Datasheet HTML 3Page - NXP Semiconductors PZU9.1B2A Datasheet HTML 4Page - NXP Semiconductors PZU9.1B2A Datasheet HTML 5Page - NXP Semiconductors PZU9.1B2A Datasheet HTML 6Page - NXP Semiconductors PZU9.1B2A Datasheet HTML 7Page - NXP Semiconductors PZU9.1B2A Datasheet HTML 8Page - NXP Semiconductors PZU9.1B2A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PZUXBA_SER_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 19 September 2008
4 of 14
NXP Semiconductors
PZUxBA series
Single Zener diodes
5.
Limiting values
[1]
tp = 100 µs; square wave; Tj =25 °C prior to surge
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[3]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
[3]
Soldering point of cathode tab.
7.
Characteristics
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
IF
forward current
-
200
mA
IZSM
non-repetitive peak reverse
current
[1] -
see
Table 8
and 9
PZSM
non-repetitive peak reverse
power dissipation
[1] -40
W
Ptot
total power dissipation
Tamb ≤ 25 °C
[2] -
320
mW
[3] -
490
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−55
+150
°C
Tstg
storage temperature
−65
+150
°C
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] -
-
390
K/W
[2] -
-
255
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
[3] --55
K/W
Table 7.
Characteristics
Tj =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
[1]
IF = 10 mA
-
-
0.9
V
IF = 100 mA
-
-
1.1
V


Similar Part No. - PZU9.1B2A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZU9.1B2 PHILIPS-PZU9.1B2 Datasheet
64Kb / 12P
   Single Zener diodes in a SOD323F package
Rev. 01-7 March 2006
PZU9.1B2L NXP-PZU9.1B2L Datasheet
133Kb / 13P
   Single Zener diodes
Rev. 01-6 May 2008
logo
Nexperia B.V. All right...
PZU9.1B2L NEXPERIA-PZU9.1B2L Datasheet
261Kb / 12P
   Single Zener diodes in a SOD882 package
Rev. 2 - 11 November 2019
More results

Similar Description - PZU9.1B2A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NZX8V2B133 NXP-NZX8V2B133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
NZX NXP-NZX Datasheet
67Kb / 12P
   Single Zener diodes
Rev. 02-3 June 2009
TDZ2V4J PHILIPS-TDZ2V4J Datasheet
247Kb / 12P
   Single Zener diodes
Rev. 2-29 July 2011
NZX12A-133 PHILIPS-NZX12A-133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
BZX84J-C11.115 NXP-BZX84J-C11.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
NZH NEXPERIA-NZH Datasheet
227Kb / 10P
   Single Zener diodes
logo
NXP Semiconductors
BZX84J PHILIPS-BZX84J Datasheet
75Kb / 12P
   Single Zener diodes
Rev. 01-1 March 2007
BZX84J-B5V6.115 NXP-BZX84J-B5V6.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
PDZ-B-Q_SER NEXPERIA-PDZ-B-Q_SER Datasheet
256Kb / 11P
   Single Zener diodes
Rev. 2 - 21 December 2022
NZH_SER NEXPERIA-NZH_SER Datasheet
205Kb / 9P
   Single Zener diodes
Rev. 01 - 27 January 2010
logo
NXP Semiconductors
NZH3V0B PHILIPS-NZH3V0B Datasheet
112Kb / 9P
   Single Zener diodes
Rev. 01-27 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com