Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4382A-CQZR Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS4382A-CQZR
Description  114 dB, 192 kHz 8-Channel D/A Converter
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4382A-CQZR Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS4382A-CQZR Datasheet HTML 6Page - Cirrus Logic CS4382A-CQZR Datasheet HTML 7Page - Cirrus Logic CS4382A-CQZR Datasheet HTML 8Page - Cirrus Logic CS4382A-CQZR Datasheet HTML 9Page - Cirrus Logic CS4382A-CQZR Datasheet HTML 10Page - Cirrus Logic CS4382A-CQZR Datasheet HTML 11Page - Cirrus Logic CS4382A-CQZR Datasheet HTML 12Page - Cirrus Logic CS4382A-CQZR Datasheet HTML 13Page - Cirrus Logic CS4382A-CQZR Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
10
DS618F1
CS4382A
DAC ANALOG CHARACTERISTICS - AUTOMOTIVE (-DQZ)
Test Conditions (unless otherwise specified): VA = 4.75 to 5.25 V; VLS = 1.71 to 5.25 V; VLC = 1.71 to 5.25 V; VD
= 2.37 to 2.63 V; TA = -40°C to 85°C; Full-Scale 997 Hz input sine wave (Note 1); Tested under max ac-load resis-
tance; Valid with FILT+ and VQ capacitors as shown in “Typical Connection Diagram” on page 19; Measurement
Bandwidth 10 Hz to 20 kHz.
Parameters
Symbol
Min
Typ
Max
Unit
FS = 48 kHz, 96 kHz, 192 kHz and DSD
Dynamic Range
24-bit
A-weighted
Unweighted
16-bit
A-weighted
(Note 2) Unweighted
105
102
-
-
114
111
97
94
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
24-bit
0 dB
-20 dB
-60 dB
(Note 2) 16-bit
0 dB
-20 dB
-60 dB
THD+N
-
-
-
-
-
-
-100
-91
-51
-94
-74
-34
-91
-
-42
-
-
-
dB
dB
dB
dB
dB
dB
Idle Channel Noise / Signal-to-noise Ratio
-
114
-
dB
Interchannel Isolation
(1 kHz)
-
110
-
dB
DC Accuracy
Interchannel Gain Mismatch
-
0.1
-
dB
Gain Drift
-
100
-
ppm/°C
Analog Output
Full-scale Differential Output Voltage
VFS
128%•VA
132%•VA
136%•VA
Vpp
Output Impedance
(Note 3)
ZOUT
-
130
-
Max DC Current Draw From an AOUT Pin
IOUTmax
-1.0
-
mA
Min AC-load Resistance
RL
-3
-
k
Max Load Capacitance
CL
-
100
-
pF
Quiescent Voltage
VQ
-
50%•VA
-VDC
Max Current draw from VQ
IQMAX
-10
-
µA


Similar Part No. - CS4382A-CQZR

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4382A-CQZR CIRRUS-CS4382A-CQZR Datasheet
685Kb / 47P
   114 dB, 192 kHz 8-channel D/A Converter
CS4382A-CQZR CIRRUS-CS4382A-CQZR Datasheet
938Kb / 47P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382A-CQZR CIRRUS-CS4382A-CQZR Datasheet
1,023Kb / 50P
   114 dB, 192 kHz 8-Channel D/A Converter
More results

Similar Description - CS4382A-CQZR

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4383 CIRRUS-CS4383 Datasheet
952Kb / 40P
   114 dB, 192 kHz 8-Channel D/A Converter?
CS4382 CIRRUS-CS4382_08 Datasheet
844Kb / 42P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382A CIRRUS-CS4382A_05 Datasheet
938Kb / 47P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4385A CIRRUS-CS4385A Datasheet
1Mb / 55P
   114-dB, 192-kHz 8-Channel D/A Converter
CS5368 CIRRUS-CS5368_08 Datasheet
596Kb / 41P
   114 dB, 192 kHz, 8-Channel A/D Converter
CS4382A CIRRUS-CS4382A Datasheet
685Kb / 47P
   114 dB, 192 kHz 8-channel D/A Converter
CS5368 CIRRUS-CS5368 Datasheet
354Kb / 39P
   114 dB, 192 kHz, 8-Channel A/D Converter
CS4385 CIRRUS-CS4385_07 Datasheet
1Mb / 55P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382 CIRRUS-CS4382 Datasheet
981Kb / 42P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4385 CIRRUS-CS4385_08 Datasheet
1Mb / 55P
   114 dB, 192 kHz 8-Channel D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com