Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4353-DNZ Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS4353-DNZ
Description  3.3 V Stereo Audio DAC with 2 VRMS Line Output
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4353-DNZ Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS4353-DNZ Datasheet HTML 5Page - Cirrus Logic CS4353-DNZ Datasheet HTML 6Page - Cirrus Logic CS4353-DNZ Datasheet HTML 7Page - Cirrus Logic CS4353-DNZ Datasheet HTML 8Page - Cirrus Logic CS4353-DNZ Datasheet HTML 9Page - Cirrus Logic CS4353-DNZ Datasheet HTML 10Page - Cirrus Logic CS4353-DNZ Datasheet HTML 11Page - Cirrus Logic CS4353-DNZ Datasheet HTML 12Page - Cirrus Logic CS4353-DNZ Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
DS803PP1
9
CS4353
COMBINED INTERPOLATION & ON-CHIP ANALOG FILTER RESPONSE
The filter characteristics have been normalized to the sample rate (Fs) and can be referenced to the desired sam-
ple rate by multiplying the given characteristic by Fs.
Notes: 9.
Response is clock-dependent and will scale with Fs.
10. For Single- and Double-Speed Mode, the Measurement Bandwidth is from stopband to 3 Fs.
For Quad-Speed Mode, the Measurement Bandwidth is from stopband to 1.34 Fs.
11. De-emphasis is available only in Single-Speed Mode.
12. Amplitude vs. Frequency plots of this data are available in “Digital Filter Response Plots” on page 22.
Parameter
Min
Typ
Max
Unit
Single-Speed Mode - 48 kHz
Passband (Note 9)
to -0.01 dB corner
to -3 dB corner
0
0
-
-
.454
.499
Fs
Fs
Frequency Response 10 Hz to 20 kHz
-0.01
-
+0.01
dB
StopBand
0.547
-
-
Fs
StopBand Attenuation
(Note 10)
102
-
-
dB
Total Group Delay (Fs = Sample Rate)
-
9.4/Fs
-
s
Intra-channel Phase Deviation
-
-
±0.56/Fs
s
Inter-channel Phase Deviation
-
-
0
s
De-emphasis Error (Note 11)(Relative to 1 kHz)
Fs = 44.1 kHz
-
-
±0.14
dB
Double-Speed Mode - 96 kHz
Passband (Note 9)
to -0.01 dB corner
to -3 dB corner
0
0
-
-
.430
.499
Fs
Fs
Frequency Response 10 Hz to 20 kHz
-0.01
-
0.01
dB
StopBand
.583
-
-
Fs
StopBand Attenuation
(Note 10)
80
-
-
dB
Total Group Delay (Fs = Sample Rate)
-
4.6/Fs
-
s
Intra-channel Phase Deviation
-
-
±0.03/Fs
s
Inter-channel Phase Deviation
-
-
0
s
Quad-Speed Mode - 192 kHz
Passband (Note 9)
to -0.01 dB corner
to -3 dB corner
0
0
-
-
.105
.490
Fs
Fs
Frequency Response 10 Hz to 20 kHz
-0.01
-
0.01
dB
StopBand
.635
-
-
Fs
StopBand Attenuation
(Note 10)
90
-
-
dB
Total Group Delay (Fs = Sample Rate)
-
4.7/Fs
-
s


Similar Part No. - CS4353-DNZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4353-CNZ CIRRUS-CS4353-CNZ Datasheet
295Kb / 26P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
CS4353-CNZR CIRRUS-CS4353-CNZR Datasheet
295Kb / 26P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
More results

Similar Description - CS4353-DNZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4353 CIRRUS-CS4353_09 Datasheet
295Kb / 26P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
CS4354 CIRRUS-CS4354 Datasheet
559Kb / 25P
   5 V Stereo DAC with 2 VRMS Ground-centered Output
CS4351 CIRRUS-CS4351 Datasheet
1Mb / 41P
   192 kHz STEREO DAC WITH 2 Vrms LINE OUT
CS4351 CIRRUS-CS4351_05 Datasheet
807Kb / 37P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4352 CIRRUS-CS4352_07 Datasheet
476Kb / 20P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4352 CIRRUS-CS4352 Datasheet
557Kb / 19P
   192 kHz Stereo DAC with 2 Vrms Line Out
logo
Suzhou Everest Semicond...
ES7154 EVEREST-ES7154 Datasheet
609Kb / 8P
   24-bit I2S Audio DAC with 2 Vrms Output
logo
Texas Instruments
PCM5242 TI1-PCM5242 Datasheet
2Mb / 128P
[Old version datasheet]   Audio Stereo Differential-Output DAC
logo
Princeton Technology Co...
PT3323 PTC-PT3323 Datasheet
223Kb / 4P
   2-VRMS Audio Line Driver With Adjustable Gain
logo
Texas Instruments
DRV632PW TI1-DRV632PW Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com