Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4353-DNZ Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS4353-DNZ
Description  3.3 V Stereo Audio DAC with 2 VRMS Line Output
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4353-DNZ Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS4353-DNZ Datasheet HTML 4Page - Cirrus Logic CS4353-DNZ Datasheet HTML 5Page - Cirrus Logic CS4353-DNZ Datasheet HTML 6Page - Cirrus Logic CS4353-DNZ Datasheet HTML 7Page - Cirrus Logic CS4353-DNZ Datasheet HTML 8Page - Cirrus Logic CS4353-DNZ Datasheet HTML 9Page - Cirrus Logic CS4353-DNZ Datasheet HTML 10Page - Cirrus Logic CS4353-DNZ Datasheet HTML 11Page - Cirrus Logic CS4353-DNZ Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
DS803PP1
CS4353
DAC ANALOG CHARACTERISTICS (AUTOMOTIVE - DNZ)
Test conditions (unless otherwise specified): TA = -40 to +85 °C; VCP = VA = 3.13 V to 3.47 V; AOUT_REF =
AGND = DGND = CPGND = 0 V; VBIAS, +/-VFILT, and FLYP/N+/- capacitors as shown in Figure 3 on page 13;
input test signal is a 997 Hz sine wave at 0 dBFS; measurement bandwidth 10 Hz to 20 kHz.
8.
Applying a DC voltage on the AOUT_REF pin will cause a DC offset on the DAC output. See Section
4.1.3 for more information.
1_2VRMS = 0
1_2VRMS = 1
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Dynamic Performance, Fs = 48, 96, and 192 kHz (Notes 2, 3)
Dynamic Range
24-bit
A-Weighted
unweighted
16-bit A-Weighted
unweighted
94
91
-
-
100
97
92
89
-
-
-
-
100
97
-
-
106
103
98
95
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
24-bit
0 dB
-20 dB
-60 dB
16-bit
0 dB
-20 dB
-60 dB
THD+N
-
-
-
-
-
-
-
-93
-77
-37
-93
-75
-29
-87
-71
-31
-
-
-
-
-
-
-
-
-
-
-93
-83
-43
-93
-75
-35
-87
-77
-37
-
-
-
dB
dB
dB
dB
dB
dB
Idle Channel Noise / Signal-to-Noise Ratio
(A-wt)
-
100
-
-
106
-
dB
Interchannel Isolation
(1 kHz)
-
115
-
-
115
-
dB
Analog Output (Note 2)
Full Scale AOUTx Output Voltage
(Notes 4, 5)
0.98
1.05
1.12
1.96
2.10
2.25
VRMS
2.77
2.97
3.17
5.54
5.94
6.36
Vpp
Max Current Draw from an AOUTx Pin
IOUTmax
-
575
-
-
575
-
µA
Interchannel Gain Mismatch
-
0.1
-
-
0.1
-
dB
Output Offset
-
±5
±8
-
±5
±8
mV
Gain Drift
-
100
-
-
100
-
ppm/°C
Output Impedance
ZOUT
-
100
-
-
100
-
AC-Load Resistance
RL
5-
-5-
-
k
Load Capacitance
CL
-
-
1000
-
-
1000
pF
AOUT_REF Rejection
(Notes 6, 7)
AOR
-40-
-
40-
dB
Analog Reference Input
AOUT_REF Input Voltage
(Note 8)
--
0.2
-
-
0.2
Vpp


Similar Part No. - CS4353-DNZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4353-CNZ CIRRUS-CS4353-CNZ Datasheet
295Kb / 26P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
CS4353-CNZR CIRRUS-CS4353-CNZR Datasheet
295Kb / 26P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
More results

Similar Description - CS4353-DNZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4353 CIRRUS-CS4353_09 Datasheet
295Kb / 26P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
CS4354 CIRRUS-CS4354 Datasheet
559Kb / 25P
   5 V Stereo DAC with 2 VRMS Ground-centered Output
CS4351 CIRRUS-CS4351 Datasheet
1Mb / 41P
   192 kHz STEREO DAC WITH 2 Vrms LINE OUT
CS4351 CIRRUS-CS4351_05 Datasheet
807Kb / 37P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4352 CIRRUS-CS4352_07 Datasheet
476Kb / 20P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4352 CIRRUS-CS4352 Datasheet
557Kb / 19P
   192 kHz Stereo DAC with 2 Vrms Line Out
logo
Suzhou Everest Semicond...
ES7154 EVEREST-ES7154 Datasheet
609Kb / 8P
   24-bit I2S Audio DAC with 2 Vrms Output
logo
Texas Instruments
PCM5242 TI1-PCM5242 Datasheet
2Mb / 128P
[Old version datasheet]   Audio Stereo Differential-Output DAC
logo
Princeton Technology Co...
PT3323 PTC-PT3323 Datasheet
223Kb / 4P
   2-VRMS Audio Line Driver With Adjustable Gain
logo
Texas Instruments
DRV632PW TI1-DRV632PW Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com