Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4361-CZZ Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS4361-CZZ
Description  20-Pin, 24-Bit, 192 kHz, 6-Channel D/A Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4361-CZZ Datasheet(HTML) 5 Page - Cirrus Logic

  CS4361-CZZ Datasheet HTML 1Page - Cirrus Logic CS4361-CZZ Datasheet HTML 2Page - Cirrus Logic CS4361-CZZ Datasheet HTML 3Page - Cirrus Logic CS4361-CZZ Datasheet HTML 4Page - Cirrus Logic CS4361-CZZ Datasheet HTML 5Page - Cirrus Logic CS4361-CZZ Datasheet HTML 6Page - Cirrus Logic CS4361-CZZ Datasheet HTML 7Page - Cirrus Logic CS4361-CZZ Datasheet HTML 8Page - Cirrus Logic CS4361-CZZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
CS4361
Confidential Draft
2/12/08
2. CHARACTERISTICS AND SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS
AGND = 0 V; all voltages with respect to ground.
ABSOLUTE MAXIMUM RATINGS
AGND = 0 V; all voltages with respect to ground.
WARNING: Operation at or beyond these limits may result in permanent damage to the device. Normal operation
is not guaranteed at these extremes.
Parameters
Symbol
Min
Nom
Max
Units
DC Power Supply
VA
VL
4.75
1.7
5.0
3.3
5.25
5.25
V
V
Specified Temperature Range
Commercial (-CZZ)
TA
-40
-
+85
°C
Parameters
Symbol
Min
Max
Units
DC Power Supply
VA
VL
-0.3
-0.3
6.0
VA
V
V
Input Current, Any Pin Except Supplies
Iin
-±10
mA
Digital Input Voltage (pin 8, RST)VIND
-0.3
VA+0.4
V
Digital Input Voltage (all other digital pins)
VIND
-0.3
VL+0.4
V
Ambient Operating Temperature (power applied)
Top
-55
125
°C
Storage Temperature
Tstg
-65
150
°C


Similar Part No. - CS4361-CZZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4361-CZZ CIRRUS-CS4361-CZZ Datasheet
671Kb / 23P
   20-pin, 24-bit, 192 kHz, 6-channel D/A Converter
More results

Similar Description - CS4361-CZZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4361 CIRRUS-CS4361 Datasheet
671Kb / 23P
   20-pin, 24-bit, 192 kHz, 6-channel D/A Converter
CS4360 CIRRUS-CS4360_04 Datasheet
848Kb / 37P
   24-Bit, 192 kHz 6 Channel D/A Converter
CS4360 CIRRUS-CS4360 Datasheet
875Kb / 36P
   24-Bit, 192 kHz 6 Channel D/A Converter?
CS5366 CIRRUS-CS5366 Datasheet
713Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS5366 CIRRUS-CS5366_08 Datasheet
645Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS4362A CIRRUS-CS4362A_09 Datasheet
1,011Kb / 50P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4364 CIRRUS-CS4364 Datasheet
983Kb / 50P
   103 dB, 192 kHz 6-Channel D/A Converter
logo
Suzhou Everest Semicond...
ES7145LV EVEREST-ES7145LV Datasheet
308Kb / 8P
   10-pin, 24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
ES7144LV EVEREST-ES7144LV Datasheet
231Kb / 8P
   10-pin, 24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
logo
Cirrus Logic
CS4396 CIRRUS-CS4396 Datasheet
527Kb / 28P
   24-Bit, 192 kHz D/A Converter for Digital Audio?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com