Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PZU16BA/DG Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PZU16BA/DG
Description  Single Zener diodes
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PZU16BA/DG Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PZU16BA/DG Datasheet HTML 3Page - NXP Semiconductors PZU16BA/DG Datasheet HTML 4Page - NXP Semiconductors PZU16BA/DG Datasheet HTML 5Page - NXP Semiconductors PZU16BA/DG Datasheet HTML 6Page - NXP Semiconductors PZU16BA/DG Datasheet HTML 7Page - NXP Semiconductors PZU16BA/DG Datasheet HTML 8Page - NXP Semiconductors PZU16BA/DG Datasheet HTML 9Page - NXP Semiconductors PZU16BA/DG Datasheet HTML 10Page - NXP Semiconductors PZU16BA/DG Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PZUXBA_SER_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 19 September 2008
7 of 14
NXP Semiconductors
PZUxBA series
Single Zener diodes
[1]
f = 1 MHz; VR =0V
[2]
tp = 100 µs; square wave; Tj =25 °C prior to surge
14
B2
13.70 14.30 80
10
100
11
10.4
101
2
15
B
13.84 15.52 80
15
50
11
11.4
99
2
B1
13.84 14.46
B2
14.34 14.98
B3
14.85 15.52
16
B
15.37 17.09 80
20
50
12
12.4
97
1.5
B1
15.37 16.01
B2
15.85 16.51
B3
16.35 17.09
18
B
16.94 19.03 80
20
50
13
14.4
93
1.5
B1
16.94 17.7
B2
17.56 18.35
B3
18.21 19.03
20
B
18.86 21.08 100
20
50
15
16.4
88
1.5
B1
18.86 19.7
B2
19.52 20.39
B3
20.21 21.08
22
B
20.88 23.17 100
25
50
17
18.4
84
1.3
B1
20.88 21.77
B2
21.54 22.47
B3
22.23 23.17
24
B
22.93 25.57 120
30
50
19
20.4
80
1.3
B1
22.93 23.96
B2
23.72 24.78
B3
24.54 25.57
27
B
25.1
28.9
150
40
50
21
23.4
73
1
30
B
28
32
200
40
50
23
26.6
66
1
33
B
31
35
250
40
50
25
29.7
60
0.9
36
B
34
38
300
60
50
27
33.0
59
0.8
Table 9.
Characteristics per type; PZU6.2BA to PZU36BA and PZU6.2BA/DG to PZU36BA/DG …continued
Tj =25 °C unless otherwise specified.
PZUxBA
Sel
Working
voltage
VZ (V)
Differential resistance
rdif (Ω)
Reverse
current
IR (nA)
Temperature
coefficient
SZ (mV/K)
Diode
capacitance
Cd (pF)[1]
Non-repetitive
peak reverse
current
IZSM (A)[2]
IZ =5mA
IZ = 0.5 mA IZ =5mA
IZ =5mA
Min
Max
Max
Max
Max
VR (V)
Typ
Max
Max


Similar Part No. - PZU16BA/DG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZU16B PHILIPS-PZU16B Datasheet
64Kb / 12P
   Single Zener diodes in a SOD323F package
Rev. 01-7 March 2006
PZU16B1 PHILIPS-PZU16B1 Datasheet
64Kb / 12P
   Single Zener diodes in a SOD323F package
Rev. 01-7 March 2006
PZU16B2 PHILIPS-PZU16B2 Datasheet
64Kb / 12P
   Single Zener diodes in a SOD323F package
Rev. 01-7 March 2006
PZU16B2L NXP-PZU16B2L Datasheet
133Kb / 13P
   Single Zener diodes
Rev. 01-6 May 2008
logo
Nexperia B.V. All right...
PZU16B2L NEXPERIA-PZU16B2L Datasheet
261Kb / 12P
   Single Zener diodes in a SOD882 package
Rev. 2 - 11 November 2019
More results

Similar Description - PZU16BA/DG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NZX8V2B133 NXP-NZX8V2B133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
NZX NXP-NZX Datasheet
67Kb / 12P
   Single Zener diodes
Rev. 02-3 June 2009
TDZ2V4J PHILIPS-TDZ2V4J Datasheet
247Kb / 12P
   Single Zener diodes
Rev. 2-29 July 2011
NZX12A-133 PHILIPS-NZX12A-133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
BZX84J-C11.115 NXP-BZX84J-C11.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
NZH NEXPERIA-NZH Datasheet
227Kb / 10P
   Single Zener diodes
logo
NXP Semiconductors
BZX84J PHILIPS-BZX84J Datasheet
75Kb / 12P
   Single Zener diodes
Rev. 01-1 March 2007
BZX84J-B5V6.115 NXP-BZX84J-B5V6.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
PDZ-B-Q_SER NEXPERIA-PDZ-B-Q_SER Datasheet
256Kb / 11P
   Single Zener diodes
Rev. 2 - 21 December 2022
NZH_SER NEXPERIA-NZH_SER Datasheet
205Kb / 9P
   Single Zener diodes
Rev. 01 - 27 January 2010
logo
NXP Semiconductors
NZH3V0B PHILIPS-NZH3V0B Datasheet
112Kb / 9P
   Single Zener diodes
Rev. 01-27 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com