Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4245 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS4245
Description  104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4245 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS4245_07 Datasheet HTML 10Page - Cirrus Logic CS4245_07 Datasheet HTML 11Page - Cirrus Logic CS4245_07 Datasheet HTML 12Page - Cirrus Logic CS4245_07 Datasheet HTML 13Page - Cirrus Logic CS4245_07 Datasheet HTML 14Page - Cirrus Logic CS4245_07 Datasheet HTML 15Page - Cirrus Logic CS4245_07 Datasheet HTML 16Page - Cirrus Logic CS4245_07 Datasheet HTML 17Page - Cirrus Logic CS4245_07 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 57 page
background image
14
DS656F2
CS4245
11. Valid for the selected input pair.
Line-Level Inputs
Parameter
Symbol
Commercial Grade
Automotive Grade
Unit
Min
Typ
Max
Min
Typ
Max
Interchannel Isolation
-
90
-
-
90
-
dB
DC Accuracy
Gain Error
-
-
±10
--
±10
%
Gain Drift
-
±100
-
-
±100
-
ppm/°C
Line-Level Input Characteristics
Full-scale Input Voltage
0.51*VA 0.57*VA 0.63*VA 0.51*VA 0.57*VA 0.63*VA
Vpp
Input Impedance
(Note 11)
6.12
6.8
7.48
5.44
6.8
8.16
k
Ω
Maximum Interchannel Input Impedance
Mismatch
-5-
-
5-
%
Line-Level and Microphone-Level Inputs
Parameter
Symbol
Commercial Grade
Automotive Grade
Unit
Min
Typ
Max
Min
Typ
Max
DC Accuracy
Interchannel Gain Mismatch
-
0.1
-
-
0.1
-
dB
Programmable Gain Characteristics
Gain Step Size
-
0.5
-
-
0.5
-
dB
Absolute Gain Step Error
-
-
0.4
-
-
0.4
dB


Similar Part No. - CS4245_07

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4245-CQZ CIRRUS-CS4245-CQZ Datasheet
1Mb / 54P
   105 dB, 24-Bit, 192 kHz Streo Sudio CODEC
More results

Similar Description - CS4245_07

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4265 CIRRUS-CS4265_07 Datasheet
1Mb / 56P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS5345 CIRRUS-CS5345_07 Datasheet
835Kb / 41P
   104 dB, 24-Bit, 192 kHz Stereo Audio ADC
CS4265 CIRRUS-CS4265 Datasheet
961Kb / 53P
   105 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270_06 Datasheet
980Kb / 49P
   24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5322 PROTEC-PA5322 Datasheet
280Kb / 17P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES7322 EVEREST-ES7322 Datasheet
908Kb / 23P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com