Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRD42L52 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CRD42L52
Description  2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CRD42L52 Datasheet(HTML) 2 Page - Cirrus Logic

  CRD42L52 Datasheet HTML 1Page - Cirrus Logic CRD42L52 Datasheet HTML 2Page - Cirrus Logic CRD42L52 Datasheet HTML 3Page - Cirrus Logic CRD42L52 Datasheet HTML 4Page - Cirrus Logic CRD42L52 Datasheet HTML 5Page - Cirrus Logic CRD42L52 Datasheet HTML 6Page - Cirrus Logic CRD42L52 Datasheet HTML 7Page - Cirrus Logic CRD42L52 Datasheet HTML 8Page - Cirrus Logic CRD42L52 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 82 page
background image
2
DS680F1
CS42L52
5/13/08
System Features
12, 24, and 27 MHz Master Clock Support in
Addition to Typical Audio Clock Rates
High-performance 24-bit Converters
Multi-bit Delta-Sigma Architecture
Very Low 64Fs Oversampling Clock Reduces
Power Consumption
Low-power Operation
Stereo Analog Passthrough: 10 mW @ 1.8 V
Stereo Playback: 14 mW @ 1.8 V
Stereo Rec. and Playback: 23 mW @ 1.8 V
Variable Power Supplies
1.8 V to 2.5 V Digital & Analog
1.6 V to 5 V Class D Amplifier
1.8 V to 2.5 V Headphone Amplifier
1.8 V to 3.3 V Interface Logic
Power-down Management
ADC, DAC, CODEC, MIC Pre-Amplifier, PGA,
Headphone Amplifier, Speaker Amplifier
Analog & Digital Routing/Mixes:
Line/Headphone Out = Analog In (ADC
Bypassed)
Line/Headphone/Speaker
Out = ADC + Digital In
Digital Out = ADC + Digital In
Internal Digital Loopback
Mono Mixes
Flexible Clocking Options
Master or Slave Operation
High-impedance Digital Output Option (for easy
MUXing between CODEC & other data
sources)
Quarter-speed Mode - (i.e. allows 8 kHz Fs
while maintaining a flat noise floor up to 16 kHz)
4 kHz to 96 kHz Sample Rates
I²C® Control Port Operation
Headphone/Speaker Detection Input
Pop and Click Suppression
Applications
Digital Voice Recorders, Digital Cameras, &
Camcorders
PDA’s
Personal Media Players
Portable Game Consoles
General Description
The CS42L52 is a highly integrated, low-power stereo CO-
DEC with headphone and Class D speaker amplifiers. The
CS42L52 offers many features suitable for low-power, porta-
ble system applications.
The ADC input path allows independent channel control of a
number of features. Input summing amplifiers mix and select
line-level and/or microphone-level inputs for each channel.
The microphone input path includes a selectable programma-
ble-gain pre-amplifier stage and a low-noise MIC bias voltage
supply. A PGA is available for line or microphone inputs and
provides analog gain with soft-ramp and zero-cross transi-
tions. The ADC also features a digital volume control with soft
ramp transitions. A programmable ALC and Noise Gate mon-
itor
the
input
signals
and
adjust
the
volume
levels
appropriately. To conserve power, the ADC may be bypassed
while still allowing full analog volume control.
The DAC output path includes a digital signal processing en-
gine with various fixed-function controls. Tone Control
provides bass and treble adjustment of four selectable corner
frequencies. The Digital Mixer provides independent volume
control for both the ADC output and PCM input signal paths,
as well as a master volume control. Digital Volume controls
may be configured to change on soft-ramp transitions while
the analog controls can be configured to occur on every zero
crossing. The DAC also includes de-emphasis, limiting func-
tions and a BEEP generator, delivering tones selectable
across a range of two full octaves.
The stereo headphone amplifier is powered from a separate
positive supply and the integrated charge pump provides a
negative supply. This allows a ground-centered, analog output
with a wide signal swing and eliminates external DC-blocking
capacitors.
The Class D stereo speaker amplifier does not require an
external filter and provides the high-efficiency amplification re-
quired by power-sensitive portable applications. The speaker
amplifier may be powered directly from a battery while the in-
ternal DC supply monitoring and compensation provides a
constant gain level as the battery’s voltage decays.
In addition to its many features, the CS42L52 operates from a
low-voltage analog and digital core making it ideal for portable
systems that require extremely low power consumption in a
minimal amount of space.
The CS42L52 is available in a 40-pin QFN package in both
Commercial (-40 to +85 °C) and Automotive (-40 to +105 °C)
grades. The CS42L52 Customer Demonstration board is also
available for device evaluation and implementation sugges-
tions. Please refer to “Ordering Information” on page 81 for
complete ordering information.


Similar Part No. - CRD42L52

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CRD42L52 CIRRUS-CRD42L52 Datasheet
1Mb / 82P
   Low Power, Stereo CODEC w/Headphone & Speaker Amps
More results

Similar Description - CRD42L52

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42L52 CIRRUS-CS42L52 Datasheet
1Mb / 82P
   Low Power, Stereo CODEC w/Headphone & Speaker Amps
CS43L22 CIRRUS-CS43L22 Datasheet
1Mb / 68P
   Low Power, Stereo DAC w/Headphone & Speaker Amps
CS43L22 CIRRUS-CS43L22_10 Datasheet
695Kb / 66P
   Low Power, Stereo DAC w/Headphone & Speaker Amps
logo
Protek Devices
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
   Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
logo
Texas Instruments
TLV320AIC29 TI-TLV320AIC29_15 Datasheet
1Mb / 88P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_08 Datasheet
1Mb / 87P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC28 TI-TLV320AIC28 Datasheet
792Kb / 81P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC28 TI-TLV320AIC28_08 Datasheet
1Mb / 85P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
logo
Cirrus Logic
CS42L55 CIRRUS-CS42L55 Datasheet
1Mb / 73P
   Ultra Low Power, Stereo CODEC w/Class H Headphone Amp
logo
Sanyo Semicon Device
LA4820M SANYO-LA4820M Datasheet
677Kb / 20P
   Monaural Speaker/Stereo Headphone Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com