Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDF8599 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDF8599
Description  I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDF8599 Datasheet HTML 1Page - NXP Semiconductors TDF8599 Datasheet HTML 2Page - NXP Semiconductors TDF8599 Datasheet HTML 3Page - NXP Semiconductors TDF8599 Datasheet HTML 4Page - NXP Semiconductors TDF8599 Datasheet HTML 5Page - NXP Semiconductors TDF8599 Datasheet HTML 6Page - NXP Semiconductors TDF8599 Datasheet HTML 7Page - NXP Semiconductors TDF8599 Datasheet HTML 8Page - NXP Semiconductors TDF8599 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
TDF8599_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 13 November 2008
3 of 52
NXP Semiconductors
TDF8599
Class-D power amplifier with load diagnostics
6.
Block diagram
Fig 1.
Block diagram
001aai766
PWM
CTRL
TDF8599
DRIVER
HIGH
STABI1
5 V STABI
STABI2
VP1
OUT1N
BOOT1P
OUT1P
OUT2N
BOOT2P
OUT2P
VSTAB2
33
VSTAB1
34
24
31
10
9
1
2
5
3
4
8
AGND
SVRR
IN1P
IN1N
ACGND
IN2P
IN2N
VP2
VP1
VDDA
32
29
28
23
22
26
27
PGND1
VP1
PGND1
+
DRIVER
LOW
PWM
CTRL
DRIVER
HIGH
DRIVER
LOW
BOOT1N
BOOT2N
PWM
CTRL
DRIVER
HIGH
VP2
PGND2
VP2
PGND2
DRIVER
LOW
PWM
CTRL
DRIVER
HIGH
DRIVER
LOW
OSCILLATOR
18
OSCSET
19
OSCIO
17
SSM
12
MOD
MODE
SELECT
+
I2C-BUS
DIAGNOSTICS
PROTECTIONS
OVP, OCP, OTP
UVP, TF, WP,DCP
GNDD/HW
CLIP DCP
6
EN
7
SEL_MUTE
16
SCL
15
SDA
11
36
DIAG
14
13
20
ADS
PGND1
30
PGND2
25
35
VDDD
21


Similar Part No. - TDF8599

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDF8599A NXP-TDF8599A Datasheet
346Kb / 54P
   I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
Rev. 02-30 June 2009
TDF8599ATH NXP-TDF8599ATH Datasheet
346Kb / 54P
   I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
Rev. 02-30 June 2009
TDF8599A PHILIPS-TDF8599A_15 Datasheet
520Kb / 55P
   I2C-bus controlled dual channel 135 W/4 ?? single channel 250 W/2 ??class-D power amplifier with load diagnostics
Rev. 3-2 May 2013
TDF8599B NXP-TDF8599B Datasheet
339Kb / 54P
   I2C-bus controlled dual channel 43 W/4 W, single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-29 July 2009
TDF8599B NXP-TDF8599B Datasheet
569Kb / 54P
   I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
Rev. 2 ??23 August 2016
More results

Similar Description - TDF8599

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDF8599B NXP-TDF8599B Datasheet
339Kb / 54P
   I2C-bus controlled dual channel 43 W/4 W, single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-29 July 2009
TDF8599B NXP-TDF8599B_V01 Datasheet
569Kb / 54P
   I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
Rev. 2 ??23 August 2016
TDF8599A NXP-TDF8599A Datasheet
346Kb / 54P
   I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
Rev. 02-30 June 2009
TDF8599A PHILIPS-TDF8599A_15 Datasheet
520Kb / 55P
   I2C-bus controlled dual channel 135 W/4 ?? single channel 250 W/2 ??class-D power amplifier with load diagnostics
Rev. 3-2 May 2013
TDA1566 PHILIPS-TDA1566_15 Datasheet
299Kb / 46P
   I2C-bus controlled dual channel 46 W/2 W, single channel 92 W/1 W amplifier with load diagnostic features
Rev. 02-20 August 2007
TDA1566 NXP-TDA1566 Datasheet
299Kb / 46P
   I2C-bus controlled dual channel 46 W/2 OHM, single channel 92 W/1 OHM amplifier
Rev. 02-20 August 2007
logo
Texas Instruments
TAS6421-Q1 TI1-TAS6421-Q1 Datasheet
570Kb / 5P
[Old version datasheet]   75-W, 2-MHz Digital Input 1-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
logo
NXP Semiconductors
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
   I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
TDA8594 PHILIPS-TDA8594_15 Datasheet
469Kb / 49P
   I2C-bus controlled 4 ??50 W power amplifier
Rev. 5-11 June 2013
TFA9842J PHILIPS-TFA9842J Datasheet
143Kb / 21P
   2-channel audio amplifier; SE: 1 W to 7.5 W; BTL: 2 W to 15 W
Rev. 01-26 April 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com