Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA9886 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA9886
Description  I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9886 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA9886 Datasheet HTML 3Page - NXP Semiconductors TDA9886 Datasheet HTML 4Page - NXP Semiconductors TDA9886 Datasheet HTML 5Page - NXP Semiconductors TDA9886 Datasheet HTML 6Page - NXP Semiconductors TDA9886 Datasheet HTML 7Page - NXP Semiconductors TDA9886 Datasheet HTML 8Page - NXP Semiconductors TDA9886 Datasheet HTML 9Page - NXP Semiconductors TDA9886 Datasheet HTML 10Page - NXP Semiconductors TDA9886 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
TDA9885_TDA9886_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 16 December 2008
7 of 56
NXP Semiconductors
TDA9885; TDA9886
I2C-bus controlled multistandard alignment-free IF-PLL demodulators
7.2 Pin description
Table 3.
Pin description
Symbol
Pin
Description
TDA9885T
TDA9885TS
TDA9886T
TDA9886TS
TDA9885HN TDA9886HN
VIF1
1
1
30
30
VIF differential input 1
VIF2
2
2
31
31
VIF differential input 2
n.c.
-
-
32
32
not connected
OP1
3
3
1
1
output port 1; open-collector
FMPLL
4
4
2
2
FM PLL for loop filter
DEEM
5
5
3
3
de-emphasis output for capacitor
AFD
6
6
4
4
AF DC-decoupling capacitor
DGND
7
7
5
5
digital ground
n.c.
-
-
6
6
not connected
AUD
8
8
7
7
audio output
TOP
9
9
8
8
tuner AGC TOP for resistor adjustment
SDA
10109
9
I2C-bus data input and output
SCL
11
11
10
10
I2C-bus clock input
SIOMAD
12
12
11
11
sound intercarrier output and MAD select with resistor
n.c.
-
-
12
12
not connected
n.c.
13
13
13
13
not connected
n.c.
-
-
14
14
not connected
TAGC
14
14
15
15
tuner AGC output
REF
15
15
16
16
4 MHz crystal or reference signal input
VAGC
-
16
-
17
VIF AGC for capacitor
n.c.
16
-
17
-
not connected
CVBS
17
17
18
18
composite video output
n.c.
-
-
19
19
not connected
AGND
18
18
20
20
analog ground
VPLL
19
19
21
21
VIF PLL for loop filter
VP
20
20
22
22
supply voltage
AFC
21
21
23
23
AFC output
OP2
22
22
24
24
output port 2; open-collector
n.c.
-
-
25
25
not connected
SIF1
23
23
26
26
SIF differential input 1 and MAD select with resistor
SIF2
24
24
27
27
SIF differential input 2 and MAD select with resistor
n.c.
-
-
28
28
not connected
n.c.
-
-
29
29
not connected


Similar Part No. - TDA9886

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9886 PHILIPS-TDA9886 Datasheet
248Kb / 56P
   I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
2003 Oct 02
TDA9886HN/V4 PHILIPS-TDA9886HN/V4 Datasheet
248Kb / 56P
   I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
2003 Oct 02
TDA9886T/V4 PHILIPS-TDA9886T/V4 Datasheet
248Kb / 56P
   I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
2003 Oct 02
TDA9886TS/V4 PHILIPS-TDA9886TS/V4 Datasheet
248Kb / 56P
   I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
2003 Oct 02
More results

Similar Description - TDA9886

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9885 PHILIPS-TDA9885 Datasheet
248Kb / 56P
   I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
2003 Oct 02
TDA9884 NXP-TDA9884_06 Datasheet
301Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL for mobile reception
Rev. 02-12 May 2006
TDA9884TS PHILIPS-TDA9884TS Datasheet
231Kb / 55P
   I2C-bus controlled multistandard alignment-free IF-PLL for mobile reception
2003 Nov 28
TDA9887 PHILIPS-TDA9887 Datasheet
308Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
TDA9887TS NXP-TDA9887TS Datasheet
232Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
TDA9880 PHILIPS-TDA9880 Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9882 NXP-TDA9882 Datasheet
236Kb / 45P
   Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Rev. 01-16 November 2004
TDA9817 PHILIPS-TDA9817 Datasheet
240Kb / 41P
   Single/multistandard VIF/SIF-PLL and FM-PLL/AM demodulators
2004 Jun 29
logo
STMicroelectronics
STV223XD STMICROELECTRONICS-STV223XD Datasheet
1Mb / 76P
   I2C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
logo
NXP Semiconductors
TDA9143 PHILIPS-TDA9143 Datasheet
275Kb / 40P
   I2C-bus controlled, alignment-free PAL/NTSC/SECAM decoder/sync processor
1996 Jan 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com