Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA9886 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # TDA9886
Description  I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9886 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button TDA9886 Datasheet HTML 42Page - NXP Semiconductors TDA9886 Datasheet HTML 43Page - NXP Semiconductors TDA9886 Datasheet HTML 44Page - NXP Semiconductors TDA9886 Datasheet HTML 45Page - NXP Semiconductors TDA9886 Datasheet HTML 46Page - NXP Semiconductors TDA9886 Datasheet HTML 47Page - NXP Semiconductors TDA9886 Datasheet HTML 48Page - NXP Semiconductors TDA9886 Datasheet HTML 49Page - NXP Semiconductors TDA9886 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
xxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx x xxxxxxxxxxxxxx xxxxxxxxxx xxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxx
xxxxx xxxxxx xx xxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxx xxxxxxx xxxxxxxxxxxxxxxxxxx
xxxxxxxxxxxxxxxx xxxxxxxxxxxxxx xxxxxx xx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxx xxxxx x x
Pin numbers for TDA9885HN and TDA9886HN in parentheses.
(1) Optional for I2C-bus address selection; see Table 23.
(2) Different VIF loop filter in comparison with the application diagram due to different input characteristics (SAW filter or transformer).
(3) Not connected for TDA9885.
Fig 26. Test circuit
mhc124
(30)
1
(1)
3
(5)
7
(31)
2
(2)
4
(3)
5
(4)
6
22
(24)
23
(26)
18
(20)
21
(23)
20
(22)
19
(21)
(7)
8
(8)
9
(9)
10
17
(18)
16
15
(16)
14
(15)
13
(6, 12, 13,
14, 17, 19,
25, 28,
29, 32)
external
reference
AFC
output
VIF-PLL
filter (2)
VP
4 MHz
24
(27)
470 nF
390
pF
10 nF
VIF1
VIF2
SIF2
SIF1
OP1
FMPLL
VAGC(3)
AFC
VPLL
VP
AGND
DEEM
AFD
DGND
AUD
(10)
11
SCL
(11)
12
SIOMAD
TOP
SDA
100
nF
100
pF
1.5
nF
tuner AGC
output
CVBS
output
TAGC
n.c.
CVBS
OP2
REF
5.6 k
10 nF
FM-PLL
filter
22
k
22 k
150 k
150 k
R2
(1)
R3
150
220 nF
Cx
470 nF
R1
2.2
k
(1)
MAD
select
audio
output
intercarrier
output
TDA9885
TDA9886
51
1 : 1
VIF
input
51
1 : 1
SIF
input
22 k


Similar Part No. - TDA9886

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9886 PHILIPS-TDA9886 Datasheet
248Kb / 56P
   I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
2003 Oct 02
TDA9886HN/V4 PHILIPS-TDA9886HN/V4 Datasheet
248Kb / 56P
   I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
2003 Oct 02
TDA9886T/V4 PHILIPS-TDA9886T/V4 Datasheet
248Kb / 56P
   I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
2003 Oct 02
TDA9886TS/V4 PHILIPS-TDA9886TS/V4 Datasheet
248Kb / 56P
   I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
2003 Oct 02
More results

Similar Description - TDA9886

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9885 PHILIPS-TDA9885 Datasheet
248Kb / 56P
   I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
2003 Oct 02
TDA9884 NXP-TDA9884_06 Datasheet
301Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL for mobile reception
Rev. 02-12 May 2006
TDA9884TS PHILIPS-TDA9884TS Datasheet
231Kb / 55P
   I2C-bus controlled multistandard alignment-free IF-PLL for mobile reception
2003 Nov 28
TDA9887 PHILIPS-TDA9887 Datasheet
308Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
TDA9887TS NXP-TDA9887TS Datasheet
232Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
TDA9880 PHILIPS-TDA9880 Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9882 NXP-TDA9882 Datasheet
236Kb / 45P
   Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Rev. 01-16 November 2004
TDA9817 PHILIPS-TDA9817 Datasheet
240Kb / 41P
   Single/multistandard VIF/SIF-PLL and FM-PLL/AM demodulators
2004 Jun 29
logo
STMicroelectronics
STV223XD STMICROELECTRONICS-STV223XD Datasheet
1Mb / 76P
   I2C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
logo
NXP Semiconductors
TDA9143 PHILIPS-TDA9143 Datasheet
275Kb / 40P
   I2C-bus controlled, alignment-free PAL/NTSC/SECAM decoder/sync processor
1996 Jan 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com