Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8950J Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA8950J
Description  2 X 150 W class-D power amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8950J Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA8950J Datasheet HTML 5Page - NXP Semiconductors TDA8950J Datasheet HTML 6Page - NXP Semiconductors TDA8950J Datasheet HTML 7Page - NXP Semiconductors TDA8950J Datasheet HTML 8Page - NXP Semiconductors TDA8950J Datasheet HTML 9Page - NXP Semiconductors TDA8950J Datasheet HTML 10Page - NXP Semiconductors TDA8950J Datasheet HTML 11Page - NXP Semiconductors TDA8950J Datasheet HTML 12Page - NXP Semiconductors TDA8950J Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
TDA8950_1
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 01 — 9 September 2008
9 of 39
NXP Semiconductors
TDA8950
2
× 150 W class-D power amplifier
TFB is specified at the temperature value Tact(th_fold) where the closed loop voltage gain is
reduced with 6 dB. The range of the TFB is:
Tact(th_fold) − 5 °C < Tact(th_fold) < Tact(th_prot).
For the TDA8950 the value of Tact(th_fold) is about +153 °C. For more details see: Table 7.
8.3.1.2
OverTemperature Protection (OTP)
If, despite the TFB function, the junction temperature Tj of the TDA8950 continues rising
and exceeds the threshold Tact(th_prot) the amplifier will shutdown immediately. The
amplifier resumes switching approximately 100 ms after the temperature drops below
Tact(th_prot).
In Figure 6 the thermal behavior is visualized.
8.3.2 OverCurrent Protection (OCP)
If a short-circuit is applied to one of the demodulated outputs of the amplifier, the OCP will
detect this. If the output current exceeds the maximum of 9.2 A, it is automatically limited
to its maximum value by the OCP protection circuit. The amplifier outputs remain
switching (the amplifier is NOT shut-down completely). If the active current limiting
continues longer than time
τ, the TDA8950 shuts down. Activation of current limiting and
the triggering of the OCP are observed at pin PROT.
The amplifier can distinguish between an impedance drop of the loudspeaker and a
low-ohmic short-circuit across the load. In the TDA8950 the impedance threshold (Zth)
depends on the supply voltage used.
When a short-circuit is made across the load, causing the impedance to drop below the
threshold level (<Zth), the amplifier is switched off completely and, after a time of 100 ms,
it will try to restart. If the short-circuit condition is still present after this time, the cycle will
be repeated. The average dissipation will be low because of this low duty cycle.
(1) Duty cycle of PWM output modulated according audio input signal.
(2) Duty cycle of PWM output reduced due to TFB.
(3) Amplifier is switched off due to OTP.
Fig 6.
Behavior of TFB and OTP
001aah656
(Tact(th_fold) − 5°C)
Tact(th_fold)
Tj (°C)
Tact(th_prot)
Gain
(dB)
30 dB
24 dB
0 dB
12
3


Similar Part No. - TDA8950J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8950J PHILIPS-TDA8950J Datasheet
242Kb / 39P
   2 쨈 150 W class-D power amplifier
Rev. 02-11 June 2009
TDA8950J-N1112 PHILIPS-TDA8950J-N1112 Datasheet
242Kb / 39P
   2 쨈 150 W class-D power amplifier
Rev. 02-11 June 2009
More results

Similar Description - TDA8950J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8950 PHILIPS-TDA8950_15 Datasheet
242Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 02-11 June 2009
TDA8950J-N1112 PHILIPS-TDA8950J-N1112 Datasheet
242Kb / 39P
   2 쨈 150 W class-D power amplifier
Rev. 02-11 June 2009
TDA8922C NXP-TDA8922C Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8920C PHILIPS-TDA8920C_15 Datasheet
242Kb / 39P
   2 X 110 W class-D power amplifier
Rev. 02-11 June 2009
TDA8922B PHILIPS-TDA8922B Datasheet
201Kb / 32P
   2 X 50 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920 PHILIPS-TDA8920 Datasheet
129Kb / 16P
   2 x 50 W class-D power amplifier
1998 Dec 01
TDA8924 PHILIPS-TDA8924 Datasheet
722Kb / 35P
   2 x 120 W class-D power amplifier
2003 Jul 28
TDA8922 PHILIPS-TDA8922 Datasheet
748Kb / 36P
   2 x 25 W class-D power amplifier
2003 Mar 20
TDA8920B PHILIPS-TDA8920B Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8926 PHILIPS-TDA8926 Datasheet
332Kb / 32P
   Power stage 2 x 50 W class-D audio amplifier
2002 Oct 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com