Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8933BTW Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA8933BTW
Description  Class D audio amplifier
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8933BTW Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA8933BTW Datasheet HTML 7Page - NXP Semiconductors TDA8933BTW Datasheet HTML 8Page - NXP Semiconductors TDA8933BTW Datasheet HTML 9Page - NXP Semiconductors TDA8933BTW Datasheet HTML 10Page - NXP Semiconductors TDA8933BTW Datasheet HTML 11Page - NXP Semiconductors TDA8933BTW Datasheet HTML 12Page - NXP Semiconductors TDA8933BTW Datasheet HTML 13Page - NXP Semiconductors TDA8933BTW Datasheet HTML 14Page - NXP Semiconductors TDA8933BTW Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
TDA8933B_1
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 01 — 23 October 2008
11 of 42
NXP Semiconductors
TDA8933B
Class D audio amplifier
8.5 Diagnostic input and output
Except for TF, whenever one of the protections is triggered pin DIAG is activated to LOW
level (see Table 6). An internal current source will pull up the open-drain DIAG output to
approximately 2.5 V. This current source can deliver approximately 50
µA. The DIAG pin
refers to pin CGND. The diagnostic output signal during different short circuit conditions is
illustrated in Figure 5. Using pin DIAG as input, a voltage < 0.8 V will put the device into
Fault mode.
8.6 Differential inputs
For a high common-mode rejection ratio and for maximum flexibility in the application the
audio inputs are fully differential. By connecting the inputs anti-parallel the phase of one of
the two channels can be inverted so that the amplifier can then operate as a mono BTL
amplifier. The input configuration for a mono BTL application is illustrated in Figure 6.
In the SE configuration it is also recommended to connect the two differential inputs in
anti-phase. This has advantages for the current handling of the power supply at low signal
frequencies and minimizes supply pumping (see also Section 14.8).
Fig 5.
Diagnostic output for different short circuit conditions
001aad759
≈ 50 ms
shorted load
amplifier
restart
no restart
≈ 50 ms
0 V
2.4 V
Vo
short to
supply line
0 V
2.4 V
Vo
Fig 6.
Input configuration for a mono BTL application
001aad760
IN1P
OUT1
audio
input
IN2P
IN2N
IN1N
OUT2


Similar Part No. - TDA8933BTW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8933 NXP-TDA8933 Datasheet
265Kb / 47P
   Class-D audio amplifier
Rev. 01-15 May 2007
TDA8933T NXP-TDA8933T Datasheet
265Kb / 47P
   Class-D audio amplifier
Rev. 01-15 May 2007
More results

Similar Description - TDA8933BTW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8933 NXP-TDA8933 Datasheet
265Kb / 47P
   Class-D audio amplifier
Rev. 01-15 May 2007
TDA8932B NXP-TDA8932B Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
logo
International Rectifier
IRAUDPS3 IRF-IRAUDPS3_15 Datasheet
1Mb / 20P
   Class-D Audio Amplifier
logo
NXP Semiconductors
TDA8932B PHILIPS-TDA8932B_15 Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
TDA8932 NXP-TDA8932 Datasheet
246Kb / 45P
   Class-D audio amplifier
Rev.02-12 December 2006
logo
AiT Semiconductor Inc.
A2323 AITSEMI-A2323 Datasheet
1Mb / 18P
   AUDIO AMPLIFIER 2.65W CLASS-D AUDIO POWER AMPLIFIER
REV3.0
logo
Analog Devices
AD1990 AD-AD1990 Datasheet
389Kb / 16P
   Class-D Audio Power Amplifier
Rev. PrA ??1/20/05
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V Datasheet
258Kb / 24P
   Class-D Audio Power Amplifier
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
logo
Analog Devices
ADAU1592 AD-ADAU1592 Datasheet
540Kb / 24P
   Class-D Audio Power Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com