Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8933B Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8933B
Description  Class D audio amplifier
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8933B Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8933B Datasheet HTML 1Page - NXP Semiconductors TDA8933B Datasheet HTML 2Page - NXP Semiconductors TDA8933B Datasheet HTML 3Page - NXP Semiconductors TDA8933B Datasheet HTML 4Page - NXP Semiconductors TDA8933B Datasheet HTML 5Page - NXP Semiconductors TDA8933B Datasheet HTML 6Page - NXP Semiconductors TDA8933B Datasheet HTML 7Page - NXP Semiconductors TDA8933B Datasheet HTML 8Page - NXP Semiconductors TDA8933B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
TDA8933B_1
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 01 — 23 October 2008
4 of 42
NXP Semiconductors
TDA8933B
Class D audio amplifier
7.
Pinning information
7.1 Pinning
7.2 Pin description
Fig 2.
Pin configuration diagram (HTSSOP32 package)
TDA8933BTW
VSSD(HW)
VSSD(HW)
IN1P
OSCIO
IN1N
HVP1
DIAG
VDDP1
ENGAGE
BOOT1
POWERUP
OUT1
CGND
VSSP1
VDDA
STAB1
VSSA
STAB2
OSCREF
VSSP2
HVPREF
OUT2
INREF
BOOT2
TEST
VDDP2
IN2N
HVP2
IN2P
DREF
VSSD(HW)
VSSD(HW)
010aaa456
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
18
17
20
19
22
21
24
23
26
25
32
31
30
29
28
27
Table 3.
Pinning description
Symbol
Pin
Description
VSSD(HW)
1
negative digital supply voltage and handle wafer connection
IN1P
2
positive audio input for channel 1
IN1N
3
negative audio input for channel 1
DIAG
4
diagnostic output; open-drain
ENGAGE
5
engage input to switch between Mute mode and Operating mode
POWERUP
6
power-up input to switch between Sleep mode and Mute mode
CGND
7
control ground; reference for POWERUP, ENGAGE and DIAG
VDDA
8
positive analog supply voltage
VSSA
9
negative analog supply voltage
OSCREF
10
input internal oscillator setting (only master setting)
HVPREF
11
decoupling of internal half supply voltage reference
INREF
12
decoupling for input reference voltage
TEST
13
test signal input; for testing purpose only
IN2N
14
negative audio input for channel 2
IN2P
15
positive audio input for channel 2
VSSD(HW)
16
negative digital supply voltage and handle wafer connection
VSSD(HW)
17
negative digital supply voltage and handle wafer connection
DREF
18
decoupling of internal (reference) 5 V regulator for logic supply


Similar Part No. - TDA8933B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8933 NXP-TDA8933 Datasheet
265Kb / 47P
   Class-D audio amplifier
Rev. 01-15 May 2007
TDA8933T NXP-TDA8933T Datasheet
265Kb / 47P
   Class-D audio amplifier
Rev. 01-15 May 2007
More results

Similar Description - TDA8933B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8933 NXP-TDA8933 Datasheet
265Kb / 47P
   Class-D audio amplifier
Rev. 01-15 May 2007
TDA8932B NXP-TDA8932B Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
logo
International Rectifier
IRAUDPS3 IRF-IRAUDPS3_15 Datasheet
1Mb / 20P
   Class-D Audio Amplifier
logo
NXP Semiconductors
TDA8932B PHILIPS-TDA8932B_15 Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
TDA8932 NXP-TDA8932 Datasheet
246Kb / 45P
   Class-D audio amplifier
Rev.02-12 December 2006
logo
AiT Semiconductor Inc.
A2323 AITSEMI-A2323 Datasheet
1Mb / 18P
   AUDIO AMPLIFIER 2.65W CLASS-D AUDIO POWER AMPLIFIER
REV3.0
logo
Analog Devices
AD1990 AD-AD1990 Datasheet
389Kb / 16P
   Class-D Audio Power Amplifier
Rev. PrA ??1/20/05
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V Datasheet
258Kb / 24P
   Class-D Audio Power Amplifier
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
logo
Analog Devices
ADAU1592 AD-ADAU1592 Datasheet
540Kb / 24P
   Class-D Audio Power Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com