Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8920CJ Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8920CJ
Description  2 X110 W class-D power amplifier
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8920CJ Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8920CJ Datasheet HTML 4Page - NXP Semiconductors TDA8920CJ Datasheet HTML 5Page - NXP Semiconductors TDA8920CJ Datasheet HTML 6Page - NXP Semiconductors TDA8920CJ Datasheet HTML 7Page - NXP Semiconductors TDA8920CJ Datasheet HTML 8Page - NXP Semiconductors TDA8920CJ Datasheet HTML 9Page - NXP Semiconductors TDA8920CJ Datasheet HTML 10Page - NXP Semiconductors TDA8920CJ Datasheet HTML 11Page - NXP Semiconductors TDA8920CJ Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
TDA8920C_1
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 01 — 29 September 2008
8 of 40
NXP Semiconductors
TDA8920C
2
× 110 W class-D power amplifier
8.2 Pulse-width modulation frequency
The output signal of the amplifier is a PWM signal with a carrier frequency typically
between 300 kHz and 400 kHz. Using a 2nd-order LC demodulation filter in the
application results in an analog audio signal across the loudspeaker. The carrier
frequency is determined by an external resistor ROSC, connected between pin OSC and
pin VSSA. An optimal setting for the carrier frequency is between 300 kHz and 400 kHz.
The carrier frequency is set to 345 kHz by connecting a 30 k
Ω external resistor between
pin OSC and VSSA. See Table 8 for more details.
If two or more class-D amplifiers are used in the same audio application, it is
recommended that all devices use an external clock circuit to ensure that they operate at
the same switching frequency.
8.3 Protection
The following protection strategies are provided:
Thermal protection:
– Thermal FoldBack (TFB)
– OverTemperature Protection (OTP)
OverCurrent Protection (OCP, diagnostic output on pin PROT)
Window Protection (WP)
Supply voltage protection:
– UnderVoltage Protection (UVP)
– OverVoltage Protection (OVP)
– UnBalance Protection (UBP)
The device reacts to fault conditions differently for each protection type.
8.3.1 Thermal protection
The TDA8920C has an advanced thermal protection strategy. It consists of a TFB function
that gradually reduces the output power within a defined temperature range. If the
temperature continues to rise, OTP is implemented, shutting down the device completely.
8.3.1.1
Thermal FoldBack (TFB)
If the junction temperature (Tj) exceeds the defined threshold value, the gain is gradually
reduced. This reduces the output signal amplitude and the power dissipation, eventually
stabilizing the temperature.


Similar Part No. - TDA8920CJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8920CJ NXP-TDA8920CJ Datasheet
242Kb / 39P
   2 쨈 110 W class-D power amplifier
Rev. 02-11 June 2009
More results

Similar Description - TDA8920CJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA005D12 TI-TPA005D12 Datasheet
119Kb / 8P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA8922C NXP-TDA8922C Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8920C PHILIPS-TDA8920C_15 Datasheet
242Kb / 39P
   2 X 110 W class-D power amplifier
Rev. 02-11 June 2009
TDA8920C NXP-TDA8920C_09 Datasheet
242Kb / 39P
   2 쨈 110 W class-D power amplifier
Rev. 02-11 June 2009
TDA8950 NXP-TDA8950 Datasheet
271Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 01-9 September 2008
TDA8922B PHILIPS-TDA8922B Datasheet
201Kb / 32P
   2 X 50 W class-D power amplifier
Rev. 01-1 October 2004
logo
Texas Instruments
TPA005D02 TI-TPA005D02 Datasheet
381Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D14 TI-TPA005D14 Datasheet
420Kb / 29P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D02 TI1-TPA005D02_10 Datasheet
379Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA8920 PHILIPS-TDA8920 Datasheet
129Kb / 16P
   2 x 50 W class-D power amplifier
1998 Dec 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com