Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC16C754B Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SC16C754B
Description  5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C754B Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SC16C754B Datasheet HTML 2Page - NXP Semiconductors SC16C754B Datasheet HTML 3Page - NXP Semiconductors SC16C754B Datasheet HTML 4Page - NXP Semiconductors SC16C754B Datasheet HTML 5Page - NXP Semiconductors SC16C754B Datasheet HTML 6Page - NXP Semiconductors SC16C754B Datasheet HTML 7Page - NXP Semiconductors SC16C754B Datasheet HTML 8Page - NXP Semiconductors SC16C754B Datasheet HTML 9Page - NXP Semiconductors SC16C754B Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
SC16C754B_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 6 October 2008
6 of 51
NXP Semiconductors
SC16C754B
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
5.2 Pin description
Fig 4.
Pin configuration for PLCC68
SC16C754BIA68
DSRA
DSRD
CTSA
CTSD
DTRA
DTRD
VCC
GND
RTSA
RTSD
INTA
INTD
CSA
CSD
TXA
TXD
IOW
IOR
TXB
TXC
CSB
INTB
RTSB
GND
DTRB
CTSB
DSRB
CSC
INTC
RTSC
VCC
DTRC
CTSC
DSRC
002aaa868
10
11
12
13
14
15
16
17
18
19
20
60
59
58
57
56
55
54
53
52
51
50
21
22
23
24
25
26
49
48
47
46
45
44
Table 2.
Pin description
Symbol
Pin
Type
Description
LQFP64 LQFP80 PLCC68
A0
24
30
34
I
Address 0 select bit. Internal registers address selection.
A1
23
29
33
I
Address 1 select bit. Internal registers address selection.
A2
22
28
32
I
Address 2 select bit. Internal registers address selection.
CDA64
79
9
I
Carrier Detect (active LOW). These inputs are associated with
individual UART channels A through D. A logic LOW on these pins
indicates that a carrier has been detected by the modem for that channel.
The state of these inputs is reflected in the Modem Status Register
(MSR).
CDB
18
23
27
CDC
31
39
43
CDD
49
63
61
CLKSEL
-
26
30
I
Clock Select. CLKSEL selects the divide-by-1 or divide-by-4 prescalable
clock. During the reset, a logic 1 (VCC) on CLKSEL selects the
divide-by-1 prescaler. A logic 0 (GND) on CLKSEL selects the divide-by-4
prescaler. The value of CLKSEL is latched into MCR[7] at the trailing
edge of RESET. A logic 1 (VCC) on CLKSEL will latch a logic 0 into
MCR[7]. A logic 0 (GND) on CLKSEL will latch a logic 1 into MCR[7].
MCR[7] can be changed after RESET to alter the prescaler value. This
pin is associated with LQFP80 and PLCC68 packages only. This pin is
connected to VCC internally on LQFP64 package.


Similar Part No. - SC16C754B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C754B PHILIPS-SC16C754B Datasheet
259Kb / 50P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 02-13 June 2005
SC16C754BIA68 PHILIPS-SC16C754BIA68 Datasheet
259Kb / 50P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 02-13 June 2005
SC16C754BIB80 PHILIPS-SC16C754BIB80 Datasheet
259Kb / 50P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 02-13 June 2005
SC16C754BIBM PHILIPS-SC16C754BIBM Datasheet
259Kb / 50P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 02-13 June 2005
More results

Similar Description - SC16C754B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C754B PHILIPS-SC16C754B Datasheet
259Kb / 50P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 02-13 June 2005
SC16C752B PHILIPS-SC16C752B Datasheet
225Kb / 47P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 03-14 December 2004
SC16C752B NXP-SC16C752B Datasheet
226Kb / 47P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 05-2 October 2008
SC16C554B PHILIPS-SC16C554B Datasheet
253Kb / 51P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 01-9 February 2005
SC16C554BIB80-T NXP-SC16C554BIB80-T Datasheet
1Mb / 58P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 4-8 June 2010
SC16C554B NXP-SC16C554B_10 Datasheet
1Mb / 58P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 4-8 June 2010
SC16C2550B PHILIPS-SC16C2550B_07 Datasheet
211Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 04-15 February 2007
SC16C2552B NXP-SC16C2552B Datasheet
188Kb / 38P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 03-12 February 2009
SC16C2550B NXP-SC16C2550B Datasheet
221Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 05-12 January 2009
SC16C752B NXP-SC16C752B_10 Datasheet
1,019Kb / 47P
   5 V, 2.2 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 6-30 November 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com