Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD5V0U1UA Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PESD5V0U1UA
Description  Ultra low capacitance unidirectional ESD protection diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD5V0U1UA Datasheet(HTML) 4 Page - NXP Semiconductors

  PESD5V0U1UA Datasheet HTML 1Page - NXP Semiconductors PESD5V0U1UA Datasheet HTML 2Page - NXP Semiconductors PESD5V0U1UA Datasheet HTML 3Page - NXP Semiconductors PESD5V0U1UA Datasheet HTML 4Page - NXP Semiconductors PESD5V0U1UA Datasheet HTML 5Page - NXP Semiconductors PESD5V0U1UA Datasheet HTML 6Page - NXP Semiconductors PESD5V0U1UA Datasheet HTML 7Page - NXP Semiconductors PESD5V0U1UA Datasheet HTML 8Page - NXP Semiconductors PESD5V0U1UA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PESD5V0U1UA_UB_UL_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 30 October 2008
4 of 12
NXP Semiconductors
PESD5V0U1UA/UB/UL
Ultra low capacitance unidirectional ESD protection diodes
6.
Characteristics
Table 9.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRWM
reverse standoff voltage
-
-
5
V
IRM
reverse leakage current
VRWM = 5 V
-
1
100
nA
VBR
breakdown voltage
IR = 5 mA
5.8
6.8
8.8
V
Cd
diode capacitance
f=1MHz
VR = 0 V
-
2
2.6
pF
VR = 5 V
-
1.7
2.3
pF
rdif
differential resistance
IR = 1 mA
-
-
100
f = 1 MHz; Tamb =25 °C
Fig 2.
Diode capacitance as a function of reverse
voltage; typical values
Fig 3.
V-I characteristics for a unidirectional
ESD protection diode
VR (V)
05
4
23
1
006aab348
1.8
1.7
1.9
2.0
Cd
(pF)
1.6
006aaa407
−VCL −VBR −VRWM
−IRM
−IR
−IPP
V
I
P-N
+


Similar Part No. - PESD5V0U1UA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0U1UA PHILIPS-PESD5V0U1UA Datasheet
88Kb / 12P
   Ultra low capacitance unidirectional ESD protection diodes
Rev. 01-30 October 2008
logo
Nexperia B.V. All right...
PESD5V0U1UA NEXPERIA-PESD5V0U1UA Datasheet
151Kb / 12P
   Ultra low capacitance unidirectional ESD protection diodes
Rev. 01 - 30 October 2008
PESD5V0U1UA NEXPERIA-PESD5V0U1UA Datasheet
151Kb / 12P
   Ultra low capacitance unidirectional ESD protection diodes
Rev. 01 - 30 October 2008
PESD5V0U1UA-Q NEXPERIA-PESD5V0U1UA-Q Datasheet
216Kb / 11P
   Ultra low capacitance unidirectional ESD protection diode
13 July 2022
PESD5V0U1UA NEXPERIA-PESD5V0U1UA_V01 Datasheet
151Kb / 12P
   Ultra low capacitance unidirectional ESD protection diodes
Rev. 01 - 30 October 2008
More results

Similar Description - PESD5V0U1UA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD3V3U1UA PHILIPS-PESD3V3U1UA Datasheet
96Kb / 12P
   Ultra low capacitance unidirectional ESD protection diodes
Rev. 01-30 October 2008
logo
Nexperia B.V. All right...
PESD5V0U1UB-Q NEXPERIA-PESD5V0U1UB-Q Datasheet
202Kb / 11P
   Ultra low capacitance unidirectional ESD protection diodes
10 June 2022
PESD5V0U1UA NEXPERIA-PESD5V0U1UA_V01 Datasheet
151Kb / 12P
   Ultra low capacitance unidirectional ESD protection diodes
Rev. 01 - 30 October 2008
logo
NXP Semiconductors
PESD3V3U1UL NXP-PESD3V3U1UL Datasheet
88Kb / 12P
   Ultra low capacitance unidirectional ESD protection diodes
Rev. 01-30 October 2008
PESD5V0U1UA PHILIPS-PESD5V0U1UA Datasheet
88Kb / 12P
   Ultra low capacitance unidirectional ESD protection diodes
Rev. 01-30 October 2008
logo
Nexperia B.V. All right...
PESD3V3U1UB NEXPERIA-PESD3V3U1UB Datasheet
208Kb / 10P
   Ultra low capacitance unidirectional ESD protection diodes
6 April 2021
PESD3V3U1UA NEXPERIA-PESD3V3U1UA Datasheet
716Kb / 12P
   Ultra low capacitance unidirectional ESD protection diodes
Rev. 01 - 30 October 2008
PESD5V0U1UA NEXPERIA-PESD5V0U1UA Datasheet
151Kb / 12P
   Ultra low capacitance unidirectional ESD protection diodes
Rev. 01 - 30 October 2008
logo
NXP Semiconductors
PESD3V3L1UA PHILIPS-PESD3V3L1UA Datasheet
120Kb / 13P
   Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
PESD3V3L1UA NXP-PESD3V3L1UA Datasheet
120Kb / 13P
   Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com